Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSTW001A3B Datasheet(PDF) 4 Page - Lineage Power Corporation

Part # SSTW001A3B
Description  36-75Vdc Input; 12Vdc, 1.3A, 15W Output
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

SSTW001A3B Datasheet(HTML) 4 Page - Lineage Power Corporation

  SSTW001A3B Datasheet HTML 1Page - Lineage Power Corporation SSTW001A3B Datasheet HTML 2Page - Lineage Power Corporation SSTW001A3B Datasheet HTML 3Page - Lineage Power Corporation SSTW001A3B Datasheet HTML 4Page - Lineage Power Corporation SSTW001A3B Datasheet HTML 5Page - Lineage Power Corporation SSTW001A3B Datasheet HTML 6Page - Lineage Power Corporation SSTW001A3B Datasheet HTML 7Page - Lineage Power Corporation SSTW001A3B Datasheet HTML 8Page - Lineage Power Corporation SSTW001A3B Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
GE
Data Sheet
SSTW001A3B Barracuda™ Series; DC-DC Converter Power Modules
36-75Vdc Input; 12Vdc, 1.3A, 15W Output
March 26, 2013
©2012 General Electric Company. All rights reserved.
Page 4
Feature Specifications
Unless otherwise indicated, specifications apply over all operating input voltage, resistive load, and temperature conditions. See
Feature Descriptions for additional information.
Parameter
Device
Symbol
Min
Typ
Max
Unit
Remote On/Off Signal Interface
(VIN=VIN, min to VIN, max ; open collector or equivalent,
Signal referenced to VIN- terminal)
Negative Logic: device code suffix “1”
Logic Low = module On, Logic High = module Off
Positive Logic: No device code suffix required
Logic Low = module Off, Logic High = module On
Logic Low - Remote On/Off Current (Von/off = -0.7Vdc)
All
Ion/off
0.15
mA
Logic Low - On/Off Voltage
All
Von/off
-0.7
0.8
Vdc
Logic High Voltage (Ion/off = 0Adc)
All
Von/off
2.0
18
Vdc
Logic High maximum allowable leakage current
All
Ion/off
25
μA
Turn-On Delay and Rise Times
(IO=80% of IO, max, TA=25°C)
Case 1: Input power is applied for at least 1second, and then the
On/Off input is set from OFF to ON (Tdelay = on/off pin transition until
VO = 10% of VO, set)
All
Tdelay
Case1
20
25
ms
Case 2: On/Off input is set to Module ON, and then input power is
applied (Tdelay = VIN reaches VIN, min until VO = 10% of VO,set)
All
Tdelay
Case2
20
25
ms
Output voltage Rise time (time for Vo to rise from 10%
of Vo,set to 90% of Vo, set)
All
Trise
10
20
ms
Output Voltage Overshoot
3
% VO, set
(IO=80% of IO, max, VIN= 48Vdc, TA=25°C)
Output Overvoltage Protection
All
VO, limit
13.6
16.8
Vdc
Input Undervoltage Lockout
Turn-on Threshold
All
Vuv/on
34
36
Vdc
Turn-off Threshold
All
Vuv/off
30
32
Vdc
Hysterisis
All
Vhyst
2.0
Vdc


Similar Part No. - SSTW001A3B

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
SSTW003A0A LINEAGEPOWER-SSTW003A0A Datasheet
801Kb / 15P
   36-75Vdc Input; 5.0Vdc, 3A, 15W Output
SSTW003A0A41SRZ LINEAGEPOWER-SSTW003A0A41SRZ Datasheet
801Kb / 15P
   36-75Vdc Input; 5.0Vdc, 3A, 15W Output
SSTW003A0A41Z LINEAGEPOWER-SSTW003A0A41Z Datasheet
801Kb / 15P
   36-75Vdc Input; 5.0Vdc, 3A, 15W Output
SSTW005A0F LINEAGEPOWER-SSTW005A0F Datasheet
790Kb / 15P
   36-75Vdc Input; 3.3Vdc, 5A, 15W Output
SSTW005A0F41SRZ LINEAGEPOWER-SSTW005A0F41SRZ Datasheet
790Kb / 15P
   36-75Vdc Input; 3.3Vdc, 5A, 15W Output
More results

Similar Description - SSTW001A3B

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
JRW017A0B LINEAGEPOWER-JRW017A0B Datasheet
461Kb / 24P
   36-75Vdc Input; 1.2Vdc to 12Vdc Output
EQW006A0B LINEAGEPOWER-EQW006A0B Datasheet
980Kb / 19P
   36 - 75Vdc Input; 12Vdc Output; 6A Output Current
QBW018A0B LINEAGEPOWER-QBW018A0B Datasheet
503Kb / 16P
   36-75Vdc Input; 12Vdc Output; 18A Output Current
QBW018A0B61-HTZ LINEAGEPOWER-QBW018A0B61-HTZ Datasheet
493Kb / 14P
   36-75Vdc Input; 12Vdc Output; 18A Output Current
QSW025A0B1Z LINEAGEPOWER-QSW025A0B1Z Datasheet
416Kb / 16P
   36 - 75Vdc Input; 12Vdc Output; 25A Output Current
logo
Vishay Siliconix
EBVW020A0B VISHAY-EBVW020A0B Datasheet
1Mb / 16P
   36-75Vdc Input; 12Vdc Output; 20A Output Current
Data Sheet June 27, 2012
logo
Lineage Power Corporati...
SSTW005A0F LINEAGEPOWER-SSTW005A0F Datasheet
790Kb / 15P
   36-75Vdc Input; 3.3Vdc, 5A, 15W Output
SSTW003A0A LINEAGEPOWER-SSTW003A0A Datasheet
801Kb / 15P
   36-75Vdc Input; 5.0Vdc, 3A, 15W Output
KSTW015A0F LINEAGEPOWER-KSTW015A0F Datasheet
920Kb / 16P
   36-75Vdc Input; 3.3Vdc, 15A Output
ESTW006A0B LINEAGEPOWER-ESTW006A0B Datasheet
1Mb / 18P
   36 - 75Vdc Input; 12V/6Adc Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com