Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QBVS050A0B41HZ Datasheet(PDF) 9 Page - Lineage Power Corporation

Part # QBVS050A0B41HZ
Description  52-60Vdc Input; 12.0Vdc, 50.0A, 600W Output
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

QBVS050A0B41HZ Datasheet(HTML) 9 Page - Lineage Power Corporation

Back Button QBVS050A0B41HZ Datasheet HTML 5Page - Lineage Power Corporation QBVS050A0B41HZ Datasheet HTML 6Page - Lineage Power Corporation QBVS050A0B41HZ Datasheet HTML 7Page - Lineage Power Corporation QBVS050A0B41HZ Datasheet HTML 8Page - Lineage Power Corporation QBVS050A0B41HZ Datasheet HTML 9Page - Lineage Power Corporation QBVS050A0B41HZ Datasheet HTML 10Page - Lineage Power Corporation QBVS050A0B41HZ Datasheet HTML 11Page - Lineage Power Corporation QBVS050A0B41HZ Datasheet HTML 12Page - Lineage Power Corporation QBVS050A0B41HZ Datasheet HTML 13Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
GE
Data Sheet
QBVS050A0B Barracuda Series; DC-DC Converter Power Modules
52-60Vdc Input; 12.0Vdc, 50.0A, 600W Output
October 31, 2013
©2012 General Electric Company. All rights reserved.
Page 9
Feature Descriptions (continued)
Figure 16. Location of the thermal reference temperature
TH1 for base plate module.
Heat Transfer via Convection
The thermal data presented here is based on physical
measurements taken in a wind tunnel, using automated
thermo-couple instrumentation to monitor key component
temperatures: FETs, diodes, control ICs, magnetic cores,
ceramic capacitors, opto-isolators, and module pwb
conductors, while controlling the ambient airflow rate and
temperature. For a given airflow and ambient temperature,
the module output power is increased, until one (or more) of
the components reaches its maximum derated operating
temperature, as defined in IPC-9592A. This procedure is then
repeated for a different airflow or ambient temperature until
a family of module output derating curves is obtained.
Please refer to the Application Note “Thermal
Characterization Process For Open-Frame Board-Mounted
Power Modules” for a detailed discussion of thermal aspects
including maximum device temperatures.
Figure 17. Thermal Test Setup .
Increased airflow over the module enhances the heat
transfer via convection. The thermal derating of figure 18-
21 shows the maximum output current that can be
delivered by each module in the indicated orientation
without exceeding the maximum THx temperature versus
local ambient temperature (TA) for several air flow
conditions.
LOCAL AMBIENT TEMPERATURE, TA (C)
Figure 18. Output Current Derating for the QBVS050A0Bxx-H
in the Transverse Orientation;
Airflow Direction from Vin(-) to Vin(+); Vin = 54V.
LOCAL AMBIENT TEMPERATURE, TA (C)
Figure 19. Output Current Derating for the QBVS050A0Bxx-H
+ 0.5” Heat Sink in the Transverse Orientation;
Airflow Direction from Vin(-) to Vin(+); Vin = 54V.
LOCAL AMBIENT TEMPERATURE, TA (C)
Figure 20. Output Current Derating for the QBVS050A0Bxx-H
in the Longitudinal Orientation;
Airflow Direction from Vout to Vin; Vin = 54V.


Similar Part No. - QBVS050A0B41HZ

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
QBVE060A0S10R4 LINEAGEPOWER-QBVE060A0S10R4 Datasheet
1Mb / 17P
   45-56Vdc Input; 10.4Vdc, 60.0A, 625W Output
QBVE060A0S10R441PHZ LINEAGEPOWER-QBVE060A0S10R441PHZ Datasheet
1Mb / 17P
   45-56Vdc Input; 10.4Vdc, 60.0A, 625W Output
QBVE060A0S10R441PZ LINEAGEPOWER-QBVE060A0S10R441PZ Datasheet
1Mb / 17P
   45-56Vdc Input; 10.4Vdc, 60.0A, 625W Output
QBVE060A0S10R461HZ LINEAGEPOWER-QBVE060A0S10R461HZ Datasheet
1Mb / 17P
   45-56Vdc Input; 10.4Vdc, 60.0A, 625W Output
QBVE078A0S10R441HZ LINEAGEPOWER-QBVE078A0S10R441HZ Datasheet
1Mb / 17P
   45-56Vdc Input; 10.4Vdc, 78.0A, 810W Output
More results

Similar Description - QBVS050A0B41HZ

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
EHW007A0B41Z LINEAGEPOWER-EHW007A0B41Z Datasheet
756Kb / 18P
   36-75Vdc Input; 12.0Vdc Output; 7A Output Current
KBVW006A0B LINEAGEPOWER-KBVW006A0B Datasheet
1Mb / 20P
   36??5Vdc Input; 12.0Vdc Output; 6A Output Current
EUK240S9R041Z LINEAGEPOWER-EUK240S9R041Z Datasheet
632Kb / 13P
   36 - 60Vdc input; 9.6Vdc Output; 240W
EBDW025A0B LINEAGEPOWER-EBDW025A0B Datasheet
1Mb / 32P
   36-75Vdc Input; 12.0Vdc, 25.0A, 300W Output
QBDW025A0B LINEAGEPOWER-QBDW025A0B Datasheet
1Mb / 32P
   36-75Vdc Input; 12.0Vdc, 25.0A, 300W Output
EBVW020A0B LINEAGEPOWER-EBVW020A0B Datasheet
1Mb / 18P
   36-75Vdc Input; 12.0Vdc, 20.0A, 240W Output
EQD075A1 LINEAGEPOWER-EQD075A1 Datasheet
482Kb / 15P
   18-60Vdc Input; 3.3 to 5.0Vdc Output; 75W
EQW010A0B1 LINEAGEPOWER-EQW010A0B1 Datasheet
1Mb / 28P
   36 - 75Vdc Input; 1.0 to 12.0Vdc Output; 10 to 40A Output Current
logo
DENSEI-LAMBDA
JWS50 LAMBDA-JWS50 Datasheet
349Kb / 5P
   Single output 50W ~ 600W???
logo
General Electric Compan...
QBVW025A0B GEC-QBVW025A0B Datasheet
1Mb / 19P
   Barracuda* Series; DC-DC Converter Power Modules 36-75Vdc Input; 12.0Vdc, 25.0A, 300W Output
Version 1.3 May 9, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com