Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QBDW025A0B Datasheet(PDF) 5 Page - Lineage Power Corporation

Part # QBDW025A0B
Description  36-75Vdc Input; 12.0Vdc, 25.0A, 300W Output
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

QBDW025A0B Datasheet(HTML) 5 Page - Lineage Power Corporation

  QBDW025A0B Datasheet HTML 1Page - Lineage Power Corporation QBDW025A0B Datasheet HTML 2Page - Lineage Power Corporation QBDW025A0B Datasheet HTML 3Page - Lineage Power Corporation QBDW025A0B Datasheet HTML 4Page - Lineage Power Corporation QBDW025A0B Datasheet HTML 5Page - Lineage Power Corporation QBDW025A0B Datasheet HTML 6Page - Lineage Power Corporation QBDW025A0B Datasheet HTML 7Page - Lineage Power Corporation QBDW025A0B Datasheet HTML 8Page - Lineage Power Corporation QBDW025A0B Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
GE
Data Sheet
QBDW025A0B Barracuda Series; DC-DC Converter Power Modules
36-75Vdc Input; 12.0Vdc, 25.0A, 300W Output
May 9, 2013
©2012 General Electric Company. All rights reserved.
Page 5
Digital Interface Specifications
Unless otherwise indicated, specifications apply over all operating input voltage, resistive load, and temperature conditions. See
Feature Descriptions for additional information.
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
PMBus Signal Interface Characteristics
Input High Voltage (CLK, DATA)
VIH
2.1
3.6
V
Input Low Voltage (CLK, DATA)
VIL
0.8
V
Input high level current (CLK, DATA)
IIH
-10
10
μA
Input low level current (CLK, DATA)
IIL
-10
10
μA
Output Low Voltage (CLK, DATA, SMBALERT#)
IOUT=2mA
VOL
0.4
V
Output high level open drain leakage current
(DATA, SMBALERT#)
VOUT=3.6V
IOH
0
10
μA
Pin capacitance
CO
0.7
pF
PMBus Operating frequency range
(* 5-10 kHz to accommodate hosts not
supporting clock stretching)
Slave Mode
FPMB
5*
400
kHz
Measurement System Characteristics
Output current reading range
IOUT(RNG)
1.6500
63.9375
A
Output current reading blanking
IOUT(BNK)
0
1.5875
A
Output current reading resolution
IOUT(RES)
62.5
mA
Output current reading accuracy
16.5A< Iout <25.0A
IOUT(ACC)
-5.0
-1.4
3.0
%
Output current reading accuracy (absolute
difference between actual and reported values)
1.65A< Iout <16.5A
IOUT(ACC)
-1.7
2.5
A
VOUT reading range
VOUT(RNG)
0
15.9997
V
VOUT reading resolution
VOUT(RES)
0.244
mV
VOUT reading accuracy
VOUT(ACC)
-2.0
0.6
2.0
%
VIN reading range
VIN(RNG)
0
127.875
V
VIN reading resolution
VIN(RES)
125
mV
VIN reading accuracy
VIN(ACC)
-4.0
0.8
4.0
%
Temperature reading resolution
T(RES)
0.25
Temperature reading accuracy
T(ACC)
-5.0
5.0
%


Similar Part No. - QBDW025A0B

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
QBDW033A0B41-HZ LINEAGEPOWER-QBDW033A0B41-HZ Datasheet
774Kb / 17P
   QBDW033A0B Series Power Modules; DC-DC Converters
QBDW033A0B41-PHZ LINEAGEPOWER-QBDW033A0B41-PHZ Datasheet
774Kb / 17P
   QBDW033A0B Series Power Modules; DC-DC Converters
QBDW033A0B41Z LINEAGEPOWER-QBDW033A0B41Z Datasheet
774Kb / 17P
   QBDW033A0B Series Power Modules; DC-DC Converters
More results

Similar Description - QBDW025A0B

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
EBDW025A0B LINEAGEPOWER-EBDW025A0B Datasheet
1Mb / 32P
   36-75Vdc Input; 12.0Vdc, 25.0A, 300W Output
logo
General Electric Compan...
QBVW025A0B GEC-QBVW025A0B Datasheet
1Mb / 19P
   Barracuda* Series; DC-DC Converter Power Modules 36-75Vdc Input; 12.0Vdc, 25.0A, 300W Output
Version 1.3 May 9, 2013
logo
Lineage Power Corporati...
EHW007A0B41Z LINEAGEPOWER-EHW007A0B41Z Datasheet
756Kb / 18P
   36-75Vdc Input; 12.0Vdc Output; 7A Output Current
EBVW020A0B LINEAGEPOWER-EBVW020A0B Datasheet
1Mb / 18P
   36-75Vdc Input; 12.0Vdc, 20.0A, 240W Output
EQW010A0B1 LINEAGEPOWER-EQW010A0B1 Datasheet
1Mb / 28P
   36 - 75Vdc Input; 1.0 to 12.0Vdc Output; 10 to 40A Output Current
KBVW006A0B LINEAGEPOWER-KBVW006A0B Datasheet
1Mb / 20P
   36??5Vdc Input; 12.0Vdc Output; 6A Output Current
KSTW015A0F LINEAGEPOWER-KSTW015A0F Datasheet
920Kb / 16P
   36-75Vdc Input; 3.3Vdc, 15A Output
ESTW006A0B LINEAGEPOWER-ESTW006A0B Datasheet
1Mb / 18P
   36 - 75Vdc Input; 12V/6Adc Output
KSTW010A0F LINEAGEPOWER-KSTW010A0F Datasheet
1Mb / 16P
   36-75Vdc Input; 3.3Vdc, 10A Output
EQW006A0B LINEAGEPOWER-EQW006A0B Datasheet
980Kb / 19P
   36 - 75Vdc Input; 12Vdc Output; 6A Output Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com