Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QBDW025A0B Datasheet(PDF) 4 Page - Lineage Power Corporation

Part # QBDW025A0B
Description  36-75Vdc Input; 12.0Vdc, 25.0A, 300W Output
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

QBDW025A0B Datasheet(HTML) 4 Page - Lineage Power Corporation

  QBDW025A0B Datasheet HTML 1Page - Lineage Power Corporation QBDW025A0B Datasheet HTML 2Page - Lineage Power Corporation QBDW025A0B Datasheet HTML 3Page - Lineage Power Corporation QBDW025A0B Datasheet HTML 4Page - Lineage Power Corporation QBDW025A0B Datasheet HTML 5Page - Lineage Power Corporation QBDW025A0B Datasheet HTML 6Page - Lineage Power Corporation QBDW025A0B Datasheet HTML 7Page - Lineage Power Corporation QBDW025A0B Datasheet HTML 8Page - Lineage Power Corporation QBDW025A0B Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
GE
Data Sheet
QBDW025A0B Barracuda Series; DC-DC Converter Power Modules
36-75Vdc Input; 12.0Vdc, 25.0A, 300W Output
May 9, 2013
©2012 General Electric Company. All rights reserved.
Page 4
Isolation Specifications
Parameter
Symbol
Min
Typ
Max
Unit
Isolation Capacitance
Ciso
1000
pF
Isolation Resistance
Riso
10
MΩ
Feature Specifications
Unless otherwise indicated, specifications apply over all operating input voltage, resistive load, and temperature conditions. See
Feature Descriptions for additional information.
Parameter
Device
Symbol
Min
Typ
Max
Unit
Remote On/Off Signal Interface
(VIN=VIN, min to VIN, max , Signal referenced to VIN- terminal)
Negative Logic: device code suffix “1”
Logic LO = module On, Logic HI = module Off
Positive Logic: No device code suffix required
Logic LO = module Off, Logic HI = module On
Logic LO Specification
On/Off Thresholds:
Remote On/Off Current – Logic LO (Vin =100V)
All
Ion/off
280
310
μA
Logic LO Voltage
All
Von/off
-0.3
0.8
Vdc
Logic HI Voltage – (Typ = Open Collector)
All
Von/off
2.0
14.5
Vdc
Logic HI maximum allowable leakage current
(Von/off = 2.0V)
All
Ion/off
10
μA
Maximum voltage allowed on On/Off pin
All
Von/off
14.5
Vdc
TON_DELAY and TON_RISE (Adjustable via PMBus)
Tdelay=Time until VO = 10% of VO,set from either
application of Vin with Remote On/Off set to On (Enable
with Vin); or operation of Remote On/Off from Off to On
with Vin already applied for at least 150 milli-seconds
(Enable with on/off). (IO=IO, max)
* Increased Tdelay due to startup for parallel modules.
All w/o -P
Tdelay
, Enable with Vin
150
ms
All w/o-P
Tdelay, Enable with
on/off
10
ms
w/ -P
Tdelay, Enable with Vin
180*
ms
w/ -P
Tdelay, Enable with
on/off
40*
ms
Trise=Time for VO to rise from 10% to 90% of VO,set, For
CO >5000uF, IO must be < 50% IO, max during Trise.
* Increased Trise when Vo exists at startup for parallel
modules.
All w/o -
P
Trise
15
ms
w/ -P
Trise
300*
ms
Load Sharing Current Balance
(difference in output current across all modules with
outputs in parallel, no load to full load)
-P
Option
Idiff
3
A
Remote Sense Range
All
VSense
0.5
Vdc
VOUT_COMMAND
(Adjustable via PMBus)
All
VO, set
8.1
13.2
Vdc
VOUT_OV_FAULT_LIMIT (Adjustable via PMBus)
All
VO,limit
VO,set-
+2.5V
VO,set-
+5.0V
Vdc
OT_FAULT_LIMIT (Adjustable via PMBus)
All
Tref
140
°C
Input Undervoltage Lockout (Adjustable via PMBus)
VIN_ON
33
35
36
Vdc
VIN_OFF
31
33
34
Vdc
Input Overvoltage Lockout
(Adjustable via PMBus)
Turn-off Threshold [VIN_OV_FAULT_LIMIT]
85
Vdc
Turn-on Threshold
(follows VIN_OV_FAULT_LIMIT -7V)
78
Vdc
Pull down resistance of PGOOD pin
Sink current capability into PGOOD pin (VPG=2.2V)
All
All
150
15
mA


Similar Part No. - QBDW025A0B

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
QBDW033A0B41-HZ LINEAGEPOWER-QBDW033A0B41-HZ Datasheet
774Kb / 17P
   QBDW033A0B Series Power Modules; DC-DC Converters
QBDW033A0B41-PHZ LINEAGEPOWER-QBDW033A0B41-PHZ Datasheet
774Kb / 17P
   QBDW033A0B Series Power Modules; DC-DC Converters
QBDW033A0B41Z LINEAGEPOWER-QBDW033A0B41Z Datasheet
774Kb / 17P
   QBDW033A0B Series Power Modules; DC-DC Converters
More results

Similar Description - QBDW025A0B

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
EBDW025A0B LINEAGEPOWER-EBDW025A0B Datasheet
1Mb / 32P
   36-75Vdc Input; 12.0Vdc, 25.0A, 300W Output
logo
General Electric Compan...
QBVW025A0B GEC-QBVW025A0B Datasheet
1Mb / 19P
   Barracuda* Series; DC-DC Converter Power Modules 36-75Vdc Input; 12.0Vdc, 25.0A, 300W Output
Version 1.3 May 9, 2013
logo
Lineage Power Corporati...
EHW007A0B41Z LINEAGEPOWER-EHW007A0B41Z Datasheet
756Kb / 18P
   36-75Vdc Input; 12.0Vdc Output; 7A Output Current
EBVW020A0B LINEAGEPOWER-EBVW020A0B Datasheet
1Mb / 18P
   36-75Vdc Input; 12.0Vdc, 20.0A, 240W Output
EQW010A0B1 LINEAGEPOWER-EQW010A0B1 Datasheet
1Mb / 28P
   36 - 75Vdc Input; 1.0 to 12.0Vdc Output; 10 to 40A Output Current
KBVW006A0B LINEAGEPOWER-KBVW006A0B Datasheet
1Mb / 20P
   36??5Vdc Input; 12.0Vdc Output; 6A Output Current
KSTW015A0F LINEAGEPOWER-KSTW015A0F Datasheet
920Kb / 16P
   36-75Vdc Input; 3.3Vdc, 15A Output
ESTW006A0B LINEAGEPOWER-ESTW006A0B Datasheet
1Mb / 18P
   36 - 75Vdc Input; 12V/6Adc Output
KSTW010A0F LINEAGEPOWER-KSTW010A0F Datasheet
1Mb / 16P
   36-75Vdc Input; 3.3Vdc, 10A Output
EQW006A0B LINEAGEPOWER-EQW006A0B Datasheet
980Kb / 19P
   36 - 75Vdc Input; 12Vdc Output; 6A Output Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com