Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KSTW002A5B41SRZ Datasheet(PDF) 6 Page - Lineage Power Corporation

Part # KSTW002A5B41SRZ
Description  DC-DC Converter Power Modules
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

KSTW002A5B41SRZ Datasheet(HTML) 6 Page - Lineage Power Corporation

Back Button KSTW002A5B41SRZ Datasheet HTML 2Page - Lineage Power Corporation KSTW002A5B41SRZ Datasheet HTML 3Page - Lineage Power Corporation KSTW002A5B41SRZ Datasheet HTML 4Page - Lineage Power Corporation KSTW002A5B41SRZ Datasheet HTML 5Page - Lineage Power Corporation KSTW002A5B41SRZ Datasheet HTML 6Page - Lineage Power Corporation KSTW002A5B41SRZ Datasheet HTML 7Page - Lineage Power Corporation KSTW002A5B41SRZ Datasheet HTML 8Page - Lineage Power Corporation KSTW002A5B41SRZ Datasheet HTML 9Page - Lineage Power Corporation KSTW002A5B41SRZ Datasheet HTML 10Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
GE
Data Sheet
KSTW002A5B Barracuda* Series; DC-DC Converter Power Modules
36-75Vdc Input; 12Vdc, 2.5A Output
September 26, 2013
©2013 General Electric Corporation. All rights reserved.
Page 6
Test Configurations
TO OSCILLOSCOPE
CURRENT PROBE
LTEST
12μH
CS
220μF
E.S.R.<0.1
@ 20°C 100kHz
33μF
Vin+
Vin-
NOTE: Measure input reflected ripple current with a simulated
source inductance (LTEST) of 12μH. Capacitor CS offsets
possible battery impedance. Measure current as shown
above.
Figure 7. Input Reflected Ripple Current Test Setup.
NOTE: All voltage measurements to be taken at the module
terminals, as shown above. If sockets are used then
Kelvin connections are required at the module terminals
to avoid measurement errors due to socket contact
resistance.
VO (+)
V O (–)
1uF
.
RESISTIVE
LOAD
SCOPE
COPPER STRIP
GROUND PLANE
10uF
Figure 8. Output Ripple and Noise Test Setup.
Vout+
Vout-
Vin+
Vin-
RLOAD
Rcontact
Rdistribution
Rcontact
Rdistribution
Rcontact
Rcontact
Rdistribution
Rdistribution
VIN
VO
NOTE: All voltage measurements to be taken at the module
terminals, as shown above. If sockets are used then
Kelvin connections are required at the module terminals
to avoid measurement errors due to socket contact
resistance.
Figure 9. Output Voltage and Efficiency Test Setup.
 =
VO. IO
VIN. IIN
x
100 %
Efficiency
Design Considerations
Input Source Impedance
The power module should be connected to a low
ac-impedance source. Highly inductive source impedance can
affect the stability of the power module. For the test
configuration in Figure 7, a 33μF electrolytic capacitor
(ESR<0.7
 at 100kHz), mounted close to the power module
helps ensure the stability of the unit. Consult the factory for
further application guidelines.
Safety Considerations
For safety-agency approval of the system in which the power
module is used, the power module must be installed in
compliance with the spacing and separation requirements of
the end-use safety agency standard, i.e., UL 60950-1-3, CSA
C22.2 No. 60950-00, and VDE 0805 (IEC60950, 3rd Edition).
If the input source is non-SELV (ELV or a hazardous voltage
greater than 60 Vdc and less than or equal to 75Vdc), for the
module’s output to be considered as meeting the requirements
for safety extra-low voltage (SELV), all of the following must be
true:
The input source is to be provided with reinforced
insulation from any other hazardous voltages, including
the ac mains.
One VIN pin and one VOUT pin are to be grounded, or both
the input and output pins are to be kept floating.
The input pins of the module are not operator accessible.
Another SELV reliability test is conducted on the whole
system (combination of supply source and subject
module), as required by the safety agencies, to verify that
under a single fault, hazardous voltages do not appear at
the module’s output.
Note: Do not ground either of the input pins of the module
without grounding one of the output pins. This may
allow a non-SELV voltage to appear between the output
pins and ground.
The power module has extra-low voltage (ELV) outputs when all
inputs are ELV.
For input voltages exceeding –60 Vdc but less than or equal to
–75 Vdc, these converters have been evaluated to the
applicable requirements of BASIC INSULATION between
secondary DC MAINS DISTRIBUTION input (classified as TNV-2
in Europe) and unearthed SELV outputs.
The input to these units is to be provided with a maximum 3A
fast acting fuse in the ungrounded lead.


Similar Part No. - KSTW002A5B41SRZ

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
KSTW010A0F LINEAGEPOWER-KSTW010A0F Datasheet
1Mb / 16P
   36-75Vdc Input; 3.3Vdc, 10A Output
KSTW010A0F41SRZ LINEAGEPOWER-KSTW010A0F41SRZ Datasheet
1Mb / 16P
   36-75Vdc Input; 3.3Vdc, 10A Output
KSTW010A0F41Z LINEAGEPOWER-KSTW010A0F41Z Datasheet
1Mb / 16P
   36-75Vdc Input; 3.3Vdc, 10A Output
KSTW015A0F LINEAGEPOWER-KSTW015A0F Datasheet
920Kb / 16P
   36-75Vdc Input; 3.3Vdc, 15A Output
KSTW015A0F41SRZ LINEAGEPOWER-KSTW015A0F41SRZ Datasheet
920Kb / 16P
   36-75Vdc Input; 3.3Vdc, 15A Output
More results

Similar Description - KSTW002A5B41SRZ

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GS-R12F STMICROELECTRONICS-GS-R12F Datasheet
202Kb / 12P
   2A DC/DC converter modules
GS-R24F STMICROELECTRONICS-GS-R24F Datasheet
203Kb / 12P
   2A DC/DC converter modules
logo
List of Unclassifed Man...
MES1206 ETC1-MES1206 Datasheet
243Kb / 5P
   DC-to-DC Converter Modules
logo
XFMRS Inc.
XF5006-5S2R XFMRS-XF5006-5S2R Datasheet
53Kb / 1P
   DC/DC CONVERTER ISOLATION MODULES
logo
Texas Instruments
DCP010505B TI1-DCP010505B_15 Datasheet
1Mb / 30P
[Old version datasheet]   Unregulated DC/DC Converter Modules
logo
Vicor Corporation
PI3106-00-HVMZ VICOR-PI3106-00-HVMZ_16 Datasheet
4Mb / 26P
   Cool-Power ZVS Isolated DC-DC Converter Modules
PI3106-01-HVIZ VICOR-PI3106-01-HVIZ_16 Datasheet
2Mb / 18P
   Cool-Power ZVS Isolated DC-DC Converter Modules
PI3105-00-HVIZ VICOR-PI3105-00-HVIZ_16 Datasheet
3Mb / 22P
   Cool-Power ZVS Isolated DC-DC Converter Modules
PI3101-00-HVIZ VICOR-PI3101-00-HVIZ_16 Datasheet
3Mb / 22P
   Cool-Power ZVS Isolated DC-DC Converter Modules
logo
STMicroelectronics
GS-R12FP STMICROELECTRONICS-GS-R12FP Datasheet
447Kb / 14P
   1.9 A DC-DC converter modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com