Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KSTW002A5B Datasheet(PDF) 8 Page - Lineage Power Corporation

Part # KSTW002A5B
Description  DC-DC Converter Power Modules
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

KSTW002A5B Datasheet(HTML) 8 Page - Lineage Power Corporation

Back Button KSTW002A5B Datasheet HTML 4Page - Lineage Power Corporation KSTW002A5B Datasheet HTML 5Page - Lineage Power Corporation KSTW002A5B Datasheet HTML 6Page - Lineage Power Corporation KSTW002A5B Datasheet HTML 7Page - Lineage Power Corporation KSTW002A5B Datasheet HTML 8Page - Lineage Power Corporation KSTW002A5B Datasheet HTML 9Page - Lineage Power Corporation KSTW002A5B Datasheet HTML 10Page - Lineage Power Corporation KSTW002A5B Datasheet HTML 11Page - Lineage Power Corporation KSTW002A5B Datasheet HTML 12Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
GE
Data Sheet
KSTW002A5B Barracuda* Series; DC-DC Converter Power Modules
36-75Vdc Input; 12Vdc, 2.5A Output
September 26, 2013
©2013 General Electric Corporation. All rights reserved.
Page 8
Feature Descriptions (continued)
k
V
R
set
o
up
adj
22
.
10
%
511
%
225
.
1
%)
100
(
11
.
5
,
Where
100
%
,
,
,
set
o
set
o
desired
o
V
V
V
Figure 12. Circuit Configuration to Increase Output Voltage.
The combination of the output voltage adjustment and the
output voltage initial tolerance must not exceed the allowable
trim range of 80% to 110% of the nominal output voltage as
measured between the Vout+ and Vout- pins.
The KSTW002A5B power modules have a fixed current-limit set
point. Therefore, as the output voltage is adjusted down, the
available output power shall be reduced.
Pre-bias Vin Under Voltage Test
The module shall recover from UVLO [Under Voltage Lock Out]
without protective shutdown from OCP or OVP or hard failure,
when subjected to Vin Under Voltage transients with the
following conditions:
Vin(V)
Tdip (ms)
Co (uF)
Load (A)
48
5
0
0
48
5
2200
0
48
10
0
0
48
10
2200
0
48
5
0
2.5
48
5
2200
2.5
48
10
0
2.5
48
10
2200
2.5
60
5
0
0
60
5
2200
0
60
10
0
0
60
10
2200
0
60
5
0
2.5
60
5
2200
2.5
60
10
0
2.5
60
10
2200
2.5
Thermal Considerations
The power modules operate in a variety of thermal
environments; however, sufficient cooling should be provided
to help ensure reliable operation.
Considerations include ambient temperature, airflow, module
power dissipation, and the need for increased reliability. A
reduction in the operating temperature of the module will
result in an increase in reliability.
The thermal data presented here is based on physical
measurements taken in a wind tunnel, using automated
thermo-couple instrumentation to monitor key component
temperatures: FETs, diodes, control ICs, magnetic cores,
ceramic capacitors, opto-isolators, and module pwb
conductors, while controlling the ambient airflow rate and
temperature. For a given airflow and ambient temperature, the
module output power is increased, until one (or more) of the
components reaches its maximum derated operating
temperature, as defined in IPC-9592A. This procedure is then
repeated for a different airflow or ambient temperature until a
family of module output derating curves is obtained.
Figure 13. Thermal Test Setup.
Heat Transfer via Convection
Increased airflow over the module enhances the heat transfer
via convection. Derating figures showing the maximum output
current that can be delivered by each module versus local
ambient temperature (TA) for natural convection and up to
3m/s (600 ft./min) are shown in the respective Characteristics
Curves section.
Please refer to the Application Note “Thermal Characterization
Process For Open-Frame Board-Mounted Power Modules” for a
detailed discussion of thermal aspects including maximum
device temperatures.
Vin
5V
Tdip
Tfall = 10us
Trise = 5us


Similar Part No. - KSTW002A5B

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
KSTW010A0F LINEAGEPOWER-KSTW010A0F Datasheet
1Mb / 16P
   36-75Vdc Input; 3.3Vdc, 10A Output
KSTW010A0F41SRZ LINEAGEPOWER-KSTW010A0F41SRZ Datasheet
1Mb / 16P
   36-75Vdc Input; 3.3Vdc, 10A Output
KSTW010A0F41Z LINEAGEPOWER-KSTW010A0F41Z Datasheet
1Mb / 16P
   36-75Vdc Input; 3.3Vdc, 10A Output
KSTW015A0F LINEAGEPOWER-KSTW015A0F Datasheet
920Kb / 16P
   36-75Vdc Input; 3.3Vdc, 15A Output
KSTW015A0F41SRZ LINEAGEPOWER-KSTW015A0F41SRZ Datasheet
920Kb / 16P
   36-75Vdc Input; 3.3Vdc, 15A Output
More results

Similar Description - KSTW002A5B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GS-R12F STMICROELECTRONICS-GS-R12F Datasheet
202Kb / 12P
   2A DC/DC converter modules
GS-R24F STMICROELECTRONICS-GS-R24F Datasheet
203Kb / 12P
   2A DC/DC converter modules
logo
List of Unclassifed Man...
MES1206 ETC1-MES1206 Datasheet
243Kb / 5P
   DC-to-DC Converter Modules
logo
XFMRS Inc.
XF5006-5S2R XFMRS-XF5006-5S2R Datasheet
53Kb / 1P
   DC/DC CONVERTER ISOLATION MODULES
logo
Texas Instruments
DCP010505B TI1-DCP010505B_15 Datasheet
1Mb / 30P
[Old version datasheet]   Unregulated DC/DC Converter Modules
logo
Vicor Corporation
PI3106-00-HVMZ VICOR-PI3106-00-HVMZ_16 Datasheet
4Mb / 26P
   Cool-Power ZVS Isolated DC-DC Converter Modules
PI3106-01-HVIZ VICOR-PI3106-01-HVIZ_16 Datasheet
2Mb / 18P
   Cool-Power ZVS Isolated DC-DC Converter Modules
PI3105-00-HVIZ VICOR-PI3105-00-HVIZ_16 Datasheet
3Mb / 22P
   Cool-Power ZVS Isolated DC-DC Converter Modules
PI3101-00-HVIZ VICOR-PI3101-00-HVIZ_16 Datasheet
3Mb / 22P
   Cool-Power ZVS Isolated DC-DC Converter Modules
logo
STMicroelectronics
GS-R12FP STMICROELECTRONICS-GS-R12FP Datasheet
447Kb / 14P
   1.9 A DC-DC converter modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com