Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JRCW016A0R41TZ Datasheet(PDF) 10 Page - Lineage Power Corporation

Part # JRCW016A0R41TZ
Description  36??5 Vdc Input; 28Vdc Output; 16Adc Output
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

JRCW016A0R41TZ Datasheet(HTML) 10 Page - Lineage Power Corporation

Back Button JRCW016A0R41TZ Datasheet HTML 6Page - Lineage Power Corporation JRCW016A0R41TZ Datasheet HTML 7Page - Lineage Power Corporation JRCW016A0R41TZ Datasheet HTML 8Page - Lineage Power Corporation JRCW016A0R41TZ Datasheet HTML 9Page - Lineage Power Corporation JRCW016A0R41TZ Datasheet HTML 10Page - Lineage Power Corporation JRCW016A0R41TZ Datasheet HTML 11Page - Lineage Power Corporation JRCW016A0R41TZ Datasheet HTML 12Page - Lineage Power Corporation JRCW016A0R41TZ Datasheet HTML 13Page - Lineage Power Corporation JRCW016A0R41TZ Datasheet HTML 14Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
GE
Data Sheet
JRCW016A0R Orca Series; DC-DC Converter Power Modules
36–75 Vdc Input; 28.0Vdc Output; 16Adc Output
November 20, 2013
©2012 General Electric Company. All rights reserved.
Page 10
Figure 16. Circuit diagram showing connection of RTUNE and
CTUNE to tune the control loop of the module.
Table 1 shows the recommended values of RTUNE and CTUNE for
different values of ceramic output capacitors up to 8000 F
that might be needed for an
application to meet output ripple and noise requirements.
Table 1. General recommended values of of RTUNE and CTUNE
for Vout=28V and various external ceramic capacitor
combinations.
Cout(µF)
1100
2200
4400
6600
8800
ESR (mΩ)
60
30
15
10
7.5
RTUNE
12k
4.7k
1.8k
820
390
CTUNE
220nF
220nF
220nF
220nF
220nF
Please contact your GE technical representative to obtain
more details of this feature as well as for guidelines on how to
select the right value of external R-C to tune the module for
best transient performance and stable operation for other
output capacitance values.
Over Temperature Protection
The JRCW016A0R module provides a non-latching over
temperature protection. A temperature sensor monitors the
operating temperature of the converter. If the reference
temperature, TREF 1, (see Figure 17) exceeds a threshold of 115
ºC (typical), the converter will shut down and disable the
output. When the base plate temperature has decreased by
approximately 20 ºC the converter will automatically restart.
The module can be restarted by cycling the dc input power for
at least one second or by toggling the remote on/off signal for
at least one second.
Thermal Considerations
The power modules operate in a variety of thermal
environments; however, sufficient cooling should be provided
to help ensure reliable operation of the unit. Heat-dissipating
components inside the unit are thermally coupled to the case.
Heat is removed by conduction, convection, and radiation to
the surrounding environment. Proper cooling can be verified
by measuring the case temperature. Peak temperature (TREF)
occurs at the position indicated in Figure 17.
Considerations include ambient temperature, airflow, module
power dissipation, and the need for increased reliability. A
reduction in the operating temperature of the module will
result in an increase in reliability.
The thermal data presented here is based on physical
measurements taken in a wind tunnel, using automated
thermo-couple instrumentation to monitor key component
temperatures: FETs, diodes, control ICs, magnetic cores,
ceramic capacitors, opto-isolators, and module pwb
conductors, while controlling the ambient airflow rate and
temperature. For a given airflow and ambient temperature,
the module output power is increased, until one (or more) of
the components reaches its maximum derated operating
temperature, as defined in IPC-9592. This procedure is then
repeated for a different airflow or ambient temperature until a
family of module output derating curves is obtained.
Heat-dissipating components inside the unit are thermally
coupled to the case. Heat is removed by conduction,
convection, and radiation to the surrounding environment.
For reliable operation this temperature should not
exceed 100ºC at either TREF 1 or TREF 2 for applications using
forced convection airflow or cold plate applications. The
output power of the module should not exceed the rated
power for the module as listed in the ordering Information
table. Although the maximum TREF temperature of the power
modules is discussed above, you can limit this temperature to
a lower value for extremely high reliability.
Figure 17.
Case (TREF ) Temperature Measurement Location
(top view).


Similar Part No. - JRCW016A0R41TZ

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
JRCW450R LINEAGEPOWER-JRCW450R Datasheet
1,008Kb / 15P
   36.75 Vdc Input; 32Vdc Output; 450W Output
JRCW450R4118Z LINEAGEPOWER-JRCW450R4118Z Datasheet
1,008Kb / 15P
   36.75 Vdc Input; 32Vdc Output; 450W Output
JRCW450R41TZ LINEAGEPOWER-JRCW450R41TZ Datasheet
1,008Kb / 15P
   36.75 Vdc Input; 32Vdc Output; 450W Output
JRCW450R41Z LINEAGEPOWER-JRCW450R41Z Datasheet
1,008Kb / 15P
   36.75 Vdc Input; 32Vdc Output; 450W Output
JRCW450R4Z LINEAGEPOWER-JRCW450R4Z Datasheet
1,008Kb / 15P
   36.75 Vdc Input; 32Vdc Output; 450W Output
More results

Similar Description - JRCW016A0R41TZ

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
JNCW016A0R LINEAGEPOWER-JNCW016A0R Datasheet
1Mb / 15P
   36??5 Vdc Input; 28Vdc Output; 16Adc Output
JNW350R641 LINEAGEPOWER-JNW350R641 Datasheet
733Kb / 15P
   36 - 75 Vdc Input; 28Vdc Output; 350W Output
FNW500R4 LINEAGEPOWER-FNW500R4 Datasheet
346Kb / 13P
   36 - 75 Vdc Input; 28Vdc Output; 500W Output
FNW700R64-18 LINEAGEPOWER-FNW700R64-18 Datasheet
408Kb / 14P
   36 - 75 Vdc Input; 28Vdc Output; 700W Output
JRCW450U LINEAGEPOWER-JRCW450U Datasheet
1Mb / 14P
   36??5 Vdc Input; 48Vdc Output; 450W Output
logo
Bel Fuse Inc.
SSQE48T07050 BEL-SSQE48T07050 Datasheet
1Mb / 13P
   36-75 VDC Input; 5 VDC @ 7 A Output
logo
Lineage Power Corporati...
JHW350R1 LINEAGEPOWER-JHW350R1 Datasheet
583Kb / 16P
   18 - 36Vdc or 36 - 75Vdc Input; 28Vdc Output; 350W
JBW050A1 LINEAGEPOWER-JBW050A1 Datasheet
294Kb / 16P
   36 to 75 Vdc Input, 5 Vdc Output; 50 W
JRCK017A0S32R0 LINEAGEPOWER-JRCK017A0S32R0 Datasheet
1Mb / 15P
   36??2 Vdc Input; 32Vdc Output; 17Adc Output
logo
Bel Fuse Inc.
SSQE48T13050 BEL-SSQE48T13050 Datasheet
1Mb / 13P
   36-75 VDC Input; 5 VDC @ 13 A, 65 W Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com