Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JRCK017A0S32R06418Z Datasheet(PDF) 8 Page - Lineage Power Corporation

Part # JRCK017A0S32R06418Z
Description  36??2 Vdc Input; 32Vdc Output; 17Adc Output
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

JRCK017A0S32R06418Z Datasheet(HTML) 8 Page - Lineage Power Corporation

Back Button JRCK017A0S32R06418Z Datasheet HTML 4Page - Lineage Power Corporation JRCK017A0S32R06418Z Datasheet HTML 5Page - Lineage Power Corporation JRCK017A0S32R06418Z Datasheet HTML 6Page - Lineage Power Corporation JRCK017A0S32R06418Z Datasheet HTML 7Page - Lineage Power Corporation JRCK017A0S32R06418Z Datasheet HTML 8Page - Lineage Power Corporation JRCK017A0S32R06418Z Datasheet HTML 9Page - Lineage Power Corporation JRCK017A0S32R06418Z Datasheet HTML 10Page - Lineage Power Corporation JRCK017A0S32R06418Z Datasheet HTML 11Page - Lineage Power Corporation JRCK017A0S32R06418Z Datasheet HTML 12Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
GE
Data Sheet
JRCK017A0S32R0 Orca Series; DC-DC Converter Power Modules
36–62 Vdc Input; 32.0Vdc Output; 17.0Adc Output
October 11, 2013
©2012 General Electric Company. All rights reserved.
Page 8
Feature Description (continued)
The voltage between the Vo(+) and Vo(-) terminals must not
exceed the minimum output overvoltage shut-down value
indicated in the Feature Specifications table. This limit
includes any increase in voltage due to remote-sense
compensation and output voltage set-point adjustment (trim).
See Figure 11. If not using the remote-sense feature to
regulate the output at the point of load, then connect
SENSE(+) to Vo(+) and SENSE(-) to Vo(-) at the module.
Although the output voltage can be increased by both the
remote sense and by the trim, the maximum increase for the
output voltage is not the sum of both. The maximum increase
is the larger of either the remote sense or the trim. The
amount of power delivered by the module is defined as the
voltage at the output terminals multiplied by the output
current. When using remote sense and trim: the output
voltage of the module can be increased, which at the same
output current would increase the power output of the
module. Care should be taken to ensure that the maximum
output power of the module remains at or below the
maximum rated power.
Figure 11. Effective Circuit Configuration for Single-Module
Remote-Sense Operation Output Voltage.
Output Voltage Programming
Trimming allows the user to increase or decrease the output
voltage set point of a module. Trimming down is
accomplished by connecting an external resistor between the
TRIM pin and the SENSE(-) pin. Trimming up is accomplished
by connecting external resistor between the SENSE(+) pin and
TRIM pin. The trim resistor should be positioned close to the
module. Certain restrictions apply to the input voltage lower
limit when trimming the output voltage to the maximum. See
Figure 12 for the allowed input to output range when using
trim.
Figure 12. Output Voltage Trim Limits vs. Input Voltage.
If not using the trim down feature, leave the TRIM pin open.
Trim Down – Decrease Output Voltage
With an external resistor (Radj_down) between the TRIM and
SENSE(-) pins, the output voltage set point (Vo,adj) decreases
(see Figure 13). The following equation determines the
required external-resistor value to obtain a percentage output
voltage change of %.
For output voltages:
VO,nom = 32V
Without –T Option
With –T Option
k
R
down
adj
2
%
100
_
k
R
down
adj
11
%
1000
_
Where,
100
%
,
,
nom
o
desired
nom
o
V
V
V
Vdesired = Desired output voltage set point (V).
Figure 13. Circuit Configuration to Decrease Output
Voltage.
Trim Up – Increase Output Voltage
With an external resistor
(Radj_up) connected between the
SENSE(+) and TRIM pins
, the output voltage set point (Vo,adj)
increases (see Figure 14).
The following equation determines the required external-
resistor value to obtain a percentage output voltage
change of %. For output voltages: VO,nom = 32V
Without –T Option
k
V
R
nom
O
up
adj
%
%)
2
(
100
(
%
225
.
1
%)
100
(
,
_
With –T Option
k
R
up
adj
12
.
15
%
27122
_
Where,
100
%
,
,
nom
o
nom
o
desired
V
V
V
Vdesired = Desired output voltage set point (V).


Similar Part No. - JRCK017A0S32R06418Z

ManufacturerPart #DatasheetDescription
logo
jb Capacitors Company
JRC JBCAPACITORS-JRC Datasheet
233Kb / 2P
   Switch power supply
JRC JBCAPACITORS-JRC Datasheet
335Kb / 4P
   Radial Aluminum Electrolytic Capacitor
logo
List of Unclassifed Man...
JRC-19F ETC1-JRC-19F Datasheet
170Kb / 2P
   COMPOSANTS ELECTRONIQUES ELECTRONIC COMPONENTS
JRC-19F2A12C0.2 ETC1-JRC-19F2A12C0.2 Datasheet
170Kb / 2P
   COMPOSANTS ELECTRONIQUES ELECTRONIC COMPONENTS
JRC-19F2A12C0.51 ETC1-JRC-19F2A12C0.51 Datasheet
170Kb / 2P
   COMPOSANTS ELECTRONIQUES ELECTRONIC COMPONENTS
More results

Similar Description - JRCK017A0S32R06418Z

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
JRCW450R LINEAGEPOWER-JRCW450R Datasheet
1,008Kb / 15P
   36.75 Vdc Input; 32Vdc Output; 450W Output
FNW700R64-18 LINEAGEPOWER-FNW700R64-18 Datasheet
408Kb / 14P
   36 - 75 Vdc Input; 28Vdc Output; 700W Output
JNCW016A0R LINEAGEPOWER-JNCW016A0R Datasheet
1Mb / 15P
   36??5 Vdc Input; 28Vdc Output; 16Adc Output
JRCW450U LINEAGEPOWER-JRCW450U Datasheet
1Mb / 14P
   36??5 Vdc Input; 48Vdc Output; 450W Output
JRCW016A0R LINEAGEPOWER-JRCW016A0R Datasheet
1,007Kb / 15P
   36??5 Vdc Input; 28Vdc Output; 16Adc Output
JNW350R641 LINEAGEPOWER-JNW350R641 Datasheet
733Kb / 15P
   36 - 75 Vdc Input; 28Vdc Output; 350W Output
FNW500R4 LINEAGEPOWER-FNW500R4 Datasheet
346Kb / 13P
   36 - 75 Vdc Input; 28Vdc Output; 500W Output
QSK033A0B41 LINEAGEPOWER-QSK033A0B41 Datasheet
405Kb / 15P
   36 - 60 Vdc Input; 12Vdc Output; 33A Output Current
QBK020A0B1 LINEAGEPOWER-QBK020A0B1 Datasheet
499Kb / 16P
   36 - 55 Vdc Input; 12Vdc Output; 20A Output Current
JHW250S30R21-18T LINEAGEPOWER-JHW250S30R21-18T Datasheet
709Kb / 14P
   36 - 75 Vdc Input; 30.2Vdc Output; 250W
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com