Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ESTW015A0A41HZ Datasheet(PDF) 3 Page - Lineage Power Corporation

Part # ESTW015A0A41HZ
Description  36-75Vdc Input; 5.0Vdc, 15A, 75W Output
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

ESTW015A0A41HZ Datasheet(HTML) 3 Page - Lineage Power Corporation

  ESTW015A0A41HZ Datasheet HTML 1Page - Lineage Power Corporation ESTW015A0A41HZ Datasheet HTML 2Page - Lineage Power Corporation ESTW015A0A41HZ Datasheet HTML 3Page - Lineage Power Corporation ESTW015A0A41HZ Datasheet HTML 4Page - Lineage Power Corporation ESTW015A0A41HZ Datasheet HTML 5Page - Lineage Power Corporation ESTW015A0A41HZ Datasheet HTML 6Page - Lineage Power Corporation ESTW015A0A41HZ Datasheet HTML 7Page - Lineage Power Corporation ESTW015A0A41HZ Datasheet HTML 8Page - Lineage Power Corporation ESTW015A0A41HZ Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
GE
Data Sheet
ESTW015A0A Barracuda™ Series; DC-DC Converter Power Modules
36-75Vdc Input; 5.0Vdc, 15A, 75W Output
March 28, 2013
©2012 General Electric Company. All rights reserved.
Page 3
Electrical Specifications (continued)
Parameter
Device
Symbol
Min
Typ
Max
Unit
Nominal Output Voltage Set-point
All
VO, set
4.92
5.0
5.08
Vdc
VIN= 48V IO=IO, max, TA=25°C)
Output Voltage
All
VO
4.85
5.15
% VO, set
(Over all operating input voltage, resistive load, and temperature
conditions until end of life)
Output Regulation
Line (VIN=VIN, min to VIN, max)
All
±0.2
% VO, set
Load (IO=IO, min to IO, max)
All
±0.2
% VO, set
Temperature (Tref=TA, min to TA, max)
All
±1.0
% VO, set
Output Ripple and Noise
(VIN=VIN, min to VIN, max, IO= IO, max , TA=TA, min to TA, max)
RMS (5Hz to 20MHz bandwidth)
All
10
20
mVrms
Peak-to-Peak (5Hz to 20MHz bandwidth)
All
35
80
mVpk-pk
External Capacitance
All
CO, max
0
5,000
μF
Output Current
All
IO
0
15
Adc
Output Current Limit Inception (Hiccup Mode )
(VO= 90% of VO, set)
5.0
IO, lim
16
19
24
Adc
Output Short-Circuit Current
All
IO, s/c
5
Arms
(VO≤250mV) ( Hiccup Mode )
Efficiency
VIN=48V, TA=25°C, IO=7.5A, VO = 5.0V
All
η
89.0
%
VIN=48V, TA=25°C, IO=15A, VO = 5.0V
All
η
90.0
%
Switching Frequency
All
fsw
330
kHz
Dynamic Load Response
(dIo/dt=0.1A/s; VIN = 48V; TA=25°C; CO>100μF)
Load Change from Io= 50% to 75% or 25% to 50% of Io,max
Peak Deviation
All
Vpk
3
% VO, set
Settling Time (Vo<10% peak deviation)
All
ts
200
s
Isolation Specifications
Parameter
Device
Symbol
Min
Typ
Max
Unit
Isolation Capacitance
All
Ciso
1000
pF
Isolation Resistance
All
Riso
100
MΩ
I/O Isolation Voltage (100% factory Hi-pot tested)
All
All
2250
Vdc
General Specifications
Parameter
Device
Symbol
Min
Typ
Max
Unit
Calculated Reliability based upon Telcordia SR-332 Issue 2: Method
I
Case 3 (IO=80%IO, max, TA=40°C, airflow = 200 lfm, 90% confidence)
All
FIT
339.0
109/Hours
All
MTBF
2,949,583
Hours
Weight (Open Frame)
All
19 (0.7)
g (oz.)
Weight (with Heatplate)
All
30 (1.1)
g (oz.)


Similar Part No. - ESTW015A0A41HZ

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
ESTW015A0F41-SZ LINEAGEPOWER-ESTW015A0F41-SZ Datasheet
914Kb / 17P
   ESTW015A0F Series (Eighth-Brick) DC-DC Converter Power Modules
ESTW015A0F41-SZ LINEAGEPOWER-ESTW015A0F41-SZ Datasheet
1Mb / 17P
   ESTW015A0F Series (Eighth-Brick) DC-DC Converter Power Modules
ESTW015A0F41Z LINEAGEPOWER-ESTW015A0F41Z Datasheet
914Kb / 17P
   ESTW015A0F Series (Eighth-Brick) DC-DC Converter Power Modules
ESTW015A0F41Z LINEAGEPOWER-ESTW015A0F41Z Datasheet
1Mb / 17P
   ESTW015A0F Series (Eighth-Brick) DC-DC Converter Power Modules
ESTW015A0F61 LINEAGEPOWER-ESTW015A0F61 Datasheet
914Kb / 17P
   ESTW015A0F Series (Eighth-Brick) DC-DC Converter Power Modules
More results

Similar Description - ESTW015A0A41HZ

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
EHW015A0A1 LINEAGEPOWER-EHW015A0A1 Datasheet
1Mb / 19P
   36-75Vdc Input; 5.0Vdc Output; 15A Output Current
SSTW003A0A LINEAGEPOWER-SSTW003A0A Datasheet
801Kb / 15P
   36-75Vdc Input; 5.0Vdc, 3A, 15W Output
EVW020A0A41Z LINEAGEPOWER-EVW020A0A41Z Datasheet
862Kb / 19P
   36-75Vdc Input; 5.0Vdc Output; 20A Output Current
KSTW015A0F LINEAGEPOWER-KSTW015A0F Datasheet
920Kb / 16P
   36-75Vdc Input; 3.3Vdc, 15A Output
KNW013A0A41-SRZ LINEAGEPOWER-KNW013A0A41-SRZ Datasheet
487Kb / 17P
   36 - 75Vdc Input; 3.3 to 5.0Vdc Output; 13 to 20A Output Current
KW010A0A41-SR LINEAGEPOWER-KW010A0A41-SR Datasheet
852Kb / 23P
   36 - 75Vdc Input; 1.2 to 5.0Vdc Output; 10 to 25A Output current
KW010A0F41-SR LINEAGEPOWER-KW010A0F41-SR Datasheet
488Kb / 16P
   36 - 75Vdc Input; 3.3 to 5.0Vdc Output; 6 to 10A Output Current
EQD075A1 LINEAGEPOWER-EQD075A1 Datasheet
482Kb / 15P
   18-60Vdc Input; 3.3 to 5.0Vdc Output; 75W
ESTW006A0B LINEAGEPOWER-ESTW006A0B Datasheet
1Mb / 18P
   36 - 75Vdc Input; 12V/6Adc Output
KSTW010A0F LINEAGEPOWER-KSTW010A0F Datasheet
1Mb / 16P
   36-75Vdc Input; 3.3Vdc, 10A Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com