Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XTR110KU Datasheet(PDF) 8 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # XTR110KU
Description  PRECISION VOLTAGE-TO-CURRENT CONVERTER/TRANSMITTER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

XTR110KU Datasheet(HTML) 8 Page - Burr-Brown (TI)

  XTR110KU Datasheet HTML 1Page - Burr-Brown (TI) XTR110KU Datasheet HTML 2Page - Burr-Brown (TI) XTR110KU Datasheet HTML 3Page - Burr-Brown (TI) XTR110KU Datasheet HTML 4Page - Burr-Brown (TI) XTR110KU Datasheet HTML 5Page - Burr-Brown (TI) XTR110KU Datasheet HTML 6Page - Burr-Brown (TI) XTR110KU Datasheet HTML 7Page - Burr-Brown (TI) XTR110KU Datasheet HTML 8Page - Burr-Brown (TI) XTR110KU Datasheet HTML 9Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
®
XTR110
16
1
13
14
7
6
8
10
9
15
12
11
4
3
5
2
+10V
Reference
+15V
A
4
A
3
R
9
15k
R
10
1k
Offset
Adjust
R
3
20k
R
5
2M
A
2
R
4
2k
T
3
A
1
R
2
4.99
R
7
4.75k
R
6
402
R
8 200Ω
Fine Trim
RH 50k
Course Trim
R
1
2
T
2
–15V
I
O
Span
Adjust
V
IN
V
IN (V)
10
5
0
200
–200
I
O (mA)
R
1, R2:
Low TC resistors to dissipate 0.32W continuous power.
For other current ranges, scale both resistors proportionately.
R
8, R10, R11:
10-turn trimpots for greatest sensitivity.
R
6, R7:
Low TC resistors.
A
1 - A4:
1/4 LM324 (powered by ±15V).
T
1:
International Rectifier IR9513
(1).
T
2:
International Rectifier IR513
(1).
T
3:
International Rectifier IRFF9113
(1).
NOTE: (1) Or other adequate power rating MOS transistor.
T
1
TYPICAL APPLICATIONS
The XTR110 is ideal for a variety of applications requiring
high noise immunity current-mode signal transmission. The
precision +10V reference can be used to excite bridges and
transducers. Selectable ranges make it very useful as a
precision programmable current source. The compact design
and low price of the XTR110 allow versatility with a
minimum of external components and design engineering
expense.
Figures 8 through 10 show typical applications of the
XTR110.
FIGURE 8.
±200mA Current Pump.


Similar Part No. - XTR110KU

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
XTR110KU TI1-XTR110KU Datasheet
825Kb / 19P
[Old version datasheet]   PRECISION VOLTAGE-TO-CURRENT CONVERTER/TRANSMITTER
XTR110KU/1K TI1-XTR110KU/1K Datasheet
825Kb / 19P
[Old version datasheet]   PRECISION VOLTAGE-TO-CURRENT CONVERTER/TRANSMITTER
XTR110KU/1KG4 TI1-XTR110KU/1KG4 Datasheet
825Kb / 19P
[Old version datasheet]   PRECISION VOLTAGE-TO-CURRENT CONVERTER/TRANSMITTER
XTR110KUG4 TI1-XTR110KUG4 Datasheet
825Kb / 19P
[Old version datasheet]   PRECISION VOLTAGE-TO-CURRENT CONVERTER/TRANSMITTER
More results

Similar Description - XTR110KU

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
XTR111 BURR-BROWN-XTR111 Datasheet
284Kb / 22P
   Precision Voltage-to-Current Converter/Transmitter
logo
Texas Instruments
XTR110 TI1-XTR110 Datasheet
825Kb / 19P
[Old version datasheet]   PRECISION VOLTAGE-TO-CURRENT CONVERTER/TRANSMITTER
XTR111 TI1-XTR111_16 Datasheet
1Mb / 32P
[Old version datasheet]   Precision Voltage-to-Current Converter/Transmitter
XTR111AIDGQR TI-XTR111AIDGQR Datasheet
1Mb / 32P
[Old version datasheet]   Precision Voltage-to-Current Converter/Transmitter
XTR111 TI1-XTR111_14 Datasheet
1Mb / 33P
[Old version datasheet]   Precision Voltage-to-Current Converter/Transmitter
XTR111 TI1-XTR111 Datasheet
1Mb / 32P
[Old version datasheet]   Precision Voltage-to-Current Converter/Transmitter
logo
Burr-Brown (TI)
XTR111 BURR-BROWN-XTR111_07 Datasheet
562Kb / 27P
   Precision Voltage-to-Current Converter/Transmitter
ALD1000 BURR-BROWN-ALD1000 Datasheet
153Kb / 14P
   Precision Programmable CURRENT/VOLTAGE TRANSMITTER
logo
Microchip Technology
TC1047 MICROCHIP-TC1047_13 Datasheet
168Kb / 12P
   Precision Temperature-to-Voltage Converter
11/29/12
TC962 MICROCHIP-TC962_05 Datasheet
468Kb / 12P
   Precision Temperature-to-Voltage Converter
2006
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com