Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ESTW006A0B41HZ Datasheet(PDF) 5 Page - Lineage Power Corporation

Part # ESTW006A0B41HZ
Description  36 - 75Vdc Input; 12V/6Adc Output
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

ESTW006A0B41HZ Datasheet(HTML) 5 Page - Lineage Power Corporation

  ESTW006A0B41HZ Datasheet HTML 1Page - Lineage Power Corporation ESTW006A0B41HZ Datasheet HTML 2Page - Lineage Power Corporation ESTW006A0B41HZ Datasheet HTML 3Page - Lineage Power Corporation ESTW006A0B41HZ Datasheet HTML 4Page - Lineage Power Corporation ESTW006A0B41HZ Datasheet HTML 5Page - Lineage Power Corporation ESTW006A0B41HZ Datasheet HTML 6Page - Lineage Power Corporation ESTW006A0B41HZ Datasheet HTML 7Page - Lineage Power Corporation ESTW006A0B41HZ Datasheet HTML 8Page - Lineage Power Corporation ESTW006A0B41HZ Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Data Sheet
November 5, 2012
ESTW006A0B Series Eighth-Brick Power Modules
36 - 75Vdc Input; 12V/6Adc Output
LINEAGE POWER
5
Characteristic Curves
The following figures provide typical characteristics for the ESTW006A0B (12.0V, 6A) at 25
oC. The figures are
identical for either positive or negative remote On/Off logic.
OUTPUT CURRENT, IO (A)
OUTPUT CURRENT, IO (A)
Figure 1. Converter Efficiency versus Output Current.
Figure 2. Input Current versus Output Current.
TIME, t (2
s/div)
TIME, t (10ms/div)
Figure 3. Typical output ripple and noise (Io = Io,max).
Figure 4. Typical Start-up Using Remote On/Off,
negative logic version shown (VIN = 48V, Io = Io,max).
TIME, t (200µs/div)
TIME, t (10ms/div)
Figure 5. Transient Response to 0.1A/µS Dynamic
Load Change from 50% to 75% to 50% of full load,
Vin=48V, CO>100μF.
Figure 6. Typical Start-up Using Input Voltage (VIN =
48V, Io = Io,max).


Similar Part No. - ESTW006A0B41HZ

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
ESTW004A2C LINEAGEPOWER-ESTW004A2C Datasheet
1Mb / 18P
   ESTW004A2C Series (Eighth-Brick) DC-DC Converter Power Modules
ESTW004A2C41-HZ LINEAGEPOWER-ESTW004A2C41-HZ Datasheet
1Mb / 18P
   ESTW004A2C Series (Eighth-Brick) DC-DC Converter Power Modules
ESTW004A2C41-SZ LINEAGEPOWER-ESTW004A2C41-SZ Datasheet
1Mb / 18P
   ESTW004A2C Series (Eighth-Brick) DC-DC Converter Power Modules
ESTW004A2C41Z LINEAGEPOWER-ESTW004A2C41Z Datasheet
1Mb / 18P
   ESTW004A2C Series (Eighth-Brick) DC-DC Converter Power Modules
ESTW004A2C841Z LINEAGEPOWER-ESTW004A2C841Z Datasheet
1Mb / 18P
   ESTW004A2C Series (Eighth-Brick) DC-DC Converter Power Modules
More results

Similar Description - ESTW006A0B41HZ

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
KSTW015A0F LINEAGEPOWER-KSTW015A0F Datasheet
920Kb / 16P
   36-75Vdc Input; 3.3Vdc, 15A Output
KSTW010A0F LINEAGEPOWER-KSTW010A0F Datasheet
1Mb / 16P
   36-75Vdc Input; 3.3Vdc, 10A Output
EQW006A0B LINEAGEPOWER-EQW006A0B Datasheet
980Kb / 19P
   36 - 75Vdc Input; 12Vdc Output; 6A Output Current
JRW017A0B LINEAGEPOWER-JRW017A0B Datasheet
461Kb / 24P
   36-75Vdc Input; 1.2Vdc to 12Vdc Output
QBW018A0B61-HTZ LINEAGEPOWER-QBW018A0B61-HTZ Datasheet
493Kb / 14P
   36-75Vdc Input; 12Vdc Output; 18A Output Current
QSW025A0B1Z LINEAGEPOWER-QSW025A0B1Z Datasheet
416Kb / 16P
   36 - 75Vdc Input; 12Vdc Output; 25A Output Current
logo
Vishay Siliconix
EBVW020A0B VISHAY-EBVW020A0B Datasheet
1Mb / 16P
   36-75Vdc Input; 12Vdc Output; 20A Output Current
Data Sheet June 27, 2012
logo
Lineage Power Corporati...
QPW050A0F1 LINEAGEPOWER-QPW050A0F1 Datasheet
570Kb / 22P
   36-75Vdc Input; 1.2Vdc to 3.3Vdc Output
QBDW025A0B LINEAGEPOWER-QBDW025A0B Datasheet
1Mb / 32P
   36-75Vdc Input; 12.0Vdc, 25.0A, 300W Output
EBVW020A0B LINEAGEPOWER-EBVW020A0B Datasheet
1Mb / 18P
   36-75Vdc Input; 12.0Vdc, 20.0A, 240W Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com