Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XTR112U Datasheet(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # XTR112U
Description  4-20mA CURRENT TRANSMITTERS with Sensor Excitation and Linearization
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

XTR112U Datasheet(HTML) 6 Page - Burr-Brown (TI)

Back Button XTR112U Datasheet HTML 2Page - Burr-Brown (TI) XTR112U Datasheet HTML 3Page - Burr-Brown (TI) XTR112U Datasheet HTML 4Page - Burr-Brown (TI) XTR112U Datasheet HTML 5Page - Burr-Brown (TI) XTR112U Datasheet HTML 6Page - Burr-Brown (TI) XTR112U Datasheet HTML 7Page - Burr-Brown (TI) XTR112U Datasheet HTML 8Page - Burr-Brown (TI) XTR112U Datasheet HTML 9Page - Burr-Brown (TI) XTR112U Datasheet HTML 10Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
®
XTR112, XTR114
TYPICAL PERFORMANCE CURVES (CONT)
At TA = +25°C, and V+ = 24V, unless otherwise noted.
1
10
100
1k
10k
Frequency (Hz)
INPUT VOLTAGE AND CURRENT
NOISE DENSITY vs FREQUENCY
100k
10k
1k
100
10
10k
1k
100
10
Current Noise
Voltage Noise
–75
–50
–25
0
25
50
75
100
Temperature (
°C)
INPUT BIAS AND OFFSET CURRENT
vs TEMPERATURE
125
25
20
15
10
5
0
+I
B
I
OS
–I
B
–75
–50
–25
0
25
50
75
100
Temperature (
°C)
ZERO OUTPUT CURRENT ERROR
vs TEMPERATURE
125
4
2
0
–2
–4
–6
–8
–10
–12
1
10
100
1k
10k
Frequency (Hz)
ZERO OUTPUT AND REFERENCE
CURRENT NOISE vs FREQUENCY
100k
10k
1k
100
10
Reference Current
XTR114
XTR112
Zero Output Current
Input Offset Voltage Drift (
µV/°C)
INPUT OFFSET VOLTAGE DRIFT
PRODUCTION DISTRIBUTION
80
70
60
50
40
30
20
10
0
Typical production distribution
of packaged units. XTR112 and
XTR114 included.
Zero Output Drift (
µA/°C)
ZERO OUTPUT DRIFT
PRODUCTION DISTRIBUTION
40
35
30
25
20
15
10
5
0
Typical production distribution
of packaged units. XTR112
and XTR114 included.


Similar Part No. - XTR112U

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
XTR112U TI1-XTR112U Datasheet
217Kb / 18P
[Old version datasheet]   4-20mA CURRENT TRANSMITTERS with Sensor Excitation and Linearization
XTR112U/2K5 TI1-XTR112U/2K5 Datasheet
217Kb / 18P
[Old version datasheet]   4-20mA CURRENT TRANSMITTERS with Sensor Excitation and Linearization
XTR112UA TI1-XTR112UA Datasheet
217Kb / 18P
[Old version datasheet]   4-20mA CURRENT TRANSMITTERS with Sensor Excitation and Linearization
XTR112UA/2K5 TI1-XTR112UA/2K5 Datasheet
217Kb / 18P
[Old version datasheet]   4-20mA CURRENT TRANSMITTERS with Sensor Excitation and Linearization
XTR112UAE4 TI1-XTR112UAE4 Datasheet
217Kb / 18P
[Old version datasheet]   4-20mA CURRENT TRANSMITTERS with Sensor Excitation and Linearization
More results

Similar Description - XTR112U

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
XTR112 TI1-XTR112 Datasheet
217Kb / 18P
[Old version datasheet]   4-20mA CURRENT TRANSMITTERS with Sensor Excitation and Linearization
XTR105 TI1-XTR105_15 Datasheet
808Kb / 23P
[Old version datasheet]   4-20mA CURRENT TRANSMITTER with Sensor Excitation and Linearization
XTR105 TI1-XTR105 Datasheet
576Kb / 21P
[Old version datasheet]   4-20mA CURRENT TRANSMITTER with Sensor Excitation and Linearization
XTR105UAG4 TI-XTR105UAG4 Datasheet
722Kb / 21P
[Old version datasheet]   4-20mA CURRENT TRANSMITTER with Sensor Excitation and Linearization
logo
Burr-Brown (TI)
XTR105 BURR-BROWN-XTR105 Datasheet
265Kb / 15P
   4-20mA CURRENT TRANSMITTER with Sensor Excitation and Linearization
logo
Texas Instruments
XTR105-DIE TI1-XTR105-DIE Datasheet
110Kb / 5P
[Old version datasheet]   4-20mA CURRENT TRANSMITTER WITH SENSOR EXCITATION AND LINEARIZATION
logo
Burr-Brown (TI)
XTR103 BURR-BROWN-XTR103 Datasheet
222Kb / 10P
   4-20mA Current Transmitter with RTD EXCITATION AND LINEARIZATION
logo
Texas Instruments
XTR103 TI1-XTR103 Datasheet
171Kb / 11P
[Old version datasheet]   4-20mA Current Transmitter with RTD EXCITATION AND LINEARIZATION
logo
Burr-Brown (TI)
XTR106 BURR-BROWN-XTR106 Datasheet
272Kb / 15P
   4-20mA CURRENT TRANSMITTER with Bridge Excitation and Linearization
logo
Texas Instruments
XTR104 TI1-XTR104 Datasheet
139Kb / 12P
[Old version datasheet]   4-20mA Current Transmitter with BRIDGE EXCITATION AND LINEARIZATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com