Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XTR110KP Datasheet(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # XTR110KP
Description  PRECISION VOLTAGE-TO-CURRENT CONVERTER/TRANSMITTER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

XTR110KP Datasheet(HTML) 5 Page - Burr-Brown (TI)

  XTR110KP Datasheet HTML 1Page - Burr-Brown (TI) XTR110KP Datasheet HTML 2Page - Burr-Brown (TI) XTR110KP Datasheet HTML 3Page - Burr-Brown (TI) XTR110KP Datasheet HTML 4Page - Burr-Brown (TI) XTR110KP Datasheet HTML 5Page - Burr-Brown (TI) XTR110KP Datasheet HTML 6Page - Burr-Brown (TI) XTR110KP Datasheet HTML 7Page - Burr-Brown (TI) XTR110KP Datasheet HTML 8Page - Burr-Brown (TI) XTR110KP Datasheet HTML 9Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
®
XYR110
APPLICATIONS INFORMATION
Figure 1 shows the basic connections required for 0 to 10V
input and 4 to 20mA output. Other input voltage and output
current ranges require changes in connections of pins 3, 4, 5,
9 and 10 as shown in the table of Figure 1.
The complete transfer function of the XTR110 is:
IO =
(1)
R
SPAN is the internal 50Ω resistor, R9, when connected as
shown in Figure 1. An external RSPAN can be connected for
different output current ranges as described later.
EXTERNAL TRANSISTOR
An external pass transistor, QEXT, is required as shown in
Figure 1. This transistor conducts the output signal current.
A P-channel MOSFET transistor is recommended. It must
have a voltage rating equal or greater than the maximum
power supply voltage. Various recommended types are shown
in Table I.
(V
REF IN)
16
(V
IN1)
4
10
+
+
(V
IN2)
2
R
SPAN
FIGURE 1. Basic Circuit Connection.
INPUT
OUTPUT
RANGE (V) RANGE (mA)
PIN 3
PIN 4
PIN 5
PIN 9
PIN 10
0-10
0-20
Com
Input
Com
Com
Com
2-10
4-20
Com
Input
Com
Com
Com
0-10
4-20
+10V Ref
Input
Com
Com
Open
0-10
5-25
+10V Ref
Input
Com
Com
Com
0-5
0-20
Com
Com
Input
Com
Com
1-5
4-20
Com
Com
Input
Com
Com
0-5
4-20
+10V Ref
Com
Input
Com
Open
0-5
5-25
+10V Ref
Com
Input
Com
Com
MANUFACTURER
PART NO.
BVDSS(1)
BVGS(1)
PACKAGE
Ferranti
ZVP1304A
40V
20V
TO-92
ZVP1304B
40V
20V
TO-39
ZVP1306A
60V
20V
TO-92
ZVP1306B
60V
20V
TO-39
International
Rectifier
IRF9513
60V
20V
TO-220
Motorola
MTP8P08
80V
20V
TO-220
RCA
RFL1P08
80V
20V
TO-39
RFT2P08
80V
20V
TO-220
Siliconix
VP0300B
30V
40V
TO-39
(preferred)
VP0300L
30V
40V
TO-92
VP0300M
30V
40V
TO-237
VP0808B
80V
40V
TO-39
VP0808L
80V
40V
TO-92
VP0808M
80V
40V
TO-237
Supertex
VP1304N2
40V
20V
TO-220
VP1304N3
40V
20V
TO-92
VP1306N2
60V
20V
TO-220
VP1306N3
60V
20V
TO-92
NOTE: (1) BVDSS—Drain-source breakdown voltage. BVGS—Gate-source
breakdown voltage.
TABLE I. Available P-Channel MOSFETs.
R
5
16.25k
16
1
13
14
7
6
8
10
9
15
12
11
4
3
5
2
R
7 6250Ω
R
6 1562.5Ω
R
9 50Ω
R
4
10k
R
3
20k
R
2
R
1
R
8
500
+10V
Reference
Zero
Adjust
1µF
+
+V
CC
13.5 to 40V
Span Adjust
4mA Span
R
L
(250
Ω typ)
I
O
4 to 20mA
Q
EXT
P-Channel
MOSFET
(see text)
I
O
I
O/10
I
O/10
V
REF
Adj.
Force
Sense
V
IN
0 to 10V
Short
Connection
(see text)
+V
CC
16mA Span
5k
15k


Similar Part No. - XTR110KP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
XTR110KP TI1-XTR110KP Datasheet
825Kb / 19P
[Old version datasheet]   PRECISION VOLTAGE-TO-CURRENT CONVERTER/TRANSMITTER
XTR110KPG4 TI1-XTR110KPG4 Datasheet
825Kb / 19P
[Old version datasheet]   PRECISION VOLTAGE-TO-CURRENT CONVERTER/TRANSMITTER
More results

Similar Description - XTR110KP

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
XTR111 BURR-BROWN-XTR111 Datasheet
284Kb / 22P
   Precision Voltage-to-Current Converter/Transmitter
logo
Texas Instruments
XTR110 TI1-XTR110 Datasheet
825Kb / 19P
[Old version datasheet]   PRECISION VOLTAGE-TO-CURRENT CONVERTER/TRANSMITTER
XTR111 TI1-XTR111_16 Datasheet
1Mb / 32P
[Old version datasheet]   Precision Voltage-to-Current Converter/Transmitter
XTR111AIDGQR TI-XTR111AIDGQR Datasheet
1Mb / 32P
[Old version datasheet]   Precision Voltage-to-Current Converter/Transmitter
XTR111 TI1-XTR111_14 Datasheet
1Mb / 33P
[Old version datasheet]   Precision Voltage-to-Current Converter/Transmitter
XTR111 TI1-XTR111 Datasheet
1Mb / 32P
[Old version datasheet]   Precision Voltage-to-Current Converter/Transmitter
logo
Burr-Brown (TI)
XTR111 BURR-BROWN-XTR111_07 Datasheet
562Kb / 27P
   Precision Voltage-to-Current Converter/Transmitter
ALD1000 BURR-BROWN-ALD1000 Datasheet
153Kb / 14P
   Precision Programmable CURRENT/VOLTAGE TRANSMITTER
logo
Microchip Technology
TC1047 MICROCHIP-TC1047_13 Datasheet
168Kb / 12P
   Precision Temperature-to-Voltage Converter
11/29/12
TC962 MICROCHIP-TC962_05 Datasheet
468Kb / 12P
   Precision Temperature-to-Voltage Converter
2006
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com