Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP0300 Datasheet(PDF) 1 Page - Lineage Power Corporation

Part # EP0300
Description  300W Output at 48-58Vdc
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

EP0300 Datasheet(HTML) 1 Page - Lineage Power Corporation

  EP0300 Datasheet HTML 1Page - Lineage Power Corporation EP0300 Datasheet HTML 2Page - Lineage Power Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
EP0300AC48TEZ
300W Output at 48-58Vdc
See reverse side for specifications
Product Description
The rectifier EP0300AC48TE is a compact, single phase, hot-
pluggable, fan-cooled rectifier and battery charger for stand-
alone use or for working in parallel as part of a DC power system
equipped with advanced digital controller. The constant output
power (300W i.e. 5.5A at 54V) characteristic supplies the specified
power over the full output voltage range (48 to 58Vdc).
There is a digital communication (RS-485 bus) between rectifier
and controller which allows flexible system design.
Key Features
Efficient rectifier
>90%
Rugged rectifier
Exclusively designed to take care of wide line fluctuations and harsh
conditions
Can withstand up to 300Vac (Line-Neutral) without any
damage
Can work up to +75°C
Optimum power performance
Constant power between 90V … 290V ac
Compact and light
3 rectifiers can be accommodated in one row (19” shelf) with
controller and distribution
Applications
The typical applications for this rectifier are both in indoor and
outdoor environments and include:
SCADA/ DMS System
EPBAX
Broadband
IP telephony
Cable Television
LTE
GPON
Enterprise solution


Similar Part No. - EP0300

ManufacturerPart #DatasheetDescription
logo
ETA-USA
EP0-3.3SC48-A ETA-USA-EP0-3.3SC48-A Datasheet
157Kb / 3P
   30, 50,75,100,150, 200,225 WATT DC-DC Converters, EP SERIES 36~75Vdc Input
logo
Sanken electric
EP01 SANKEN-EP01 Datasheet
19Kb / 1P
   Fast-Recovery Rectifier Diodes
EP01C SANKEN-EP01C Datasheet
19Kb / 1P
   Fast-Recovery Rectifier Diodes
logo
EIC discrete Semiconduc...
EP01C EIC-EP01C Datasheet
133Kb / 2P
   FAST RECOVERY RECTIFIER DIODE
logo
Taiyo Yuden (U.S.A.), I...
EP025B103M-A-BJ TAIYO-YUDEN-EP025B103M-A-BJ Datasheet
139Kb / 1P
   Axial Leaded Ceramic Capacitors
More results

Similar Description - EP0300

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
PB-300 TOTAL-POWER-PB-300 Datasheet
313Kb / 2P
   300W Single Output Battery Charger
logo
Mean Well Enterprises C...
RPS-300 MEANWELL-RPS-300 Datasheet
1Mb / 2P
   300W Single Output Medical Type
PB-300P-24 MEANWELL-PB-300P-24 Datasheet
160Kb / 2P
   300W Single Output Battery Charger
PB-300 MEANWELL-PB-300 Datasheet
1Mb / 2P
   300W Single Output Battery Charger
MSP-300 MEANWELL-MSP-300 Datasheet
142Kb / 4P
   300W Single Output Medical Type
logo
Lineage Power Corporati...
EUE120B41 LINEAGEPOWER-EUE120B41 Datasheet
465Kb / 16P
   42-55/42-58Vdc Input; 12Vdc Output; 200/120W
logo
Mean Well Enterprises C...
PB-300 MEANWELL-PB-300_10 Datasheet
305Kb / 2P
   300W Single Output Battery Charger
PB-300 MEANWELL-PB-300_11 Datasheet
302Kb / 2P
   300W Single Output Battery Charger
SPV-300 MEANWELL-SPV-300_10 Datasheet
179Kb / 3P
   300W Single Output with PFC Function
EPP-300 MEANWELL-EPP-300 Datasheet
1Mb / 2P
   300W Single Output with PFC Function
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com