Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XTR110AG Datasheet(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # XTR110AG
Description  PRECISION VOLTAGE-TO-CURRENT CONVERTER/TRANSMITTER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

XTR110AG Datasheet(HTML) 3 Page - Burr-Brown (TI)

  XTR110AG Datasheet HTML 1Page - Burr-Brown (TI) XTR110AG Datasheet HTML 2Page - Burr-Brown (TI) XTR110AG Datasheet HTML 3Page - Burr-Brown (TI) XTR110AG Datasheet HTML 4Page - Burr-Brown (TI) XTR110AG Datasheet HTML 5Page - Burr-Brown (TI) XTR110AG Datasheet HTML 6Page - Burr-Brown (TI) XTR110AG Datasheet HTML 7Page - Burr-Brown (TI) XTR110AG Datasheet HTML 8Page - Burr-Brown (TI) XTR110AG Datasheet HTML 9Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
®
XYR110
PIN CONFIGURATION
TYPICAL PERFORMANCE CURVES
TA = +25°C, VCC = 24VDC, RL = 250Ω, unless otherwise noted.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
Source Resistor
Common
V
REF In
V
IN1 (10V)
V
IN2 (5V)
Zero Adjust
Zero Adjust
Span Adjust
+V
CC
V
REF Force
Gate Drive
Source Sense
V
REF Sense
V
REF Adjust
4mA Span
16mA Span
Top View
ORDERING INFORMATION
MODEL
PACKAGE
TEMPERATURE RANGE
XTR110AG
16-Pin Ceramic DIP
–40
°C to +85°C
XTR110BG
16-Pin Ceramic DIP
–40
°C to +85°C
XTR110KP
16-Pin Plastic DIP
0
°C to +70°C
XTR110KU
SOL-16 Surface-Mount
0
°C to +70°C
PACKAGE INFORMATION
PACKAGE DRAWING
MODEL
PACKAGE
NUMBER(1)
XTR110AG
16-Pin Ceramic DIP
109
XTR110BG
16-Pin Ceramic DIP
109
XTR110KP
16-Pin Plastic DIP
180
XTR110KU
SOL-16 Surface-Mount
211
NOTE: (1) For detailed drawing and dimension table, please see end of data
sheet, or Appendix D of Burr-Brown IC Data Book.
0.001
V
REF LINE REGULATION vs FREQUENCY
10
1
0.1
0.01
1
10
100
1k
10k
100k
Ripple Frequency (Hz)
0.001
I
O POWER SUPPLY REGULATION vs FREQUENCY
10
1
0.1
0.01
1
10
100
1k
10k
100k
Ripple Frequency (Hz)
0
V
REF Output Current (mA)
(I
OUT has minimal effect on TJ)
JUNCTION TEMPERATURE RISE
vs V
REF OUTPUT CURRENT
100
80
60
40
20
28
010
4
6
V
CC = +40V
V
CC = +15V
V
CC = +24V
Max. T
J = +175°C
Max. Temp. Rise
for +85°C Ambient
JA = 70°C/W
Temperature (°C)
TOTAL OUTPUT ERROR vs TEMPERATURE
–40
–20
0
20406080
–2
2
1
0
–1
BG
AG
AG


Similar Part No. - XTR110AG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
XTR110AG TI1-XTR110AG Datasheet
825Kb / 19P
[Old version datasheet]   PRECISION VOLTAGE-TO-CURRENT CONVERTER/TRANSMITTER
More results

Similar Description - XTR110AG

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
XTR111 BURR-BROWN-XTR111 Datasheet
284Kb / 22P
   Precision Voltage-to-Current Converter/Transmitter
logo
Texas Instruments
XTR110 TI1-XTR110 Datasheet
825Kb / 19P
[Old version datasheet]   PRECISION VOLTAGE-TO-CURRENT CONVERTER/TRANSMITTER
XTR111 TI1-XTR111_16 Datasheet
1Mb / 32P
[Old version datasheet]   Precision Voltage-to-Current Converter/Transmitter
XTR111AIDGQR TI-XTR111AIDGQR Datasheet
1Mb / 32P
[Old version datasheet]   Precision Voltage-to-Current Converter/Transmitter
XTR111 TI1-XTR111_14 Datasheet
1Mb / 33P
[Old version datasheet]   Precision Voltage-to-Current Converter/Transmitter
XTR111 TI1-XTR111 Datasheet
1Mb / 32P
[Old version datasheet]   Precision Voltage-to-Current Converter/Transmitter
logo
Burr-Brown (TI)
XTR111 BURR-BROWN-XTR111_07 Datasheet
562Kb / 27P
   Precision Voltage-to-Current Converter/Transmitter
ALD1000 BURR-BROWN-ALD1000 Datasheet
153Kb / 14P
   Precision Programmable CURRENT/VOLTAGE TRANSMITTER
logo
Microchip Technology
TC1047 MICROCHIP-TC1047_13 Datasheet
168Kb / 12P
   Precision Temperature-to-Voltage Converter
11/29/12
TC962 MICROCHIP-TC962_05 Datasheet
468Kb / 12P
   Precision Temperature-to-Voltage Converter
2006
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com