Electronic Components Datasheet Search |
|
EBVW020A0B1Z Datasheet(PDF) 3 Page - Lineage Power Corporation |
|
EBVW020A0B1Z Datasheet(HTML) 3 Page - Lineage Power Corporation |
3 / 18 page GE Data Sheet EBVW020A0B Barracuda Series; DC-DC Converter Power Modules 36-75Vdc Input; 12.0Vdc, 20.0A, 240W Output July 22, 2013 ©2012 General Electric Company. All rights reserved. Page 3 Electrical Specifications (continued) Parameter Device Symbol Min Typ Max Unit Output Voltage Set-point (VIN=VIN,nom, IO=10A, TA =25°C) All VO, set 11.97 12.00 12.03 Vdc Output Voltage (Over all operating input voltage(40V to 75V), resistive load, and temperature conditions until end of life) All w/o -P VO 11.76 12.24 Vdc -P Option VO 11.63 12.37 Vdc Output Voltage (VIN=36V, TA = 25ºC) All VO 10.8 Vdc Output Regulation (VIN, min=40V) Line (VIN=VIN, min to VIN, max) All w/o -P 0.2 % VO, set Load (IO=IO, min to IO, max) All w/o -P 0.2 % VO, set Line (VIN=VIN, min to VIN, max) -P Option 0.5 % VO, set Load (IO=IO, min to IO, max), Intentional Droop -P Option 0.50 Vdc Temperature (TA = -40ºC to +85ºC) All 2 % VO, set Output Ripple and Noise on nominal output (VIN=VIN, nom and IO=IO, min to IO, max, tested with a 1.0 μF ceramic, 10 μF aluminum and 220μF polymer capacitor across the load.) RMS (5Hz to 20MHz bandwidth) All 70 mVrms Peak-to-Peak (5Hz to 20MHz bandwidth) All 200 mVpk-pk External Output Capacitance All CO 220 10,000 μF Output Current All Io 0 20 Adc Output Current Limit Inception All IO, lim 23 Adc Efficiency (VIN=VIN, nom, VO= VO,set, TA=25°C) IO= 100% IO, max All η 95.2 % IO= 55% - 90% IO, max All η 95.4 % Switching Frequency (primary MOSFETs) (Output Ripple 2X switching frequency) fsw 150 kHz Dynamic Load Response (dIo/dt=1A/10s; Vin=Vin,nom; TA=25°C; tested with a 10 μF ceramic and 1x 470μF polymer capacitor across the load.) Load Change from Io= 50% to 75% of Io,max: Peak Deviation Settling Time (Vo<10% peak deviation) All Vpk ts __ 750 800 __ mVpk s Load Change from Io= 75% to 50% of Io,max: Peak Deviation Settling Time (Vo<10% peak deviation) Vpk ts __ __ 750 800 __ mVpk s Isolation Specifications Parameter Symbol Min Typ Max Unit Isolation Capacitance Ciso 1000 pF Isolation Resistance Riso 10 MΩ General Specifications Parameter Device Symbol Typ Unit Calculated Reliability Based upon Telcordia SR-332 Issue 2: Method I, Case 1, (IO=80%IO, max, TA=40°C, Airflow = 200 lfm), 90% confidence All MTBF 4,169,213 Hours All FIT 239.9 109/Hour s Weight – Open Frame 29.5 (1.04) g (oz.) Weight – with Baseplate option 39.0 (1.38) g (oz.) |
Similar Part No. - EBVW020A0B1Z |
|
Similar Description - EBVW020A0B1Z |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |