Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XTR101AU Datasheet(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # XTR101AU
Description  Precision, Low Drift 4-20mA TWO-WIRE TRANSMITTER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

XTR101AU Datasheet(HTML) 6 Page - Burr-Brown (TI)

Back Button XTR101AU Datasheet HTML 2Page - Burr-Brown (TI) XTR101AU Datasheet HTML 3Page - Burr-Brown (TI) XTR101AU Datasheet HTML 4Page - Burr-Brown (TI) XTR101AU Datasheet HTML 5Page - Burr-Brown (TI) XTR101AU Datasheet HTML 6Page - Burr-Brown (TI) XTR101AU Datasheet HTML 7Page - Burr-Brown (TI) XTR101AU Datasheet HTML 8Page - Burr-Brown (TI) XTR101AU Datasheet HTML 9Page - Burr-Brown (TI) XTR101AU Datasheet HTML 10Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
®
XTR101
6
+V
CC
A
1
+V
CC
D
1
V
PS
I
O
7
e
L
10
11
Q
1
R1
Voltage Controlled
Current Source
2.5k
100µA
1.25k
8
56
2mA
R2
52.6
(e
2)
I
B1
I
B2
I
2
I
REF1
1k
e
IN
I
S
(e
2)
(e
1)
I
3
I
4
R
3
–+
I
1
+
A
3
I
O = 4mA + (0.016
+ 40/R
S) eIN, eIN = e2 – e1
(e
1)
R
S
–In
3
+In
4
e
IN
I
REF2
I
O
+V
CC
1.25k
R
4
+V
CC
+V
CC
R
L
A
2
FIGURE 1. Simplified Schematic of the XTR101.
and minimizes thermal feedback to the input stage. Also in
such applications where eIN full scale is small (<50mV) and
R
SPAN is small (<150Ω), caution should be taken to consider
errors from the external span circuit plus high amplification
of offset drift and noise.
OPTIONAL EXTERNAL TRANSISTOR
The optional external transistor, when used, is connected in
parallel with the XTR101’s internal transistor. The purpose
is to increase accuracy by reducing heat change inside the
XTR101 package as the output current spans from 4-20mA.
Under normal operating conditions, the internal transistor is
never completely turned off as shown in Figure 2. This
maintains frequency stability with varying external transis-
tor characteristics and wiring capacitance. The actual “cur-
rent sharing” between internal and external transistors is
dependent on two factors: (1) relative geometry of emitter
areas and (2) relative package dissipation (case size and
thermal conductivity). For best results, the external device
should have a larger base-emitter area and smaller package.
It will, upon turn on, take about [0.95 (IO – 3.3mA)]mA.
However, it will heat faster and take a greater share after a
few seconds.
Although any NPN of suitable power rating will operate
with the XTR101, two readily available transistors are
recommended.
1. 2N2222 in the TO-18 package. For power supply volt-
ages above 24V, a 750
Ω, 1/2W resistor should be con-
nected in series with the collector. This will limit the
power dissipation to 377mW under the worst-case condi-
tions shown in Figure 2. Thus the 2N2222 will safely
operate below its 400mW rating at the upper temperature
of +85
°C. Heat sinking the 2N2222 will result in greatly
reduced accuracy improvement and is not recommended.
2. TIP29B in the TO-220 package. This transistor will
operate over the specified temperature and output voltage
range without a series collector resistor. Heat sinking the
TIP29B will result in slightly less accuracy improvement.
It can be done, however, when mechanical constraints
require it.
ACCURACY WITH AND
WITHOUT EXTERNAL TRANSISTOR
The XTR101 has been tested in a circuit using an external
transistor. The relative difference in accuracy with and
without an external transistor is shown in Figure 3. Notice
that a dramatic improvement in offset voltage change with
supply voltage is evident for any value of load resistor.
MAJOR POINTS TO
CONSIDER WHEN USING THE XTR101
1. The leads to RS should be kept as short as possible to
reduce noise pick-up and parasitic resistance.
2. +VCC should be bypassed with a 0.01µF capacitor as close
to the unit as possible (pin 8 to 7).
3. Always keep the input voltages within their range of
linear operation, +4V to +6V (e
1 and e2 measured with
respect to pin 7).


Similar Part No. - XTR101AU

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
XTR101AU TI-XTR101AU Datasheet
736Kb / 25P
[Old version datasheet]   Precision, Low Drift 4-20mA TWO-WIRE TRANSMITTER
XTR101AU TI1-XTR101AU Datasheet
796Kb / 26P
[Old version datasheet]   Precision, Low Drift 4-20mA TWO-WIRE TRANSMITTER
XTR101AU/1K TI1-XTR101AU/1K Datasheet
796Kb / 26P
[Old version datasheet]   Precision, Low Drift 4-20mA TWO-WIRE TRANSMITTER
XTR101AU/1KG4 TI1-XTR101AU/1KG4 Datasheet
796Kb / 26P
[Old version datasheet]   Precision, Low Drift 4-20mA TWO-WIRE TRANSMITTER
XTR101AUG4 TI1-XTR101AUG4 Datasheet
796Kb / 26P
[Old version datasheet]   Precision, Low Drift 4-20mA TWO-WIRE TRANSMITTER
More results

Similar Description - XTR101AU

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
XTR101 TI-XTR101 Datasheet
736Kb / 25P
[Old version datasheet]   Precision, Low Drift 4-20mA TWO-WIRE TRANSMITTER
XTR101 TI1-XTR101_15 Datasheet
796Kb / 26P
[Old version datasheet]   Precision, Low Drift 4-20mA TWO-WIRE TRANSMITTER
XTR108 TI-XTR108_15 Datasheet
868Kb / 33P
[Old version datasheet]   4-20mA, TWO-WIRE TRANSMITTER Smart Programmable with Signal Conditioning
logo
Burr-Brown (TI)
XTR108 BURR-BROWN-XTR108_12 Datasheet
901Kb / 32P
   4-20mA, TWO-WIRE TRANSMITTER ?쏶mart??Programmable with Signal Conditioning
XTR108 BURR-BROWN-XTR108 Datasheet
497Kb / 27P
   4-20mA, TWO-WIRE TRANSMITTER Smart Programmable with Signal Conditioning
IXR100 BURR-BROWN-IXR100 Datasheet
110Kb / 14P
   Isolated, Self-Powered, Temperature Sensor Conditioning 4-20mA TWO-WIRE TRANSMITTER
logo
Maxim Integrated Produc...
MAX12900 MAXIM-MAX12900_V01 Datasheet
1Mb / 31P
   Ultra-Low-Power 4-20mA Sensor Transmitter
19-100086; Rev 2; 3/18
logo
National Semiconductor ...
LH0045 NSC-LH0045 Datasheet
456Kb / 12P
   TWO WIRE TRANSMITTER
logo
Texas Instruments
XTR108-DIE TI1-XTR108-DIE Datasheet
122Kb / 5P
[Old version datasheet]   TWO-WIRE TRANSMITTER
XTR117 TI-XTR117 Datasheet
187Kb / 11P
[Old version datasheet]   4-20mA Current-Loop Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com