Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XTR104BP Datasheet(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # XTR104BP
Description  4-20mA Current Transmitter with BRIDGE EXCITATION AND LINEARIZATION
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

XTR104BP Datasheet(HTML) 4 Page - Burr-Brown (TI)

  XTR104BP Datasheet HTML 1Page - Burr-Brown (TI) XTR104BP Datasheet HTML 2Page - Burr-Brown (TI) XTR104BP Datasheet HTML 3Page - Burr-Brown (TI) XTR104BP Datasheet HTML 4Page - Burr-Brown (TI) XTR104BP Datasheet HTML 5Page - Burr-Brown (TI) XTR104BP Datasheet HTML 6Page - Burr-Brown (TI) XTR104BP Datasheet HTML 7Page - Burr-Brown (TI) XTR104BP Datasheet HTML 8Page - Burr-Brown (TI) XTR104BP Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
®
XTR104
DICE INFORMATION
XTR104 DIE TOPOGRAPHY
PAD
FUNCTION
9RLIN
10
V+
11
E (Emitter)
12A, 12B
VREF
13
B (Base)
14
Zero Adj.
15
Zero Adj.
16
Zero Adj.
PAD
FUNCTION
1V+IN
2V–IN
3V+LIN
4V–LIN
5RG
6RG
7IO
8RLIN
Pads 12A and 12B must be connected.
NC: No Connection
Substrate Bias: Internally connected to the I
O terminal
(#7).
FPO
MECHANICAL INFORMATION
MILS (0.001")
MILLIMETERS
Die Size
168 x 104
±5
4.27 x 2.64
±0.13
Die Thickness
20
±3
0.51
±0.08
Min. Pad Size
4 x 4
0.1 x 0.1
Backing
None
TYPICAL PERFORMANCE CURVES
T
A
= +25
°C, V+ = 24V, unless otherwise noted.
100
1k
10k
100k
0
Frequency (Hz)
TRANSCONDUCTANCE vs FREQUENCY
1M
80
60
40
20
R
G = 25Ω
R
G = 100Ω
R
G = 400Ω
R
G = 2kΩ
R
G = ∞
4mA
20mA
R
G = 25Ω
R
G = ∞
STEP RESPONSE
100
µs/Div


Similar Part No. - XTR104BP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
XTR104 TI1-XTR104 Datasheet
139Kb / 12P
[Old version datasheet]   4-20mA Current Transmitter with BRIDGE EXCITATION AND LINEARIZATION
XTR104AU/1K TI1-XTR104AU/1K Datasheet
139Kb / 12P
[Old version datasheet]   4-20mA Current Transmitter with BRIDGE EXCITATION AND LINEARIZATION
More results

Similar Description - XTR104BP

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
XTR106 BURR-BROWN-XTR106 Datasheet
272Kb / 15P
   4-20mA CURRENT TRANSMITTER with Bridge Excitation and Linearization
logo
Texas Instruments
XTR104 TI1-XTR104 Datasheet
139Kb / 12P
[Old version datasheet]   4-20mA Current Transmitter with BRIDGE EXCITATION AND LINEARIZATION
XTR106 TI1-XTR106 Datasheet
587Kb / 22P
[Old version datasheet]   4-20mA CURRENT TRANSMITTER with Bridge Excitation and Linearization
XTR105 TI1-XTR105 Datasheet
576Kb / 21P
[Old version datasheet]   4-20mA CURRENT TRANSMITTER with Sensor Excitation and Linearization
logo
Burr-Brown (TI)
XTR103 BURR-BROWN-XTR103 Datasheet
222Kb / 10P
   4-20mA Current Transmitter with RTD EXCITATION AND LINEARIZATION
logo
Texas Instruments
XTR103 TI1-XTR103 Datasheet
171Kb / 11P
[Old version datasheet]   4-20mA Current Transmitter with RTD EXCITATION AND LINEARIZATION
XTR105 TI1-XTR105_15 Datasheet
808Kb / 23P
[Old version datasheet]   4-20mA CURRENT TRANSMITTER with Sensor Excitation and Linearization
XTR105UAG4 TI-XTR105UAG4 Datasheet
722Kb / 21P
[Old version datasheet]   4-20mA CURRENT TRANSMITTER with Sensor Excitation and Linearization
logo
Burr-Brown (TI)
XTR105 BURR-BROWN-XTR105 Datasheet
265Kb / 15P
   4-20mA CURRENT TRANSMITTER with Sensor Excitation and Linearization
logo
Texas Instruments
XTR105-DIE TI1-XTR105-DIE Datasheet
110Kb / 5P
[Old version datasheet]   4-20mA CURRENT TRANSMITTER WITH SENSOR EXCITATION AND LINEARIZATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com