Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CP2725AC54TEP Datasheet(PDF) 1 Page - Lineage Power Corporation

Part # CP2725AC54TEP
Description  100-120/200-277VAC input; Default Outputs: 짹54VDC @ 2725W, 5VDC @ 4W
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

CP2725AC54TEP Datasheet(HTML) 1 Page - Lineage Power Corporation

  CP2725AC54TEP Datasheet HTML 1Page - Lineage Power Corporation CP2725AC54TEP Datasheet HTML 2Page - Lineage Power Corporation CP2725AC54TEP Datasheet HTML 3Page - Lineage Power Corporation CP2725AC54TEP Datasheet HTML 4Page - Lineage Power Corporation CP2725AC54TEP Datasheet HTML 5Page - Lineage Power Corporation CP2725AC54TEP Datasheet HTML 6Page - Lineage Power Corporation CP2725AC54TEP Datasheet HTML 7Page - Lineage Power Corporation CP2725AC54TEP Datasheet HTML 8Page - Lineage Power Corporation CP2725AC54TEP Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
GE
Data Sheet
January 30, 2014
©2013 General Electric Company. All rights reserved.
CP2725AC54TE Compact Power Line High Efficiency Rectifier
100-120/200-277VAC input; Default Outputs: ±54VDC @ 2725W, 5VDC @ 4W
Features
Efficiency 96.2%
Compact 1RU form factor with 30 W/in3 density
Constant power from 52 – 58VDC
2725W from nominal 200 – 277VAC
1200W from nominal 100 – 120VAC
Output voltage programmable from 42V – 58VDC
PMBus compliant dual I2C and RS485 serial busses
Isolated +5V Aux, signals and I2C communications
Power factor correction (meets EN/IEC 61000-3-2 and
EN 60555-2 requirements)
Output overvoltage and overload protection
AC Input overvoltage and undervoltage protection
Over-temperature warning and protection
Redundant, parallel operation with active load sharing
Remote ON/OFF
Internally controlled Variable-speed fan
Hot insertion/removal (hot plug)
Four front panel LED indicators
UL* Recognized to UL60950-1, CAN/ CSAC22.2 No.
60950-1, and VDE0805-1 Licensed to IEC60950-1
CE mark meets 2006/95/EC directive§
RoHS 6 compliant
Applications
48VDC distributed power architectures
Routers/Switches
VoIP/Soft Switches
LAN/WAN/MAN applications
File servers
Indoor wireless
Telecommunications equipment
Enterprise Networks
SAN/NAS/iSCSI applications
Description
The CP2725AC54TE Rectifier provides significant efficiency improvements in the Compact Power Line platform of Rectifiers. High-
density front-to-back airflow is designed for minimal space utilization and is highly expandable for future growth. The wide-input
standard product is designed to be deployed internationally. It is configured with both RS485 and dual-redundant I2C
communications busses that allow it to be used in a broad range of applications. These signals and the 5V auxiliary supply are
isolated from the main output and frame ground. Feature set flexibility makes this rectifier an excellent choice for applications
requiring modular AC to - 48VDC intermediate voltages, such as in distributed power.
* UL is a registered trademark of Underwriters Laboratories, Inc.
CSA is a registered trademark of Canadian Standards Association.
VDE is a trademark of Verband Deutscher Elektrotechniker e.V.
§ This product is intended for integration into end-user equipment. All CE marking procedures of end-user equipment should be followed. (The CE mark is placed on selected products.)
** ISO is a registered trademark of the International Organization of Standards
+ The PMBus name and logo are registered trademarks of the System Management Interface Forum (SMIF)
RoHS Compliant


Similar Part No. - CP2725AC54TEP

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
CP2725AC54Z LINEAGEPOWER-CP2725AC54Z Datasheet
278Kb / 8P
   Compact Power Line Front-End Power Supply
More results

Similar Description - CP2725AC54TEP

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
CP2500AC54TEZ LINEAGEPOWER-CP2500AC54TEZ Datasheet
572Kb / 20P
   100-120/200-277VAC input; Default Outputs: 짹54VDC @ 2500W, 5VDC @ 4W
CP2000AC54TEP LINEAGEPOWER-CP2000AC54TEP Datasheet
572Kb / 20P
   100-120/200-277VAC input; Default Outputs: 짹54VDC @ 2000W, 5VDC @ 4W
CP2000AC54PE LINEAGEPOWER-CP2000AC54PE Datasheet
267Kb / 8P
   Compact Power Line Input: 100-120/200-240 Vac; Outputs: 짹54 Vdc at 2000W; 5 Vdc at 4W
logo
LinkCom Manufacturing C...
PLCCE0060132 LINKCOM-PLCCE0060132 Datasheet
697Kb / 2P
   AC Input 100-277Vac
PLCCE0017142 LINKCOM-PLCCE0017142 Datasheet
270Kb / 2P
   AC Input 100-277Vac
PLCCE0013501 LINKCOM-PLCCE0013501 Datasheet
258Kb / 2P
   AC Input 100-277Vac
PLCCE0017112 LINKCOM-PLCCE0017112 Datasheet
258Kb / 2P
   AC Input 100-277Vac
PLCCE0017122 LINKCOM-PLCCE0017122 Datasheet
270Kb / 2P
   AC Input 100-277Vac
PLCCE0013112 LINKCOM-PLCCE0013112 Datasheet
270Kb / 2P
   AC Input 100 - 277Vac
PLCCE0015112 LINKCOM-PLCCE0015112 Datasheet
269Kb / 2P
   AC Input 100-277Vac
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com