Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CP2000AC54TEP Datasheet(PDF) 3 Page - Lineage Power Corporation

Part # CP2000AC54TEP
Description  100-120/200-277VAC input; Default Outputs: 짹54VDC @ 2000W, 5VDC @ 4W
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

CP2000AC54TEP Datasheet(HTML) 3 Page - Lineage Power Corporation

  CP2000AC54TEP Datasheet HTML 1Page - Lineage Power Corporation CP2000AC54TEP Datasheet HTML 2Page - Lineage Power Corporation CP2000AC54TEP Datasheet HTML 3Page - Lineage Power Corporation CP2000AC54TEP Datasheet HTML 4Page - Lineage Power Corporation CP2000AC54TEP Datasheet HTML 5Page - Lineage Power Corporation CP2000AC54TEP Datasheet HTML 6Page - Lineage Power Corporation CP2000AC54TEP Datasheet HTML 7Page - Lineage Power Corporation CP2000AC54TEP Datasheet HTML 8Page - Lineage Power Corporation CP2000AC54TEP Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
GE
Data Sheet
CP2000AC54TE CPL High Efficiency Rectifier
100-120/200-277VAC input; Default Outputs: ±54VDC @ 2000W, 5VDC @ 4W
August 16, 2013
©2013 General Electric Company. All rights reserved.
Page 3
Electrical Specifications (continued)
54VDC MAIN OUTPUT
Parameter
Symbol
Min
Typ
Max
Unit
Output Power @ low line input 100 – 120VAC
@ high line input 200 – 277VAC
@ nominal 277Vac and Tamb > 45C
W
1200
2000
2000
WDC
Default Set point
VOUT
54
VDC
Overall regulation (load, temperature, aging) 0 - 45C LOAD > 2.5A
> 45C
-1
-2
+1
+2
%
Output Voltage Set Range - analog margining
- Set either by I2C or RS485
44
42
58
58
VDC
Output Current - @ 1200W (100 – 120Vac), 54V/52V
@ 2000W (200 – 240VAC), 54V/52V
@ 2000W ( > 277VAC @ Tamb > 45C), 54V/52V
IOut
1
1
1
25/23
50.5/52.4
37/38.4
ADC
Current Share ( > 50% FL)
-5
5
%FL
Proportional Current Share between different rectifiers ( > 50% FL)
<7
%FL
Output Ripple ( 20MHz bandwidth, load > 1A)
RMS (5Hz to 20MHz)
Peak-to-Peak (5Hz to 20MHz)
Psophometric Noise
VOUT
100
2504
95
mVrms
mVp-p
mVrms
External Bulk Load Capacitance
COUT
0
5,000
F
Turn-On (monotonic turn-ON from 30 – 100% of Vnom above 5C)
Delay
Rise Time – PMBus mode
Rise Time - RS-485 mode6
Output Overshoot
T
VOUT
5
100
5
2
s
ms
s
%
Load Step Response ( IO,START > 2.5A )
I
V, VAC  285AC
V, VAC ≥ 285AC
Response Time
IOUT
VOUT
VOUT
T
2.0
3.2
2
50
%FL
VDC
VDC
ms
Overload - Power limit @ high line down to 52VDC
Power limit @ low line down to 52VDC
High line current limit if Vout > 41.5VDC
High line current limit if Vout < 41.5VDC
Low line current limit
Output shutdown (commences as voltage decays below this level)
POUT
POUT
IOUT
VOUT
2000
1200
39.2
36
26
39
WDC
WDC
ADC
ADC
ADC
VDC
System power up
Upon insertion the power supply will delay an overload shutdown
for 20 seconds allowing for the insertion and startup of multiple
modules within a system.
Overvoltage - 200ms delayed shutdown
Immediate shutdown
VOUT
> 65
< 65
VDC
Latched shutdown
Three restart attempts are implemented within a 1 minute window
prior to a latched shutdown.
Over-temperature warning (prior to commencement of shutdown)
Shutdown (below the max device rating being protected)
Restart attempt Hysteresis (below shutdown level)
T
5
20
10
C
Isolation Output-Chassis (Standard, non-POE compliant)
V
500
VDC
4
500mVp-p max above 280VAC , 300mVp-p max for POE product
5
Complies with ANSI TI.523-2001 section 4.9.2 emissions max limit of 20mV flat unweighted wideband noise limits
6
Below -5°C, the rise time is approximately 5 minutes to protect the bulk capacitors.


Similar Part No. - CP2000AC54TEP

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
CP2000AC54PE LINEAGEPOWER-CP2000AC54PE Datasheet
267Kb / 8P
   Compact Power Line Input: 100-120/200-240 Vac; Outputs: 짹54 Vdc at 2000W; 5 Vdc at 4W
CP2000AC54SD LINEAGEPOWER-CP2000AC54SD Datasheet
273Kb / 8P
   Compact Power Line Input: 200-240 Vac; Outputs: 짹54 Vdc at 2000W; 5 Vdc at 4W
More results

Similar Description - CP2000AC54TEP

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
CP2500AC54TEZ LINEAGEPOWER-CP2500AC54TEZ Datasheet
572Kb / 20P
   100-120/200-277VAC input; Default Outputs: 짹54VDC @ 2500W, 5VDC @ 4W
CP2725AC54TE LINEAGEPOWER-CP2725AC54TE Datasheet
572Kb / 20P
   100-120/200-277VAC input; Default Outputs: 짹54VDC @ 2725W, 5VDC @ 4W
CP2000AC54PE LINEAGEPOWER-CP2000AC54PE Datasheet
267Kb / 8P
   Compact Power Line Input: 100-120/200-240 Vac; Outputs: 짹54 Vdc at 2000W; 5 Vdc at 4W
CP2000AC54SD LINEAGEPOWER-CP2000AC54SD Datasheet
273Kb / 8P
   Compact Power Line Input: 200-240 Vac; Outputs: 짹54 Vdc at 2000W; 5 Vdc at 4W
CP2000DC54PEZ LINEAGEPOWER-CP2000DC54PEZ Datasheet
310Kb / 15P
   Input: -40 to -72Vdc; Outputs: 짹54 Vdc @ 2000W; 5 Vdc @ 4W
logo
LinkCom Manufacturing C...
PLCCE0060132 LINKCOM-PLCCE0060132 Datasheet
697Kb / 2P
   AC Input 100-277Vac
PLCCE0017142 LINKCOM-PLCCE0017142 Datasheet
270Kb / 2P
   AC Input 100-277Vac
PLCCE0013501 LINKCOM-PLCCE0013501 Datasheet
258Kb / 2P
   AC Input 100-277Vac
PLCCE0017112 LINKCOM-PLCCE0017112 Datasheet
258Kb / 2P
   AC Input 100-277Vac
PLCCE0017122 LINKCOM-PLCCE0017122 Datasheet
270Kb / 2P
   AC Input 100-277Vac
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com