Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAR2512TEBXXZ01A Datasheet(PDF) 3 Page - Lineage Power Corporation

Part # CAR2512TEBXXZ01A
Description  90VAC to 264VAC 12VDC@ 2500W; 3.3/5VDC standby @ 15W
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

CAR2512TEBXXZ01A Datasheet(HTML) 3 Page - Lineage Power Corporation

  CAR2512TEBXXZ01A Datasheet HTML 1Page - Lineage Power Corporation CAR2512TEBXXZ01A Datasheet HTML 2Page - Lineage Power Corporation CAR2512TEBXXZ01A Datasheet HTML 3Page - Lineage Power Corporation CAR2512TEBXXZ01A Datasheet HTML 4Page - Lineage Power Corporation CAR2512TEBXXZ01A Datasheet HTML 5Page - Lineage Power Corporation CAR2512TEBXXZ01A Datasheet HTML 6Page - Lineage Power Corporation CAR2512TEBXXZ01A Datasheet HTML 7Page - Lineage Power Corporation CAR2512TEBXXZ01A Datasheet HTML 8Page - Lineage Power Corporation CAR2512TEBXXZ01A Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
GE
Preliminary Data Sheet
CAR2512TE Front-End
Input: 90VAC to 264VAC; Output: 12 VDC @ 2500W; 3.3/5VDC standby @ 15W
February 7, 2014
©2013 General Electric Company. All rights reserved.
Page 3
12Vdc MAIN OUTPUT (continued)
Parameter
Symbol
Min
Typ
Max
Unit
Remote ON/OFF delay time
40
ms
Turn-ON rise time (10 – 90% of VOUT)
50
ms
Transient response 50% step [10%-60%, 50% - 100%]
(dI/dt – 1A/µs, recovery 300µs)
VOUT
-5
+5
%VOUT
Programmable range (hardware & software)
10.8
13.2
VDC
Overvoltage protection, latched
(recovery by cycling OFF/ON via hardware or software)
13.8
14.8
15.8
VDC
Output current VIN = HL
VIN = LL
IOUT
0
208
100
ADC
Current limit, Hiccup (programmable level) HL / LL
105/105
130/140
% of FL
Active current share (IOUT ≥ 20% of FL)
-5
+5
% of FL
STANDBY OUTPUT
Parameter
Symbol
Min
Typ
Max
3.3 / 5 / 12
Unit
Set point
VOUT
3.3 / 5.0 / 12
VDC
Factory set point accuracy (25C, 50% load)
-3
+3
%
Overall regulation (line, load, temperature, aging)
-5
+5
%
Ripple and noise
50 / 50 / 120
mVP-P
Output power
IOUT
0
15
WDC
Overload protection -
Overvoltage protection
110
%
Isolation
Output/Frame
100
VDC
General Specifications
Parameter
Min
Typ
Max
Units
Notes
Reliability
400,000
Hrs
Full load, 25C ; MTBF per SR232 Reliability
protection for electronic equipment, method I,
case III,
Service Life
10
Yrs
Full load, excluding fans
Weight
5.2 /2.36
Lbs/kg
Feature Specifications
Unless otherwise indicated, specifications apply over all operating input voltage, resistive load, and temperature conditions. See
Feature Descriptions for additional information.
Parameter
Symbol
Min
Typ
Max
Unit
Remote ON/OFF (pulled up internally within the module to Vstdby)
Logic High (Module ON)
2.5
5
VDC
Logic Low (Module OFF, internal resistance 9kΩ)
IIL
1
mA
VIL
0
0.8
VDC


Similar Part No. - CAR2512TEBXXZ01A

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
CAR2512 RIEDON-CAR2512 Datasheet
251Kb / 1P
   Thin Film Precisionion Chip Resistor
CAR2512 RIEDON-CAR2512 Datasheet
168Kb / 2P
   Thin Film Precision Chip Resistor
CAR2512 RIEDON-CAR2512 Datasheet
145Kb / 3P
   CAR Series
logo
Lineage Power Corporati...
CAR2512FP LINEAGEPOWER-CAR2512FP Datasheet
1Mb / 2P
   2500 Watt 12V Front End Power Supply
CAR2512FP5Y0-1A LINEAGEPOWER-CAR2512FP5Y0-1A Datasheet
1Mb / 2P
   2500 Watt 12V Front End Power Supply
More results

Similar Description - CAR2512TEBXXZ01A

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
CAR2548FP LINEAGEPOWER-CAR2548FP_14 Datasheet
304Kb / 15P
   90Vac to 264Vac 48Vdc @ 2500W; 3.3Vdc or 5 Vdc @ 1A
logo
General Semiconductor
EN55022 GE-EN55022 Datasheet
197Kb / 7P
   CAR2512FP series rectifier Input: 90Vac to 264Vac Output: 12Vdc 208A 3.3Vdc or 5 Vdc 1A
logo
Advantech Co., Ltd.
BB-SDI18-5-U-P5 ADVANTECH-BB-SDI18-5-U-P5 Datasheet
552Kb / 2P
   5Vdc, 3A, 15W Power Supply
logo
Lineage Power Corporati...
CAR1212FP LINEAGEPOWER-CAR1212FP_14 Datasheet
269Kb / 7P
   85Vac to 264Vac 12Vdc @ 1250W; 5 Vdc @ 0.5A
logo
Advantech Co., Ltd.
BB-PS-WDS ADVANTECH-BB-PS-WDS Datasheet
353Kb / 1P
   5VDC, 3A, 15W Switching Power Supply
logo
Lineage Power Corporati...
CLP0212 LINEAGEPOWER-CLP0212 Datasheet
1Mb / 15P
   90 - 264Vac input; 12Vdc output; 200W Output Power
CP2500AC54TEZ LINEAGEPOWER-CP2500AC54TEZ Datasheet
572Kb / 20P
   100-120/200-277VAC input; Default Outputs: 짹54VDC @ 2500W, 5VDC @ 4W
logo
Power Integrations, Inc...
TNY268P POWERINT-TNY268P Datasheet
375Kb / 20P
   15W PC Standby power supply
logo
General Electric Compan...
CAR0812FP GEC-CAR0812FP Datasheet
322Kb / 15P
   Input: 85VAC to 264VAC; Output: 12VDC @ 850W; 3.3VDC or 5 VDC @ 1A
May 2, 2013
logo
Lineage Power Corporati...
SSTW001A3B LINEAGEPOWER-SSTW001A3B Datasheet
777Kb / 15P
   36-75Vdc Input; 12Vdc, 1.3A, 15W Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com