Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VSP2000 Datasheet(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # VSP2000
Description  CCD SIGNAL PROCESSOR FOR DIGITAL CAMERAS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

VSP2000 Datasheet(HTML) 3 Page - Burr-Brown (TI)

  VSP2000 Datasheet HTML 1Page - Burr-Brown (TI) VSP2000 Datasheet HTML 2Page - Burr-Brown (TI) VSP2000 Datasheet HTML 3Page - Burr-Brown (TI) VSP2000 Datasheet HTML 4Page - Burr-Brown (TI) VSP2000 Datasheet HTML 5Page - Burr-Brown (TI) VSP2000 Datasheet HTML 6Page - Burr-Brown (TI) VSP2000 Datasheet HTML 7Page - Burr-Brown (TI) VSP2000 Datasheet HTML 8Page - Burr-Brown (TI) VSP2000 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
®
VSP2000
3
+VS ....................................................................................................... +6V
Analog Input ......................................................... (0 –0.3V) to (+VS +0.3V)
Logic Input ........................................................... (0 –0.3V) to (+VS +0.3V)
Case Temperature ......................................................................... +100
°C
Junction Temperature .................................................................... +150
°C
Storage Temperature ..................................................................... +150
°C
ABSOLUTE MAXIMUM RATINGS
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Burr-Brown
recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric
changes could cause the device not to meet its published
specifications.
PACKAGE DRAWING
TEMPERATURE
PRODUCT
PACKAGE
NUMBER(1)
RANGE
VSP2000
48-Lead LQFP
340
–40
°C to +85°C
NOTE: (1) For detailed drawing and dimension table, please see end of data
sheet, or Appendix C of Burr-Brown IC Data Book.
PACKAGE/ORDERING INFORMATION
27
CCD R
Capacitor for Dummy Feedback Loop
28
AVSS2
Analog Ground
29
AGC1
Sets Gain of CCD Channel, 1k
Ω Resistor
30
AGC2
Sets Gain of CCD Channel, 16k
Ω Resistor
31
AVSS3
Analog Ground
32
LCM
Attenuator Common-Mode Bypass
33
AVDD1
Analog +Supply
34
INT BIAS 2
Internal Bias, should be connected to GND
with 0.1
µF Capacitor
35
AVSS
Analog Ground
36
INT BIAS 1
Internal Bias, should be connected to GND
with 0.1
µF Capacitor
37
2.4V
Attenuator Ladder Bypass
38
CM
ADS Common-Mode Voltage
39
AVDD2
Analog +Supply
40
AVDD3
Analog +Supply
41
DVSS
Digital Ground
42
AVDD
Analog +Supply
43
AVDD4
Analog +Supply
44
AVDD5
Analog +Supply
45
AVSS4
Analog Ground
46
AVSS5
Analog Ground
47
REFN
ADS –Reference, Bypass to Ground
48
REFP
ADS +Reference, Bypass to Ground
1DVSS1
Digital Ground
2
B10 (LSB)
LSB of ADS
3
B9
Bit 9
4
B8
Bit 8
5
B7
Bit 7
6
B6
Bit 6
7
B5
Bit 5
8
B4
Bit 4
9
B3
Bit 3
10
B2
Bit 2
11
B1 (MSB)
MSB of ADS
12
DRVDD
Digital +Supply of ADS Output
13
DRVSS
Digital Ground for ADS Output
14
DVSS2
Digital Ground
15
DVSS3
Digital Ground
16
ADCK
ADS Clock, Data Output on Falling Edge
17
DVDD1
Digital +Supply
18
PD
L = Normal Operation, H = Reduced Power
19
PB
L = –FS + 32 LSB, H = Normal at CCD Mode
20
OB
Optical Black Clamp Pulse, Active LOW
21
REFCK
Neg Pulse, Trailing Edge Samples Reset
22
DATCK
Neg Pulse, Trailing Edge Samples Data
23
DUMC
Dummy Clamp, Active LOW
24
C
Capacitor for Optical Feedback
25
AVSS1
Analog Ground
26
CCD D
CCD Signal Input
PIN CONFIGURATION
PIN
DESIGNATOR
DESCRIPTION
PIN
DESIGNATOR
DESCRIPTION
PIN DESCRIPTIONS
36
35
34
33
32
31
30
29
28
27
26
25
INT BIAS1
AV
SS
INT BIAS2
AV
DD1
LCM
AV
SS3
AGC2
AGC1
AV
SS2
CCD R
CCD D
AV
SS1
1
2
3
4
5
6
7
8
9
10
11
12
DV
SS1
B10 (LSB)
B9
B8
B7
B6
B5
B4
B3
B2
B1 (MSB)
DRV
DD
48
47
46
45
44
43
42
41
40
39
38
13
14
15
16
17
18
19
20
21
22
23
37
24
VSP2000


Similar Part No. - VSP2000

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
VSP2080 BURR-BROWN-VSP2080 Datasheet
80Kb / 7P
   CCD SIGNAL FRONT-END PROCESSOR FOR DIGITAL CAMERAS
VSP2080T BURR-BROWN-VSP2080T Datasheet
80Kb / 7P
   CCD SIGNAL FRONT-END PROCESSOR FOR DIGITAL CAMERAS
More results

Similar Description - VSP2000

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
VSP2210 BURR-BROWN-VSP2210 Datasheet
123Kb / 11P
   CCD SIGNAL PROCESSOR For Digital Cameras
logo
Texas Instruments
VSP2230 TI1-VSP2230_14 Datasheet
1Mb / 4P
[Old version datasheet]   CCD SIGNAL PROCESSOR For Digital Cameras
VSP2232 TI1-VSP2232_16 Datasheet
497Kb / 4P
[Old version datasheet]   CCD SIGNAL PROCESSOR For Digital Cameras
logo
Burr-Brown (TI)
VSP2260 BURR-BROWN-VSP2260 Datasheet
221Kb / 13P
   CCD SIGNAL PROCESSOR for DIGITAL CAMERAS
VSP2212 BURR-BROWN-VSP2212 Datasheet
125Kb / 11P
   CCD SIGNAL PROCESSOR For Digital Cameras
logo
Texas Instruments
VSP2270 TI-VSP2270 Datasheet
258Kb / 19P
[Old version datasheet]   CCD SIGNAL PROCESSOR FOR DIGITAL CAMERAS
VSP2232 TI-VSP2232 Datasheet
248Kb / 19P
[Old version datasheet]   CCD SIGNAL PROCESSOR FOR DIGITAL CAMERAS
VSP2272 TI-VSP2272 Datasheet
282Kb / 10P
[Old version datasheet]   CCD SIGNAL PROCESSOR FOR DIGITAL CAMERAS
logo
Burr-Brown (TI)
VSP2101 BURR-BROWN-VSP2101 Datasheet
184Kb / 12P
   CCD SIGNAL PROCESSOR For Digital Cameras
logo
Texas Instruments
VSP2212 TI1-VSP2212_16 Datasheet
529Kb / 4P
[Old version datasheet]   CCD SIGNAL PROCESSOR For Digital Cameras
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com