Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UAF42AU Datasheet(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # UAF42AU
Description  UNIVERSAL ACTIVE FILTER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

UAF42AU Datasheet(HTML) 4 Page - Burr-Brown (TI)

  UAF42AU Datasheet HTML 1Page - Burr-Brown (TI) UAF42AU Datasheet HTML 2Page - Burr-Brown (TI) UAF42AU Datasheet HTML 3Page - Burr-Brown (TI) UAF42AU Datasheet HTML 4Page - Burr-Brown (TI) UAF42AU Datasheet HTML 5Page - Burr-Brown (TI) UAF42AU Datasheet HTML 6Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
At low frequencies, the value required for the frequency-
setting resistors can be excessive. Resistor values above
about 5M
Ω can react with parasitic capacitance causing
poor filter performance. When fO is below 10Hz, external
capacitors must be added to keep the value of RF1 and RF2
below 5M
Ω . When f
O is in the range of about 10Hz to 32Hz,
An external 5.49k
Ω resistor, R
2A, is added in parallel with
the internal resistor, R2, to reduce RF1 and RF2 by √10 and
eliminate the need for external capacitors. At the other
extreme, when fO is above 10kHz, R2A, is added in parallel
with R2 to improve stability.
External filter gain-set resistors, RG, are always required
when using an inverting pole-pair configuration or when
using a noninverting configuration with Q < 0.57.
PP1 (Noninverting pole-pair subcircuit using internal gain-
set resistor, R3)—See Figure 7. In the automatic topology
selection mode, this configuration is used for all band-pass
filter responses. This configuration allows the combination
of unity pass-band gain and high Q (up to 400). Since no
external gain-set resistor is required, external parts count is
minimized.
PP2 (Noninverting pole-pair subcircuit using an external
gain-set resistor, RG)—See Figure 8. This configuration is
used when the pole-pair Q is less than 0.57.
PP3 (Inverting pole-pair subcircuit)—See Figure 9A. In the
automatic topology selection mode, this configuration is
used for the all-pole low-pass and high-pass filter responses.
This configuration requires an external gain-set resistor, RG.
With RG = 50kΩ, low-pass and high-pass gain are unity.
PP4 (Noninverting pole-pair/zero subcircuit)—See Figure
10. In addition to a complex pole-pair, this configuration
produces a j
ω-axis zero (response null) by summing the low-
pass and high-pass outputs using the auxiliary op amp, A4,
in the UAF42. In the automatic topology selection mode,
this configuration is used for all band-reject (notch) filter
responses and Inverse Chebyshev filter types when
Q > 0.57. This subcircuit option keeps external parts count
low by using the internal gain-set resistor, R3.
PP5 (Noninverting pole-pair/zero subcircuit)—See Figure
11. In addition to a complex pole-pair, this configuration
produces a j
ω-axis zero (response null) by summing the low-
pass and high-pass outputs using the auxiliary op amp, A4,
in the UAF42. In the automatic topology selection mode,
this configuration is used for all band-reject (notch) filter
responses and Inverse Chebyshev filter types when
Q < 0.57. This subcircuit option requires an external gain-set
resistor, RG.
PP6 (Inverting pole-pair/zero subcircuit)—See Figure 12. In
addition to a complex pole-pair, this configuration produces
a j
ω-axis zero (response null) by summing the low-pass and
high-pass outputs using the auxiliary op amp, A4, in the
UAF42. This subcircuit is only used when you override the
automatic topology selection algorithm and specify the in-
verting pole-pair topology. Then it is used for all band-reject
(notch) filter responses and Inverse Chebyshev filter types.
The program automatically places lower Q stages ahead of
higher Q stages to prevent op amp output saturation due to
gain peaking. Even so, peaking may limit input voltage to
less than
±10V (V
S = ±15V). The maximum input voltage
for each filter design is shown on the filter block diagram.
If the UAF42 is to be operated on reduced supplies, the
maximum input voltage must be derated commensurately.
To use the filter with higher input voltages, you can add an
input attenuator.
The program designs the simplest filter that provides the
desired AC transfer function with a pass-band gain of
1.0V/V. In some cases the program cannot make a unity-
gain filter and the pass-band gain will be less than 1.0V/V.
In any case, overall filter gain is shown on the filter block
diagram. If you want a different gain, you can add an
additional stage for gain or attenuation as required.
To build the filter, print-out the block diagram and compo-
nent values. Consider one subcircuit at a time. Match the
subcircuit type referenced on the component print-out to its
corresponding circuit diagram—see the Filter Subcircuits
section of this bulletin.
The UAF42 Filter Component Values print-out has places to
display every possible external component needed for any
subcircuit. Not all of these components will be required for
any specific filter design. When no value is shown for a
component, omit the component. For example, the detailed
schematic diagrams for complex pole-pair subcircuits show
external capacitors in parallel with the 1000pF capacitors in
the UAF42. No external capacitors are required for filters
above approximately 10Hz.
After the subcircuits have been implemented, connect them
in series in the order shown on the filter block diagram.
FILTER SUBCIRCUITS
Filter designs consist of cascaded complex pole-pair and
real-pole subcircuits. Complex pole pair subcircuits are
based on the UAF42 state-variable filter topology. Six varia-
tions of this circuit can be used, PP1 through PP6. Real pole
sections can be implemented with the auxiliary op amp in
the UAF42. High-pass (HP) and low-pass (LP) real-pole
sections can be used. The subcircuits are referenced with a
two or three letter abbreviation on the UAF42 Filter Compo-
nent Values and Filter Block Diagram program outputs.
Descriptions of each subcircuit follow:
POLE-PAIR (PP) SUBCIRCUITS
In general, all complex pole-pair subcircuits use the UAF42
in the state-variable configuration. The two filter parameters
that must be set for the pole-pair are the filter Q and the
natural frequency, fO. External resistors are used to set these
parameters. Two resistors, RF1 and RF2, must be used to set
the pole-pair fO. A third external resistor, RQ, is usually
needed to set Q.


Similar Part No. - UAF42AU

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UAF42AU TI1-UAF42AU Datasheet
273Kb / 13P
[Old version datasheet]   UNIVERSAL ACTIVE FILTER
UAF42AU-1 TI1-UAF42AU-1 Datasheet
273Kb / 13P
[Old version datasheet]   UNIVERSAL ACTIVE FILTER
UAF42AUE4 TI1-UAF42AUE4 Datasheet
273Kb / 13P
[Old version datasheet]   UNIVERSAL ACTIVE FILTER
More results

Similar Description - UAF42AU

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UAF42 TI1-UAF42_14 Datasheet
273Kb / 14P
[Old version datasheet]   UNIVERSAL ACTIVE FILTER
UAF42 TI1-UAF42 Datasheet
273Kb / 13P
[Old version datasheet]   UNIVERSAL ACTIVE FILTER
logo
National Semiconductor ...
AF100 NSC-AF100 Datasheet
578Kb / 18P
   UNIVERSAL ACTIVE FILTER
AF151 NSC-AF151 Datasheet
268Kb / 9P
   DUAL UNIVERSAL ACTIVE FILTER
logo
Mixed Signal Integratio...
MSUF MSI-MSUF Datasheet
709Kb / 8P
   Resistor Programmable Universal Active Filter
MSUHF MSI-MSUHF Datasheet
80Kb / 7P
   High Frequency Resistor Programmable Universal Active Filter
logo
Burr-Brown (TI)
UAF42 BURR-BROWN-UAF42 Datasheet
569Kb / 14P
   FILTER DESIGN PROGRAM FOR THE UAF42 UNIVERSAL ACTIVE FILTER
UAF11 BURR-BROWN-UAF11 Datasheet
680Kb / 8P
   UNIVERSAL ACTIVE FILTERS
logo
International Rectifier
IR5001STRPBF IRF-IR5001STRPBF Datasheet
149Kb / 12P
   UNIVERSAL ACTIVE ORING CONTROLLER
IR5001S IRF-IR5001S Datasheet
149Kb / 12P
   UNIVERSAL ACTIVE ORING CONTROLLER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com