Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SHC5320KU Datasheet(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # SHC5320KU
Description  High-Speed, Bipolar, Monolithic SAMPLE/HOLD AMPLIFIER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

SHC5320KU Datasheet(HTML) 2 Page - Burr-Brown (TI)

  SHC5320KU Datasheet HTML 1Page - Burr-Brown (TI) SHC5320KU Datasheet HTML 2Page - Burr-Brown (TI) SHC5320KU Datasheet HTML 3Page - Burr-Brown (TI) SHC5320KU Datasheet HTML 4Page - Burr-Brown (TI) SHC5320KU Datasheet HTML 5Page - Burr-Brown (TI) SHC5320KU Datasheet HTML 6Page - Burr-Brown (TI) SHC5320KU Datasheet HTML 7Page - Burr-Brown (TI) SHC5320KU Datasheet HTML 8Page - Burr-Brown (TI) SHC5320KU Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
SHC5320
®
SPECIFICATIONS
At +25
°C, rated power supplies, gain = +1, and with internal holding capacitor, unless otherwise noted.
SHC5320KH, KP, KU
SHC5320SH
PARAMETERS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
INPUT CHARACTERISTICS
ANALOG
Voltage Range
±10
T
V
Common-Mode Range
±10
T
V
Input Resistance
1
5
TT
M
Input Capacitance
3
T
pF
Bias Current
±100
±300
±70
±200
nA
Bias Current Over Temperature Range
±300
±200
nA
Offset Current
±30
±300
T
±100
nA
Offset Current Over Temperature Range
±300
±100
nA
DIGITAL (Over Temperature Range)
VIH (Logic “1”)
2.0
T
V
VIL (Logic “0”)
0.8
T
V
IIH (VI = +5V)
0.1
T
µA
IIL (VI = 0V)
4
T
µA
Logic “0” = SAMPLE
Logic “1” = HOLD
OUTPUT CHARACTERISTICS
Voltage Range
±10
T
V
Current
±10
T
mA
Output Impedance (Hold Mode)
1
T
Noise, DC to 10MHz: Sample Hold
125
200
TT
µVrms
Hold Mode
125
200
TT
µVrms
DC ACCURACY/STABILITY
Gain, Open Loop, DC
3 x 105
2 x 106
106
T
V/V
Input Offset Voltage
±0.5
±0.2
mV
Input Offset Voltage Over Temperature Range
±1.5
±2mV
Input Offset Voltage Drift
±5
±20
T
±15
µV/°C
CMRR(1)
72
90
80
T
dB
Power Supply Rejection(2):+VCC
80
T
dB
–VCC
65
T
dB
HOLD-TO-SAMPLE MODE
DYNAMIC CHARACTERISTICS
Acquisition Time, A = –1, 10V Step(3):
to
±0.01%
1
1.5
TT
µs
to
±0.1%
0.8
1.2
TT
µs
SAMPLE MODE
Gain-Bandwidth Product (Gain = +1)(4):
CH = 100pF
2
T
MHz
CH = 1000pF
180
T
kHz
Full Power Bandwidth(5)
600
T
kHz
Slew Rate(6)
45
T
V/
µs
Rise Time(4)
100
T
ns
Overshoot(4)
15
T
%
SAMPLE-TO-HOLD MODE
DYNAMIC CHARACTERISTICS
Aperture Time(7)
25
T
ns
Effective Aperture Time
–50
–25
0
TTT
ns
Aperture Uncertainty (Aperture Jitter)
0.3
T
ns
Charge Offset (Pedestal)(8) (Adjustable to Zero)
1
5
TT
mV
Charge Transfer(8)
0.1
0.5
TT
pC
Sample-to-Hold Transient Settling Time
to
±0.01% of FSR
165
350
TT
ns
HOLD MODE
Droop(9)
0.08
0.5
TT
µV/µs
Droop at Maximum Temperature(9)
1.2
100
17
T
µV/µs
Drift Current(9)
850
TT
pA
Drift Current at Maximum Temperature(9)
0.12
10
1.7
T
nA
Feedthrough, 10Vp-p, 100kHz Sinewave
2
T
mV
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes
no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change
without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant
any BURR-BROWN product for use in life support devices and/or systems.


Similar Part No. - SHC5320KU

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SHC5320KU TI1-SHC5320KU Datasheet
100Kb / 11P
[Old version datasheet]   High-Speed, Bipolar, Monolithic SAMPLE/HOLD AMPLIFIER
SHC5320KU/1K TI1-SHC5320KU/1K Datasheet
100Kb / 11P
[Old version datasheet]   High-Speed, Bipolar, Monolithic SAMPLE/HOLD AMPLIFIER
More results

Similar Description - SHC5320KU

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SHC5320 TI1-SHC5320 Datasheet
100Kb / 11P
[Old version datasheet]   High-Speed, Bipolar, Monolithic SAMPLE/HOLD AMPLIFIER
logo
Burr-Brown (TI)
SHC804 BURR-BROWN-SHC804 Datasheet
83Kb / 5P
   High Speed SAMPLE/HOLD AMPLIFIER
SHC298 BURR-BROWN-SHC298 Datasheet
100Kb / 8P
   Monolithic SAMPLE/HOLD AMPLIFIER
logo
Texas Instruments
SHC298 TI1-SHC298 Datasheet
85Kb / 9P
[Old version datasheet]   Monolithic SAMPLE/HOLD AMPLIFIER
logo
Analog Devices
AD346 AD-AD346 Datasheet
119Kb / 3P
   High Speed Sample-and-Hold Amplifier
REV. B
logo
Burr-Brown (TI)
SHC600BH BURR-BROWN-SHC600BH Datasheet
136Kb / 4P
   Ultra-High Speed SAMPLE/HOLD AMPLIFIER
logo
Analog Devices
AD346 AD-AD346_15 Datasheet
1Mb / 4P
   HIGH SPEED SAMPLE AND HOLD AMPLIFIER
REV. A
logo
National Semiconductor ...
LH0053 NSC-LH0053 Datasheet
184Kb / 6P
   HIGH SPEED SAMPLE AND HOLD AMPLIFIER
logo
Intersil Corporation
HA5340 INTERSIL-HA5340 Datasheet
347Kb / 12P
   High Speed, Low Distortion, Precision Monolithic Sample and Hold Amplifier
June 1994
logo
Analog Devices
AD585 AD-AD585 Datasheet
339Kb / 6P
   High Speed, Precision Sample-and-Hold Amplifier
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com