Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SHC615 Datasheet(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # SHC615
Description  Wide-Bandwidth, DC RESTORATION CIRCUIT
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

SHC615 Datasheet(HTML) 6 Page - Burr-Brown (TI)

Back Button SHC615 Datasheet HTML 2Page - Burr-Brown (TI) SHC615 Datasheet HTML 3Page - Burr-Brown (TI) SHC615 Datasheet HTML 4Page - Burr-Brown (TI) SHC615 Datasheet HTML 5Page - Burr-Brown (TI) SHC615 Datasheet HTML 6Page - Burr-Brown (TI) SHC615 Datasheet HTML 7Page - Burr-Brown (TI) SHC615 Datasheet HTML 8Page - Burr-Brown (TI) SHC615 Datasheet HTML 9Page - Burr-Brown (TI) SHC615 Datasheet HTML 10Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
6
®
SHC615
TYPICAL PERFORMANCE CURVES
At R
Q = 300Ω, TA = +25°C, VCC = ±5V, unless otherwise noted.
OPERATIONAL TRANSCONDUCTANCE AMPLIFIER
SHC615 TOTAL QUIESCENT CURRENT vs R
Q
100
10
1
10
100
1000
10000
R
Q (Ω)
TOTAL QUIESCENT CURRENT vs TEMPERATURE
1.50
1.40
1.30
1.20
1.10
1.00
0.90
0.80
0.70
0.60
0.50
–25
0
25
50
75
100
Temperature (C°)
OTA B-INPUT BIAS CURRENT vs TEMPERATURE
0.0
–0.1
–0.2
–0.3
–0.4
–0.5
–0.6
–0.7
–0.8
–0.9
–1.0
–25
0
25
50
75
100
Temperature (C°)
OTA-B INPUT OFFSET VOLTAGE vs TEMPERATURE
12
10
8
6
4
2
0
–25
0
25
50
75
100
Temperature (C°)
R
E = 100Ω
OTA-B INPUT RESISTANCE vs
TOTAL QUIESCENT CURRENT
18
16
14
12
10
8
6
4
2
0
5
10152025303540
Total Quiescent Current, I
Q (mA)
OTA-E OUTPUT RESISTANCE vs
TOTAL QUIESCENT CURRENT
45
40
35
30
25
20
15
10
5
0
4
9
14
19
24
29
34
39
Total Quiescent Current, I
Q (mA)


Similar Part No. - SHC615

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SHC615 TI1-SHC615 Datasheet
226Kb / 20P
[Old version datasheet]   Wide-Bandwidth, DC RESTORATION CIRCUIT
SHC615AU/2K5 TI1-SHC615AU/2K5 Datasheet
226Kb / 20P
[Old version datasheet]   Wide-Bandwidth, DC RESTORATION CIRCUIT
More results

Similar Description - SHC615

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA615 TI-OPA615 Datasheet
642Kb / 26P
[Old version datasheet]   Wide-Bandwidth, DC Restoration Circuit
SHC615 TI1-SHC615 Datasheet
226Kb / 20P
[Old version datasheet]   Wide-Bandwidth, DC RESTORATION CIRCUIT
logo
Zetex Semiconductors
ZXFV4089 ZETEX-ZXFV4089_05 Datasheet
179Kb / 9P
   VIDEO AMPLIFIER WITH DC RESTORATION
logo
Diodes Incorporated
ZXFV4089 DIODES-ZXFV4089 Datasheet
259Kb / 12P
   Video amplifier with DC restoration
logo
Zetex Semiconductors
ZXFV4089 ZETEX-ZXFV4089 Datasheet
53Kb / 5P
   VIDEO AMPLIFIER WITH DC RESTORATION
ZXFV4089 ZETEX-ZXFV4089 Datasheet
53Kb / 5P
   VIDEO AMPLIFIER WITH DC RESTORATION
logo
SYNERGY MICROWAVE CORPO...
KBK-746S SYNERGY-KBK-746S Datasheet
372Kb / 3P
   wide bandwidth
logo
M.S. Kennedy Corporatio...
MSK738 MSK-MSK738_15 Datasheet
421Kb / 5P
   Wide Bandwidth
logo
Micross Components
HMC361 MICROSS-HMC361 Datasheet
836Kb / 9P
   Wide Bandwidth
HMC363 MICROSS-HMC363 Datasheet
847Kb / 9P
   Wide Bandwidth
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com