Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

REF02R Datasheet(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # REF02R
Description  5V Precision VOLTAGE REFERENCE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

REF02R Datasheet(HTML) 3 Page - Burr-Brown (TI)

  REF02R Datasheet HTML 1Page - Burr-Brown (TI) REF02R Datasheet HTML 2Page - Burr-Brown (TI) REF02R Datasheet HTML 3Page - Burr-Brown (TI) REF02R Datasheet HTML 4Page - Burr-Brown (TI) REF02R Datasheet HTML 5Page - Burr-Brown (TI) REF02R Datasheet HTML 6Page - Burr-Brown (TI) REF02R Datasheet HTML 7Page - Burr-Brown (TI) REF02R Datasheet HTML 8Page - Burr-Brown (TI) REF02R Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
REF02
3
SBVS003B
www.ti.com
Input Voltage ..................................................................................... +40V
Operating Temperature
P, U ................................................................................ –40
°C to +85°C
Storage Temperature Range
P, U ................................................................................ –65
°C to +125°
Output Short Circuit Duration (to Ground or VIN) ........................ Indefinite
Junction Temperature ....................................................... –65
°C to +150°
θ
JA P ......................................................................................... 120°C/W
U ........................................................................................... 80
°C/W
Lead Temperature (soldering, 60s) ............................................... +300
°C
ABSOLUTE MAXIMUM RATINGS
PIN CONFIGURATIONS
Top View
DIP/SO
NC
V
IN
Temp
GND
NC
NC
V
OUT
Trim
1
2
3
4
8
7
6
5
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas Instru-
ments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric
changes could cause the device not to meet its published
specifications.
PACKAGE/ORDERING INFORMATION(1)
PACKAGE
SPECIFICATION
MAX DRIFT
DRAWING
TEMPERATURE
PRODUCT
VOUT at 25°C
(ppm/
°C)
PACKAGE
DESIGNATOR
RANGE
REF02AU
5V
±15mV
±15
SO-8
D
–40
°C to +85°C
REF02BU
5V
±10mV
±10
SO-8
D
–40
°C to +85°C
REF02AP
5V
±15mV
±15
DIP-8
P
–40
°C to +85°C
REF02BP
5V
±10mV
±10
DIP-8
P
–40
°C to +85°C
NOTE: (1) For the most current package and ordering information, see the Package Option Addendum located at the end of this data sheet, or see the TI website
at www.ti.com.


Similar Part No. - REF02R

ManufacturerPart #DatasheetDescription
logo
Analog Devices
REF02RC/883 AD-REF02RC/883 Datasheet
454Kb / 16P
   5 V Precision Voltage Reference/Temperature Transducer
Rev. F
REF02RC/883 AD-REF02RC/883 Datasheet
584Kb / 16P
   5 V Precision Voltage Reference/Temperature Transducer
Rev. I
REF02RC883 AD-REF02RC883 Datasheet
507Kb / 20P
   Precision 2.5 V, 5.0 V, and 10.0 V Voltage References
Rev. K
REF02RC883 AD-REF02RC883 Datasheet
507Kb / 20P
   Precision 2.5 V, 5.0 V, and 10.0 V Voltage References
Rev. K
REF02RE/883 AD-REF02RE/883 Datasheet
337Kb / 8P
   5V Precision Voltage Reference/Temperature Trangsducer
REV. B
More results

Similar Description - REF02R

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX675 MAXIM-MAX675 Datasheet
131Kb / 4P
   5V Precision Voltage Reference
1996
logo
Texas Instruments
REF02BU TI-REF02BU Datasheet
869Kb / 15P
[Old version datasheet]   5V Precision VOLTAGE REFERENCE
logo
Maxim Integrated Produc...
MAX675 MAXIM-MAX675_V01 Datasheet
335Kb / 5P
   5V Precision Voltage Reference
2004
logo
Advanced Monolithic Sys...
AMSREF-02 ADMOS-AMSREF-02 Datasheet
55Kb / 6P
   5V PRECISION VOLTAGE REFERENCE
logo
Maxim Integrated Produc...
MAX675 MAXIM-MAX675_04 Datasheet
335Kb / 5P
   5V Precision Voltage Reference
Rev 2; 7/04
logo
Zetex Semiconductors
ZRB500 ZETEX-ZRB500_06 Datasheet
320Kb / 10P
   Precision 5V micropower voltage reference
logo
Linear Technology
LT1027 LINER-LT1027_15 Datasheet
220Kb / 8P
   Precision 5V Reference
RH1021-5 LINER-RH1021-5_15 Datasheet
101Kb / 4P
   Precision 5V Reference
LT1027 LINER-LT1027 Datasheet
167Kb / 8P
   Precision 5V Reference
RH1021-5 LINER-RH1021-5 Datasheet
137Kb / 4P
   Precision 5V Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com