Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLL1700E Datasheet(PDF) 8 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # PLL1700E
Description  MULTI-CLOCK GENERATOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PLL1700E Datasheet(HTML) 8 Page - Burr-Brown (TI)

  PLL1700E Datasheet HTML 1Page - Burr-Brown (TI) PLL1700E Datasheet HTML 2Page - Burr-Brown (TI) PLL1700E Datasheet HTML 3Page - Burr-Brown (TI) PLL1700E Datasheet HTML 4Page - Burr-Brown (TI) PLL1700E Datasheet HTML 5Page - Burr-Brown (TI) PLL1700E Datasheet HTML 6Page - Burr-Brown (TI) PLL1700E Datasheet HTML 7Page - Burr-Brown (TI) PLL1700E Datasheet HTML 8Page - Burr-Brown (TI) PLL1700E Datasheet HTML 9Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
®
8
PLL1700
FIGURE 8. Software Mode Control Format.
FS1
FS0
SAMPLING FREQUENCY
DEFAULT
0
0
48kHz
O
0
1
44.1kHz
1
0
32kHz
1
1
Reserved
PROGRAM REGISTER BIT-MAPPING
The built-in functions of the PLL1700 are controlled through
a 16-bit program register. This register is loaded using MD.
After the 16 data bits are clocked in using the rising edge of
MC, ML is used to latch the data into the register. Table V
shows the bit-mapping of the registers. The software mode
control format and control data input timing is shown in
Figures 8 and 9, respectively.
Mode Register
CE [1:6]:
Clock Output Control
DESCRIPTION
SYMBOL
MIN
TYP
MAX
UNITS
MC Pulse Cycle Time
tMCY
100
ns
MC Pulse Width LOW
tMCL
40
ns
MC Pulse Width HIGH
tMCH
40
ns
MD Hold Time
tMDH
40
ns
MD Set-Up Time
tMDS
40
ns
ML Low Level Time
tMLL
16
MC Clocks(1)
ML High Level Time
tMHH
200
ns
ML Hold Time(2)
tMLH
40
ns
ML Set-Up Time(3)
tMLS
40
ns
NOTES: (1) MC clocks: MC clock period. (2) MC rising edge for LSB to ML rising edge. (3) ML rising edge
to the next MC rising edge. If the MC Clock is stopped after the LSB, any ML rising time is accepted.
FIGURE 9. Control Data Input Timing.
REGISTER
BIT NAME
DESCRIPTION
MODE
CE6
MCKO Output Enable/Disable
CE5
MCKO Output Enable/Disable
CE4
SCKO4 Output Enable/Disable
CE3
SCKO3 OUtput Enable/Disable
CE2
SCKO2 Output Enable/Disable
CE1
SCKO1 Output Enable/Disable
SR [1:0]
Sampling Rate Select
FS [1:0]
Sampling Frequency Select
TABLE V. Register Mapping.
Mode Register
FS [1:0]:
Sampling Frequency Group Select
SR [1:0]:
Sample Rate Select
SR1
SR0
SAMPLING RATE
DEFAULT
0
0
Standard
O
0
1
Double
1
0
Reserved
1
1
Reserved
D15 D14 D13 D12 D11 D10 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0
ML (pin 1)
MC (pin 20)
MD (pin 19)
D15 D14 D13 D12 D11 D0 D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
0
1
1
1
0
0
CE6 CE5 CE4 CE3 CE2 CE1 SR1 SR0 FS1 FS0
CE1 - CE6
CLOCK OUTPUT CONTROL
DEFAULT
0
Clock Output Disable
1
Clock Output Enable
O
MSB
LSB
1.4V
1.4V
1.4V
t
MLS
t
MCH
t
MCL
t
MLL
t
MHH
t
MLH
t
MLS
t
MDS
t
MDH
t
MCY
ML (pin 1)
MC (pin 20)
MD (pin 19)


Similar Part No. - PLL1700E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PLL1700E TI1-PLL1700E Datasheet
395Kb / 15P
[Old version datasheet]   MULTI-CLOCK GENERATOR
PLL1700E-1/2K TI1-PLL1700E-1/2K Datasheet
395Kb / 15P
[Old version datasheet]   MULTI-CLOCK GENERATOR
PLL1700E-1/2KG4 TI1-PLL1700E-1/2KG4 Datasheet
395Kb / 15P
[Old version datasheet]   MULTI-CLOCK GENERATOR
PLL1700E/2K TI1-PLL1700E/2K Datasheet
395Kb / 15P
[Old version datasheet]   MULTI-CLOCK GENERATOR
PLL1700E/2KG4 TI1-PLL1700E/2KG4 Datasheet
395Kb / 15P
[Old version datasheet]   MULTI-CLOCK GENERATOR
More results

Similar Description - PLL1700E

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK8132A AKM-AK8132A Datasheet
357Kb / 11P
   Multi Clock Generator
AK8146A AKM-AK8146A Datasheet
399Kb / 6P
   Multi Clock Generator
AK8128S AKM-AK8128S Datasheet
395Kb / 10P
   Multi Clock Generator
logo
Texas Instruments
PLL1700 TI1-PLL1700_09 Datasheet
395Kb / 15P
[Old version datasheet]   MULTI-CLOCK GENERATOR
logo
PulseCore Semiconductor
PCS1P2858A PULSECORE-PCS1P2858A_1 Datasheet
347Kb / 7P
   Multi-Output Clock Generator
PCS1P2857A PULSECORE-PCS1P2857A Datasheet
374Kb / 8P
   Multi-Output Clock Generator
logo
Asahi Kasei Microsystem...
AK8160B AKM-AK8160B Datasheet
528Kb / 14P
   Multi Clock Generator IC
logo
ON Semiconductor
PCS1P2858A ONSEMI-PCS1P2858A Datasheet
102Kb / 6P
   Multi-Output Clock Generator
August, 2011 ??Rev. P2
logo
Asahi Kasei Microsystem...
AK8139A AKM-AK8139A Datasheet
413Kb / 12P
   26MHz Clock Source Multi Clock Generator
AK8130D AKM-AK8130D Datasheet
194Kb / 8P
   Multi Clock Generator with VCXO
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com