Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PGA202AG Datasheet(PDF) 9 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # PGA202AG
Description  Digitally Controlled Programmable-Gain INSTRUMENTATION AMPLIFIER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PGA202AG Datasheet(HTML) 9 Page - Burr-Brown (TI)

Back Button PGA202AG Datasheet HTML 2Page - Burr-Brown (TI) PGA202AG Datasheet HTML 3Page - Burr-Brown (TI) PGA202AG Datasheet HTML 4Page - Burr-Brown (TI) PGA202AG Datasheet HTML 5Page - Burr-Brown (TI) PGA202AG Datasheet HTML 6Page - Burr-Brown (TI) PGA202AG Datasheet HTML 7Page - Burr-Brown (TI) PGA202AG Datasheet HTML 8Page - Burr-Brown (TI) PGA202AG Datasheet HTML 9Page - Burr-Brown (TI) PGA202AG Datasheet HTML 10Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
®
PGA202/203
9
INPUT CHARACTERISTICS
Because the PGA202/203 have FET inputs, the bias currents
drawn through input source resistors have a negligible effect
on DC accuracy. The picoamp currents produce no more
than microvolts through megohm sources. The inputs are
also internally diode clamped to the supplies. Thus, input
filtering and input series protection are easily achievable.
A return path for the input bias currents must always be
provided to prevent the charging of any stray capacitance.
Otherwise, the amplifier could wander and saturate. A 1M
to 10M
Ω resistor from the input to common will return
floating sources such as thermocouples and AC-coupled
inputs (see Applications Section, Figures 8 and 9.)
DYNAMIC PERFORMANCE
The PGA202 and the PGA203 are fast-settling FET input
programmable gain instrumentation amplifiers. Careful at-
tention to minimize stray capacitance is necessary to achieve
specified performance. High source resistance will interact
with the input capacitance to reduce speed and overall
bandwidth. Also, to maintain stability, avoid capacitance
from the output to the input or the offset adjust pins.
Applications with balanced source impedance will provide
the best performance. In some applications, mismatched
source impedances may be required. If the impedance in the
negative input exceeds that in the positive input, stray
capacitance from the output will create a net negative feed-
back and improve the stability of the circuit. If, however, the
impedance in the positive input is greater, then the feedback
due to stray capacitance will be positive and instability may
result. The degree of positive feedback will, of course,
depend on the source impedance imbalance as well as the
board layout and the operating gain. The addition of a small
bypass capacitor of about 5 to 50pF directly across the input
terminals of the PGIA will generally eliminate any instabil-
ity arising from these stray capacitances. CMR errors due to
the source imbalance will also be reduced by the addition of
this capacitor.
The PGA202 and the PGA203 are designed for fast settling
in response to changes in either the input voltage or the gain.
The bandwidth and the settling times are mostly determined
by the output stage and are therefore independent of gain,
except at the highest gain of the PGA202 where other factors
in the input stage begin to dominate.
APPLICATIONS
In addition to general purpose applications, the PGA202/203
are designed to handle two important and demanding classes
of applications: inputs with high source impedances, and
rapid scanning data acquisition systems requiring fast set-
tling time. Because the user has access to output sense and
output common pins, current sources can also be constructed
with a minimum of external components. Some basic appli-
cation circuits are shown in Figures 6 through 12.
PGA203
ISO
8
7
1
2
4
11
12
V
OUT
D
Digital
Opto-
Coupler
14
+
102
IN
R
L
+5
FIGURE 6. Isolated Programmable Gain Instrumentation
Amplifier.
FIGURE 7. Auto Gain Ranging.
PGA202
8
7
1
2
4
11
12
V
OUT
1M
14
+
1M
1µF
1µF
V
IN
Gain Control
FIGURE 8. AC-Coupled Differential Amplifier for
Frequencies Above 0.16Hz.
PGA202
8
7
1
2
4
11
12
V
OUT
Down
Dual
Comparator
2-Bit
Up/Down
Counter
Up
+
+
V
10V
1
R
10k
2
R
1k
REF
V
IN
14
+
OSC


Similar Part No. - PGA202AG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PGA202AG TI1-PGA202AG Datasheet
106Kb / 11P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER
More results

Similar Description - PGA202AG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
3606BG TI-3606BG Datasheet
465Kb / 10P
[Old version datasheet]   Digitally Controlled Programmable Gain INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
3606 BURR-BROWN-3606 Datasheet
440Kb / 9P
   Digitally Controlled Programmable Gain INSTRUMENTATION AMPLIFIER
logo
National Semiconductor ...
LH0084 NSC-LH0084 Datasheet
420Kb / 12P
   Digitally-Programmable-Gain Instrumentation Amplifier
logo
Texas Instruments
3606AG TI1-3606AG Datasheet
465Kb / 10P
[Old version datasheet]   Digitally Controlled Programmable Gain INSTRUMENTATION AMPLFIER
logo
List of Unclassifed Man...
MN2020 ETC-MN2020 Datasheet
973Kb / 6P
   Digitally Controlled Programmable-Gain Amplifier
logo
API Technologies Corp
MN2020 APITECH-MN2020 Datasheet
979Kb / 6P
   Digitally Controlled Programmable-Gain Amplifier
logo
Linear Technology
LTC6915 LINER-LTC6915_15 Datasheet
295Kb / 18P
   Zero Drift, Precision Instrumentation Amplifier with Digitally Programmable Gain
LTC6915 LINER-LTC6915 Datasheet
289Kb / 16P
   Zero Drift, Precision Instrumentation Amplifier with Digitally Programmable Gain
logo
Analog Devices
AD625 AD-AD625 Datasheet
463Kb / 15P
   Programmable Gain Instrumentation Amplifier
REV. D
AD8250 AD-AD8250_15 Datasheet
835Kb / 24P
   Programmable Gain Instrumentation Amplifier
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com