Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM69AU Datasheet(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # PCM69AU
Description  Advanced 1-Bit BiCMOS Dual 18-Bit DIGITAL-TO-ANALOG CONVERTER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PCM69AU Datasheet(HTML) 1 Page - Burr-Brown (TI)

  PCM69AU Datasheet HTML 1Page - Burr-Brown (TI) PCM69AU Datasheet HTML 2Page - Burr-Brown (TI) PCM69AU Datasheet HTML 3Page - Burr-Brown (TI) PCM69AU Datasheet HTML 4Page - Burr-Brown (TI) PCM69AU Datasheet HTML 5Page - Burr-Brown (TI) PCM69AU Datasheet HTML 6Page - Burr-Brown (TI) PCM69AU Datasheet HTML 7Page - Burr-Brown (TI) PCM69AU Datasheet HTML 8Page - Burr-Brown (TI) PCM69AU Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
PCM67P/U
PCM69AP/AU
FEATURES
q 18-BIT RESOLUTION DUAL AUDIO DAC
q EXCELLENT THD PERFORMANCE:
0.0025% (–92dB) at F/S, K Grade
1.0% (–40dB) at –60dB, K Grade
q HIGH S/N RATIO: 110dB typ (IHF-A)
q DUAL, CO-PHASE
q SINGLE SUPPLY +5V OPERATION
q LOW POWER: 75mW typical
q CAPABLE OF 16X OVERSAMPLING
q AVAILABLE IN SPACE SAVING
16-PIN DIP OR 20-PIN SOIC
q OPERATING TEMP RANGE:
–25
°C to +85°C
q EXTREMELY LOW GLITCH ENERGY
DESCRIPTION
The PCM67 and PCM69A dual 18-bit DAC are low
cost, dual output 18-bit BiCMOS digital-to-analog con-
verters utilizing a novel architecture to achieve excel-
lent low level performance.
By combining a conventional thin-film R-2R ladder
DAC, a digital offset technique with analog correction
and an advanced one-bit DAC using first order noise
shaping technique, the PCM67 and PCM69A achieve
high resolution, minimal glitch, and low zero-crossing
distortion.
PCM67 digital offset occurs at bit 9, making it ideal for
high-performance CD players. PCM69A digital offset
occurs at bit 4, making it an excellent choice for digital
musical instruments and audio DSP.
Both PCM67 and PCM69A operate from a single +5V
supply. The low power consumption and small size (16-
pin PDIP or 20-pin SOIC) make these converters ideal
for a variety of digital audio applications.
Reference
Servo
Input
Interface
Digital Signal In
10-Bit DAC plus
Analog Correction
Advanced 1-Bit
DAC
10-Bit DAC plus
Analog Correction
Advanced 1-Bit
DAC
Analog Output Lch
Analog Output Rch
Buffer
V
COM
Lch
Buffer
V
COM
Rch
Advanced 1-Bit BiCMOS Dual 18-Bit
DIGITAL-TO-ANALOG CONVERTER
®
International Airport Industrial Park
Mailing Address: PO Box 11400
Tucson, AZ 85734
Street Address: 6730 S. Tucson Blvd.
• Tucson, AZ 85706
Tel: (520) 746-1111
Twx: 910-952-1111
Cable: BBRCORP
Telex: 066-6491
FAX: (520) 889-1510
Immediate Product Info: (800) 548-6132
© 1992 Burr-Brown Corporation
PDS-1168A
Printed in U.S.A. August, 1993
SBAS024


Similar Part No. - PCM69AU

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM6020-Q1 TI-PCM6020-Q1 Datasheet
5Mb / 131P
[Old version datasheet]   PCM6020-Q1 Automotive, 2-Channel, 768-kHz, Audio ADC With Integrated Microphone Bias and Input Fault Diagnostics
PCM6020-Q1 TI-PCM6020-Q1 Datasheet
5Mb / 164P
[Old version datasheet]   PCM6480-Q1 Automotive, 8-Channel, 768-kHz, Audio ADC With Integrated Microphone Bias and Input Fault Diagnostics
PCM6020QRTVRQ1 TI-PCM6020QRTVRQ1 Datasheet
5Mb / 131P
[Old version datasheet]   PCM6020-Q1 Automotive, 2-Channel, 768-kHz, Audio ADC With Integrated Microphone Bias and Input Fault Diagnostics
logo
Burr-Brown (TI)
PCM61 BURR-BROWN-PCM61 Datasheet
115Kb / 4P
   Serial Input 18-Bit Monolithic Audio DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
PCM6120-Q1 TI-PCM6120-Q1 Datasheet
5Mb / 125P
[Old version datasheet]   PCM5120-Q1 2-Channel, 768-kHz, Burr-BrownTM Audio ADC
REVISED SEPTEMBER 2022
More results

Similar Description - PCM69AU

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1702P BURR-BROWN-PCM1702P_07 Datasheet
272Kb / 13P
   BiCMOS Advanced Sign Magnitude 20-Bit DIGITAL-TO-ANALOG CONVERTER
PCM1702P BURR-BROWN-PCM1702P Datasheet
129Kb / 8P
   BiCMOS Advanced Sign Magnitude 20-Bit DIGITAL-TO-ANALOG CONVERTER
PCM1700U BURR-BROWN-PCM1700U Datasheet
63Kb / 5P
   Dual 18-Bit Monolithic Audio DIGITAL-TO-ANALOG CONVERTER
PCM64P BURR-BROWN-PCM64P Datasheet
470Kb / 4P
   18 BIT AUDIO DIGITAL TO ANALOG CONVERTER
logo
API Technologies Corp
MN3390 APITECH-MN3390 Datasheet
690Kb / 5P
   18-Bit, Deglitched Digital-to-Analog Converter
logo
Texas Instruments
ADS1625 TI-ADS1625 Datasheet
846Kb / 37P
[Old version datasheet]   18-Bit, 1.25MSPS Analog-to-Digital Converter
logo
Burr-Brown (TI)
PCM1704 BURR-BROWN-PCM1704 Datasheet
229Kb / 9P
   24-Bit, 96kHz BiCMOS Sign-Magnitude DIGITAL-TO-ANALOG CONVERTER
PCM1750P BURR-BROWN-PCM1750P Datasheet
240Kb / 18P
   Dual CMOS 18-Bit Monolithic Audio ANALOG-TO-DIGITAL CONVERTER
logo
Analog Devices
AD1139 AD-AD1139 Datasheet
454Kb / 6P
   High Accuracy 18-Bit Digital-to-Analog Converter
logo
Burr-Brown (TI)
ADS1626 BURR-BROWN-ADS1626 Datasheet
472Kb / 31P
   18-BIT 1.25 MSPS ANALOG TO DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com