Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM69 Datasheet(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # PCM69
Description  Advanced 1-Bit BiCMOS Dual 18-Bit DIGITAL-TO-ANALOG CONVERTER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PCM69 Datasheet(HTML) 6 Page - Burr-Brown (TI)

Back Button PCM69 Datasheet HTML 2Page - Burr-Brown (TI) PCM69 Datasheet HTML 3Page - Burr-Brown (TI) PCM69 Datasheet HTML 4Page - Burr-Brown (TI) PCM69 Datasheet HTML 5Page - Burr-Brown (TI) PCM69 Datasheet HTML 6Page - Burr-Brown (TI) PCM69 Datasheet HTML 7Page - Burr-Brown (TI) PCM69 Datasheet HTML 8Page - Burr-Brown (TI) PCM69 Datasheet HTML 9Page - Burr-Brown (TI) PCM69 Datasheet HTML 10Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
®
6
PCM67/69A
DISCUSSION OF
SPECIFICATIONS
The PCM67 and PCM69A are specified to provide critical
performance criteria for a variety of applications. The accu-
racy of a D/A converter is described by the transfer function
shown in Figure 1.
V
COM
R
NF
1.2mA
I
OUT
V
COM
(3.5V)
V
OUT
V
OUT
V
OUT = 1.2mA • RNF
FIGURE 2. I/V Amplifier Circuit.
S/N RATIO
S/N ratio is defined as the ratio of full scale output and no input
noise level at BPZ point. The PCM67/69A is specified at
110dB typical with “IHF-A” filter.
LEVEL LINEARITY ERROR
Level linearity error is defined as the deviation of actual
analog output level from digital input level. PCM67/69A is
specified at 1dB typical at –90dB output level. The 0.5LSB
quantization error at –90dB of 16-bit conversion is equal to
+1.94dB, –2.5dB.
TOTAL HARMONIC DISTORTION
THD is a key parameter in audio applications, THD is a
measure of the magnitude and distribution of the linearity
error, differential linearity error, and noise, as well as quanti-
zation error. To be useful, THD should be specified for both
high level and low level input signals. This error is unadjustable
and is the most meaningful indicator of D/A converter accu-
racy for audio applications.
THD is defined as the ratio of the square root of the sum of the
squares of the values of the harmonics to the value of the
fundamental input frequency and is expressed in percent or
dB. The rms value of the PCM67/69A error referred to the
input can be shown to be
(1)
where n is the number of samples in one cycle of any given
sine wave, EL(i) is the linearity error of the PCM67 or
PCM69A at each sampling point. THD can then be expressed
as
(2)
where Erms is the rms signal-voltage level.
ε
rms =
1
n
E
L
(i )
+ E
Q
(i )


2
i
= 1
n
THD
=
ε
rms
E
rms
=
1
n
E
L
(i )
+ E
Q
(i )


2
i
=1
n
E
rms
× 100%
Analog
Out
Gain Error
Digital In
–FSR
(V
COM
= 3.5V)
+FSR
011...11
000...00
111...11
100...00
BPZ
BPZ – 1LSB
FIGURE 1. Transfer Performance.
DIGITAL INPUT CODE
The PCM67/69A accepts Binary Two’s Complement (BTC)
digital input code (MSB FIRST).The relationship of digital
input to analog output is shown in Table 1.
ANALOG OUTPUT
ANALOG OUTPUT
DIGITAL INPUT
(VOLTAGE)
(CURRENT)
7FFFFF (HEX)
+FSR
–1.2mA
00003F (HEX)
BPZ
–0.6mA
FFFFFF (HEX)
BPZ – 1LSB
–0.59995mA
80003F (HEX)
–FSR
0mA
TABLE I. Digital Code and Analog Out.
GAIN ERROR AND GAIN MISMATCH,
CHANNEL-TO-CHANNEL
Gain error is defined as deviation of the output current span
from the ideal span of 1.2mA (FSR) on each channel. Gain
error of PCM67/69A is typically
±3% of FSR.
Gain mismatch, channel-to-channel is defined as the differ-
ence in gain error between the left channel and right channel.
THE RELATIONSHIP OF VCOM AND I/V OUT
The output current range of PCM67 and PCM69A is 0mA to
1.2mA as shown in Table 1.
In the typical application, the non-inverting input of the
external I/V op amp is connected to the VCOM pin of PCM67
and PCM69A. Accordingly, the output voltage level at FSR
after I/V conversion is VCOM voltage (+3.5V) as shown in
Figure 2.


Similar Part No. - PCM69

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM6020-Q1 TI-PCM6020-Q1 Datasheet
5Mb / 131P
[Old version datasheet]   PCM6020-Q1 Automotive, 2-Channel, 768-kHz, Audio ADC With Integrated Microphone Bias and Input Fault Diagnostics
PCM6020-Q1 TI-PCM6020-Q1 Datasheet
5Mb / 164P
[Old version datasheet]   PCM6480-Q1 Automotive, 8-Channel, 768-kHz, Audio ADC With Integrated Microphone Bias and Input Fault Diagnostics
PCM6020QRTVRQ1 TI-PCM6020QRTVRQ1 Datasheet
5Mb / 131P
[Old version datasheet]   PCM6020-Q1 Automotive, 2-Channel, 768-kHz, Audio ADC With Integrated Microphone Bias and Input Fault Diagnostics
logo
Burr-Brown (TI)
PCM61 BURR-BROWN-PCM61 Datasheet
115Kb / 4P
   Serial Input 18-Bit Monolithic Audio DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
PCM6120-Q1 TI-PCM6120-Q1 Datasheet
5Mb / 125P
[Old version datasheet]   PCM5120-Q1 2-Channel, 768-kHz, Burr-BrownTM Audio ADC
REVISED SEPTEMBER 2022
More results

Similar Description - PCM69

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1702P BURR-BROWN-PCM1702P_07 Datasheet
272Kb / 13P
   BiCMOS Advanced Sign Magnitude 20-Bit DIGITAL-TO-ANALOG CONVERTER
PCM1702P BURR-BROWN-PCM1702P Datasheet
129Kb / 8P
   BiCMOS Advanced Sign Magnitude 20-Bit DIGITAL-TO-ANALOG CONVERTER
PCM1700U BURR-BROWN-PCM1700U Datasheet
63Kb / 5P
   Dual 18-Bit Monolithic Audio DIGITAL-TO-ANALOG CONVERTER
PCM64P BURR-BROWN-PCM64P Datasheet
470Kb / 4P
   18 BIT AUDIO DIGITAL TO ANALOG CONVERTER
logo
API Technologies Corp
MN3390 APITECH-MN3390 Datasheet
690Kb / 5P
   18-Bit, Deglitched Digital-to-Analog Converter
logo
Texas Instruments
ADS1625 TI-ADS1625 Datasheet
846Kb / 37P
[Old version datasheet]   18-Bit, 1.25MSPS Analog-to-Digital Converter
logo
Burr-Brown (TI)
PCM1704 BURR-BROWN-PCM1704 Datasheet
229Kb / 9P
   24-Bit, 96kHz BiCMOS Sign-Magnitude DIGITAL-TO-ANALOG CONVERTER
PCM1750P BURR-BROWN-PCM1750P Datasheet
240Kb / 18P
   Dual CMOS 18-Bit Monolithic Audio ANALOG-TO-DIGITAL CONVERTER
logo
Analog Devices
AD1139 AD-AD1139 Datasheet
454Kb / 6P
   High Accuracy 18-Bit Digital-to-Analog Converter
logo
Burr-Brown (TI)
ADS1626 BURR-BROWN-ADS1626 Datasheet
472Kb / 31P
   18-BIT 1.25 MSPS ANALOG TO DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com