Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM63P Datasheet(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # PCM63P
Description  Colinear??20-Bit Monolithic Audio DIGITAL-TO-ANALOG CONVERTER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PCM63P Datasheet(HTML) 6 Page - Burr-Brown (TI)

Back Button PCM63P Datasheet HTML 2Page - Burr-Brown (TI) PCM63P Datasheet HTML 3Page - Burr-Brown (TI) PCM63P Datasheet HTML 4Page - Burr-Brown (TI) PCM63P Datasheet HTML 5Page - Burr-Brown (TI) PCM63P Datasheet HTML 6Page - Burr-Brown (TI) PCM63P Datasheet HTML 7Page - Burr-Brown (TI) PCM63P Datasheet HTML 8Page - Burr-Brown (TI) PCM63P Datasheet HTML 9Page - Burr-Brown (TI) PCM63P Datasheet HTML 10Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
®
PCM63P
FIGURE 1. Production THD+N Test Setup.
Colinear architecture of the PCM63P, with its ideal
performance around bipolar zero, provides a more usable
dynamic range, even using the strict audio definition, than
any previously available D/A converter.
Level Linearity
Deviation from ideal versus actual signal level is sometimes
called “level linearity” in digital audio converter testing. See
the “–90dB Signal Spectrum” plot in the Typical Perfor-
mance Curves section for the power spectrum of a PCM63P
at a –90dB output level. (The “–90dB Signal” plot shows the
actual –90dB output of the DAC). The deviation from ideal
for PCM63P at this signal level is typically less than
±0.3dB.
For the “–110dB Signal” plot in the Typical Performance
Curves section, true 20-bit digital code is used to generate a
–110dB output signal. This type of performance is possible
only with the low-noise, near-theoretical performance around
bipolar zero of the PCM63P’s Colinear DAC circuitry.
A commonly tested digital audio parameter is the amount of
deviation from ideal of a 1kHz signal when its amplitude is
decreased from –60dB to –120dB. A digitally dithered input
signal is applied to reach effective output levels of –120dB
using only the available 16-bit code from a special compact
disk test input. See the “16-Bit Level Linearity” plot in the
Typical Performance Curves section for the results of a
PCM63P tested using this 16-bit dithered fade-to-noise
signal. Note the very small deviation from ideal as the signal
goes from –60dB to –100dB.
DC SPECIFICATIONS
Idle Channel SNR
Another appropriate specification for a digital audio con-
verter is idle channel signal-to-noise ratio (idle channel
SNR). This is the ratio of the noise on the DAC output at
bipolar zero in relation to the full scale range of the DAC. To
make this measurement, the digital input is continuously fed
the code for bipolar zero while the output of the DAC is
band-limited from 20Hz to 20kHz and an A-weighted filter
is applied. The idle channel SNR for the PCM63P is typi-
cally greater than 120dB, making it ideal for low-noise
applications.
Monotonicity
Because of the unique dual-DAC Colinear architecture of
the PCM63P, increasing values of digital input will always
result in increasing values of DAC output as the signal
moves away from bipolar zero in one-LSB steps (in either
direction). The “16-Bit Monotonicity” plot in the Typical
Performance Curves section was generated using 16-bit
digital code from a test compact disk. The test starts with 10
periods of bipolar zero. Next are 10 periods of alternating
1LSBs above and below zero, and then 10 periods of
alternating 2LSBs above and below zero, and so on until
10LSBs above and below zero are reached. The signal
pattern then begins again at bipolar zero.
With PCM63P, the low-noise steps are clearly defined and
increase in near-perfect proportion. This performance is
achieved without any external adjustments. By contrast,
sigma-delta (“Bitstream”, “MASH”, or 1-bit DAC) architec-
tures are too noisy to even see the first 3 or 4 bits change (at
16 bits), other than by a change in the noise level.
Absolute Linearity
Even though absolute integral and differential linearity specs
are not given for the PCM63P, the extremely low THD+N
performance is typically indicative of 16-bit to 17-bit inte-
gral linearity in the DAC, depending on the grade specified.
The relationship between THD+N and linearity, however, is
not such that an absolute linearity specification for every
individual output code can be guaranteed.
Distortion
Analyzer
Use 400Hz High-Pass
Filter and 30kHz
Low-Pass Filter
Meter Settings
Programmable
Gain Amp
0dB to 60dB
Low-Pass
Filter
40kHz 3rd Order
GIC Type
DUT
(PCM63P)
Parallel-to-Serial
Conversion
Digital Code
(EPROM)
Binary
Counter
Timing
Logic
Clock
Latch Enable
Sampling Rate = 44.1kHz x 8 (352.8kHz)
Output Frequency = 991Hz
(Shiba Soku Model
725 or Equivalent)
I to V
Converter
OPA627


Similar Part No. - PCM63P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM63P TI-PCM63P Datasheet
194Kb / 11P
[Old version datasheet]   Colinear 20-Bit Monolithic Audio IGITAL-TO-ANALOG CONVERTER
PCM63P TI1-PCM63P Datasheet
250Kb / 11P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM63P-1 TI1-PCM63P-1 Datasheet
250Kb / 11P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM63P-J TI-PCM63P-J Datasheet
194Kb / 11P
[Old version datasheet]   Colinear 20-Bit Monolithic Audio IGITAL-TO-ANALOG CONVERTER
PCM63P-J TI1-PCM63P-J Datasheet
250Kb / 11P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - PCM63P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM63P-K-2 TI-PCM63P-K-2 Datasheet
194Kb / 11P
[Old version datasheet]   Colinear 20-Bit Monolithic Audio IGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
PCM58P BURR-BROWN-PCM58P Datasheet
64Kb / 6P
   Precision, 18-Bit Monolithic Audio DIGITAL-TO-ANALOG CONVERTER
PCM66P BURR-BROWN-PCM66P Datasheet
92Kb / 7P
   16-Bit CMOS Monolithic Audio DIGITAL-TO-ANALOG CONVERTER
PCM1700U BURR-BROWN-PCM1700U Datasheet
63Kb / 5P
   Dual 18-Bit Monolithic Audio DIGITAL-TO-ANALOG CONVERTER
PCM61P BURR-BROWN-PCM61P Datasheet
115Kb / 4P
   Serial Input 18-Bit Monolithic Audio DIGITAL-TO-ANALOG CONVERTER
PCM1750P BURR-BROWN-PCM1750P Datasheet
240Kb / 18P
   Dual CMOS 18-Bit Monolithic Audio ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
DDC101U TI1-DDC101U Datasheet
265Kb / 29P
[Old version datasheet]   20-BIT ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
DDC101 BURR-BROWN-DDC101 Datasheet
346Kb / 27P
   20-BIT ANALOG-TO-DIGITAL CONVERTER
logo
API Technologies Corp
MN3396 APITECH-MN3396 Datasheet
573Kb / 3P
   20-Bit, Digital-to-Analog Converter
logo
Burr-Brown (TI)
PCM64P BURR-BROWN-PCM64P Datasheet
470Kb / 4P
   18 BIT AUDIO DIGITAL TO ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com