Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM56U Datasheet(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # PCM56U
Description  Serial Input 16-Bit Monolithic DIGITAL-TO-ANALOG CONVERTER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PCM56U Datasheet(HTML) 1 Page - Burr-Brown (TI)

  PCM56U Datasheet HTML 1Page - Burr-Brown (TI) PCM56U Datasheet HTML 2Page - Burr-Brown (TI) PCM56U Datasheet HTML 3Page - Burr-Brown (TI) PCM56U Datasheet HTML 4Page - Burr-Brown (TI) PCM56U Datasheet HTML 5Page - Burr-Brown (TI) PCM56U Datasheet HTML 6Page - Burr-Brown (TI) PCM56U Datasheet HTML 7Page - Burr-Brown (TI) PCM56U Datasheet HTML 8Page - Burr-Brown (TI) PCM56U Datasheet HTML 9Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
FEATURES
q SERIAL INPUT
q –92dB MAX THD: FS Input, K Grade
q –74dB MAX THD: –20dB Input, K Grade
q 96dB DYNAMIC RANGE
q NO EXTERNAL COMPONENTS REQUIRED
q 16-BIT RESOLUTION
q 15-BIT MONOTONICITY, TYP
q 0.001% OF FSR TYP DIFFERENTIAL
LINEARITY ERROR
q 1.5
µs SETTLING TIME, TYP: Voltage Out
q
±3V OR ±1mA AUDIO OUTPUT
q EIAJ STC-007-COMPATIBLE
q OPERATES ON
±5V TO ±12V SUPPLIES
q PINOUT ALLOWS I
OUT OPTION
q PLASTIC DIP OR SOIC PACKAGE
This converter is completely self-contained with a
stable, low noise, internal zener voltage reference;
high speed current switches; a resistor ladder net-
work; and a fast settling, low noise output operational
amplifier all on a single monolithic chip. The
converters are operated using two power supplies that
can range from
±5V to ±12V. Power dissipation with
±5V supplies is typically less than 200mW. Also
included is a provision for external adjustment of the
MSB error (differential linearity error at bipolar zero)
to further improve total harmonic distortion (THD)
specifications if desired. Few external components
are necessary for operation, and all critical
specifications are 100% tested. This helps assure the
user of high system reliability and outstanding overall
system performance.
The PCM56 is packaged in a high-quality 16-pin
molded plastic DIP package or SOIC and has passed
operating life tests under simultaneous high-pressure,
high-temperature, and high-humidity conditions.
DESIGNED FOR AUDIO
PCM56P
PCM56U
®
International Airport Industrial Park
Mailing Address: PO Box 11400
Tucson, AZ 85734
• Street Address: 6730 S. Tucson Blvd.
Tucson, AZ 85706
Tel: (520) 746-1111
Twx: 910-952-1111
Cable: BBRCORP
Telex: 066-6491
FAX: (520) 889-1510
Immediate Product Info: (800) 548-6132
DESCRIPTION
The PCM56 is a state-of-the-art, fully monotonic,
digital-to-analog converter that is designed and
specified for digital audio applications. This device
employs ultra-stable nichrome (NiCr) thin-film
resistors to provide monotonicity, low distortion, and
low differential linearity error (especially around
bipolar zero) over long periods of time and over the
full operating temperature.
RF
Audio
Output
Reference
16-Bit
I
OUT DAC
16-Bit Input Latch
16-Bit Serial-to-Parallel Conversion
Clock LE Data
Serial Input 16-Bit Monolithic
DIGITAL-TO-ANALOG CONVERTER
©1987 Burr-Brown Corporation
PDS-700D
Printed in U.S.A. August, 1993


Similar Part No. - PCM56U

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM56U TI1-PCM56U Datasheet
717Kb / 16P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM56U/1K TI1-PCM56U/1K Datasheet
717Kb / 16P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM56U/1KG4 TI1-PCM56U/1KG4 Datasheet
717Kb / 16P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM56UG4 TI1-PCM56UG4 Datasheet
717Kb / 16P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - PCM56U

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8811ICDGKT TI1-DAC8811ICDGKT Datasheet
979Kb / 21P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8811 TI-DAC8811 Datasheet
421Kb / 15P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8811 TI1-DAC8811 Datasheet
1Mb / 29P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
logo
Burr-Brown (TI)
PCM61P BURR-BROWN-PCM61P Datasheet
115Kb / 4P
   Serial Input 18-Bit Monolithic Audio DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC8814 TI-DAC8814 Datasheet
264Kb / 31P
[Old version datasheet]   Quad, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8814 TI1-DAC8814_09 Datasheet
3Mb / 27P
[Old version datasheet]   Quad, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8812 TI1-DAC8812 Datasheet
1Mb / 29P
[Old version datasheet]   Dual, Serial-Input 16-Bit Multiplying Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC7631 BURR-BROWN-DAC7631 Datasheet
428Kb / 18P
   Serial Input, 16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC8812 TI-DAC8812 Datasheet
1Mb / 18P
[Old version datasheet]   Dual, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8811 TI-DAC8811_15 Datasheet
1Mb / 29P
[Old version datasheet]   DAC8811 16-Bit, Serial Input Multiplying Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com