Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM2702E Datasheet(PDF) 9 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # PCM2702E
Description  16-Bit Stereo DIGITAL-TO-ANALOG CONVERTER with Interface
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PCM2702E Datasheet(HTML) 9 Page - Burr-Brown (TI)

Back Button PCM2702E Datasheet HTML 3Page - Burr-Brown (TI) PCM2702E Datasheet HTML 4Page - Burr-Brown (TI) PCM2702E Datasheet HTML 5Page - Burr-Brown (TI) PCM2702E Datasheet HTML 6Page - Burr-Brown (TI) PCM2702E Datasheet HTML 7Page - Burr-Brown (TI) PCM2702E Datasheet HTML 8Page - Burr-Brown (TI) PCM2702E Datasheet HTML 9Page - Burr-Brown (TI) PCM2702E Datasheet HTML 10Page - Burr-Brown (TI) PCM2702E Datasheet HTML 11Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
®
PCM2702
FIGURE 2. 12MHz Crystal Resonator Connection.
CLOCK AND RESET
The PCM2702 requires a 12MHz (
±500ppm) clock for USB
and audio functions, which may be generated by an on-chip
crystal oscillator with external 12MHz crystal resonator, or
supplied by an external clock applied at XTI (pin1).
The 12MHz crystal resonator must be connected to XTI (pin
1) and XTO (pin 28), along with a 1M
Ω resistor and two
small capacitors (value is dependent upon the specified load
capacitance of the crystal resonator). If an external clock is
used, the clock must be supplied at XTI, and XTO must be
left open. The clock signal applied at XTI must be +3.3V
logic level, as this input is not +5V tolerant. Figures 2 and
3 illustrate the circuit connections required for crystal and
external clock options.
The PCM2702 includes an internal power-on reset circuit,
which automatically initializes digital logic when VDD ex-
ceeds 2.0V typical (range: 1.6V to 2.4V). Initialization
requires approximately 350
µs for completion. The V
DD
supply must rise to 2.0V within 10ms for proper power-on
sequence operation.
INTERFACE SEQUENCE
Power-on, Attach, and Playback Sequence
The PCM2702 is ready for setup when the reset sequence
has finished and the USB bus is connected. After connec-
tion is established, the PCM2702 is ready to accept USB
audio data. While waiting for audio data (idle state), the
analog outputs are set to bipolar zero (BPZ) and the zero
flag, ZERO (pin 12), is set to HIGH.
When receiving the audio data, the PCM2702 stores the first
audio packet, which contains 1ms of audio data, into an
internal storage buffer. The PCM2702 starts playing the
audio data upon detection of the Start of Frame (SOF)
packet.
See Figures 4 and 5 for the normal operation sequence.
FIGURE 3. External 12MHz Clock Input Connection.
1
28
XTAL
12MHz
1M
XTI
XTO
1
28
12MHz External Clock
Must Be Left Open
XTI
XTO


Similar Part No. - PCM2702E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM2702E TI1-PCM2702E Datasheet
427Kb / 17P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM2702E/2K TI1-PCM2702E/2K Datasheet
427Kb / 17P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM2702E/2KG4 TI1-PCM2702E/2KG4 Datasheet
427Kb / 17P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM2702EG4 TI1-PCM2702EG4 Datasheet
427Kb / 17P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - PCM2702E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC715 TI1-DAC715 Datasheet
230Kb / 14P
[Old version datasheet]   16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
DAC712 TI1-DAC712 Datasheet
434Kb / 23P
[Old version datasheet]   16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
logo
Burr-Brown (TI)
DAC715 BURR-BROWN-DAC715 Datasheet
288Kb / 11P
   16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
DAC712 BURR-BROWN-DAC712 Datasheet
302Kb / 12P
   16-BIT DIGITAL-TO-ANALOG CONVERTER With 16-Bit Bus Interface
PCM1801 BURR-BROWN-PCM1801 Datasheet
101Kb / 13P
   16-Bit, Stereo, Audio ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
DAC716 TI1-DAC716 Datasheet
176Kb / 16P
[Old version datasheet]   16-Bit DIGITAL-TO-ANALOG CONVERTER with Serial Data Interface
logo
Burr-Brown (TI)
DAC716 BURR-BROWN-DAC716 Datasheet
201Kb / 13P
   16-Bit DIGITAL-TO-ANALOG CONVERTER with Serial Data Interface
logo
Texas Instruments
DAC714 TI1-DAC714 Datasheet
779Kb / 22P
[Old version datasheet]   16-Bit DIGITAL-TO-ANALOG CONVERTER With Serial Data Interface
logo
Burr-Brown (TI)
DAC714 BURR-BROWN-DAC714 Datasheet
127Kb / 14P
   16-Bit DIGITAL-TO-ANALOG CONVERTER With Serial Data Interface
logo
Micro Analog systems
MAS6501 MAS-MAS6501 Datasheet
205Kb / 16P
   16-Bit Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com