Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM1760 Datasheet(PDF) 9 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # PCM1760
Description  Multi-Bit Enhanced Noise Shaping 20-Bit ANALOG-TO-DIGITAL CONVERSION SYSTEM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PCM1760 Datasheet(HTML) 9 Page - Burr-Brown (TI)

Back Button PCM1760 Datasheet HTML 5Page - Burr-Brown (TI) PCM1760 Datasheet HTML 6Page - Burr-Brown (TI) PCM1760 Datasheet HTML 7Page - Burr-Brown (TI) PCM1760 Datasheet HTML 8Page - Burr-Brown (TI) PCM1760 Datasheet HTML 9Page - Burr-Brown (TI) PCM1760 Datasheet HTML 10Page - Burr-Brown (TI) PCM1760 Datasheet HTML 11Page - Burr-Brown (TI) PCM1760 Datasheet HTML 12Page - Burr-Brown (TI) PCM1760 Datasheet HTML 13Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
®
9
PCM1760P/U DF1760P/U
T
PCF
T
CSV
CAL
SDATA
/PD
T
PSF
T
PDW
T
PCR
DESCRIPTION
NAME
MIN
TYP
MAX
UNITS
Pulse Width of /PD Input
T
PDW
2
1/Fclk
Delay from /PD Input to
CAL Output
T
PCR
6
1/Fclk
Calibration Cycle Duration
T
PCF
4096
1/fs
Delay from /PD Input to S
DATA LTPSF
6
1/Fclk
Delay from Completion of
Calibration to SDATA Valid
T
CSV
1
1/fs
FIGURE 3b. DF1760 Power Down and Offset Calibration.
SYSTEM CLOCK: 256fs
DESCRIPTION
NAME
MIN
TYP
MAX
UNITS
Low Level Duration
T
CLKL
31
ns
High Level Duration
T
CLKH
31
ns
T
CLKH
T
CLKL
2.0V
1.4V
0.8V
T
LH
T
HL
DESCRIPTION
NAME
MIN
TYP
MAX
UNITS
SCLK Frequency
F
SLK
32fs
48fs
64fs
Low Duration of FSCLK
T
SLKL
100
ns
High Duration of FSCLK
T
SLKH
100
ns
Delay from SCLK to L/R Edge
T
SLR
–70
70
ns
Delay from Falling Edge of
SCLK to SDATA Valid
T
DSS
––
50
ns
Delay from SCLK to FSYNC
Edge
T
SF
–70
0
ns
Delay from Rising Edge of
SCLK to SDATA Valid
T
DSV
100
ns
Delay from SDATA Valid to
Rising Edge of SCLK
T
SDR
100
ns
SCKL
SDATA
L/R
FSYNC
T
SLR
T
SDR
T
SF
T
DSS
T
DSV
T
SLKH TSLKL
FIGURE 3e. Timing of Slave Mode, DF1760.
FIGURE 3f. Power On and Mode Reset Timing.
APPLIES TO
DESCRIPTION
NAME
MIN
TYP
MAX
UNITS(1)
MODE
Power on to PD
T
PDW
2
1/fs
Master/Slave
PD
↑ to L/R ↑
T
SP
–1
+1
1/Fclk
Slave
(LRSC = “H”)
PD
↑ to L/R ↓
T
SP
–1
+1
1/Fclk
Slave
(LRSC = “L”)
NOTE: (1) fs: sampling rate. Fclk: system clock frequency.
T
PDW
T
PDW
T
SP
T
SP
Power
L/R
PD
<LRSC = “H”
T
PDW
T
PDW
T
SP
T
SP
Power
L/R
PD
<LRSC = “L”
SYSTEM CLOCK: 384fs
DESCRIPTION
NAME
MIN
TYP
MAX
UNITS
Low Level Duration
T
CLKL
24
ns
High Level Duration
T
CLKH
24
ns
Rise Time
T
LH
––
6
ns
Fall Time
T
HL
––
6
ns
FIGURE 3c. System Clock Timing Requirements of DF1760.
T
SDR
T
SF
T
DSS
SCLK
SDATA
L/R
FSYNC
T
SLR
T
DSV
T
DSS
T
DSV
T
SF
DESCRIPTION
NAME
MIN
TYP
MAX
UNITS
SCLK Frequency
F
SLK
64fs
SCLK Frequency Duty Cycle
50
%
FSYNC Frequency
F
SYNC
2fs
FSYNC Frequency Duty Cycle
50
%
Delay from SCLK to L/R Edge
T
SLR
–20
50
ns
Delay from Falling Edge of
SCLK to SDATA Valid
T
DSS
––
50
ns
Delay from SCLK to FSYNC
Edge
T
SF
–20
50
ns
Delay from Rising Edge of
SCLK to SDATA Valid
T
SDR
100
ns
Delay from SDATA Valid to
Rising Edge of SCLK
T
DSV
100
ns
FIGURE 3d. Output Timing of Master Mode, DF1760.


Similar Part No. - PCM1760

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1760P TI1-PCM1760P Datasheet
171Kb / 17P
[Old version datasheet]   Multi-Bit Enhanced Noise Shaping 20-Bit
PCM1760P-L TI1-PCM1760P-L Datasheet
171Kb / 17P
[Old version datasheet]   Multi-Bit Enhanced Noise Shaping 20-Bit
PCM1760U TI1-PCM1760U Datasheet
171Kb / 17P
[Old version datasheet]   Multi-Bit Enhanced Noise Shaping 20-Bit
PCM1760U-L TI1-PCM1760U-L Datasheet
171Kb / 17P
[Old version datasheet]   Multi-Bit Enhanced Noise Shaping 20-Bit
PCM1760U-L/1K TI1-PCM1760U-L/1K Datasheet
171Kb / 17P
[Old version datasheet]   Multi-Bit Enhanced Noise Shaping 20-Bit
More results

Similar Description - PCM1760

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DF1760P TI1-DF1760P Datasheet
171Kb / 17P
[Old version datasheet]   Multi-Bit Enhanced Noise Shaping 20-Bit
logo
Maxim Integrated Produc...
MAX1292EVKIT MAXIM-MAX1292EVKIT Datasheet
283Kb / 5P
   12-Bit Analog-to-Digital Conversion
Rev 1; 12/99
logo
Burr-Brown (TI)
ADS1250 BURR-BROWN-ADS1250 Datasheet
196Kb / 20P
   20-Bit Data Acquisition System ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
DDC101U TI1-DDC101U Datasheet
265Kb / 29P
[Old version datasheet]   20-BIT ANALOG-TO-DIGITAL CONVERTER
logo
API Technologies Corp
MN3396 APITECH-MN3396 Datasheet
573Kb / 3P
   20-Bit, Digital-to-Analog Converter
logo
Burr-Brown (TI)
DDC101 BURR-BROWN-DDC101 Datasheet
346Kb / 27P
   20-BIT ANALOG-TO-DIGITAL CONVERTER
logo
API Technologies Corp
MN3395 APITECH-MN3395 Datasheet
707Kb / 5P
   20-Bit, Deglitched Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC1220 BURR-BROWN-DAC1220 Datasheet
123Kb / 14P
   20-Bit Low Power DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC1220 TI1-DAC1220 Datasheet
622Kb / 26P
[Old version datasheet]   20-Bit, Low-Power Digital-to-Analog Converter
DAC1220E TI-DAC1220E Datasheet
658Kb / 26P
[Old version datasheet]   20-Bit, Low-Power Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com