Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM1737 Datasheet(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # PCM1737
Description  24-Bit, 192kHz Sampling Enhanced Multi-Level, Delta-Sigma, Audio DIGITAL-TO-ANALOG CONVERTER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PCM1737 Datasheet(HTML) 6 Page - Burr-Brown (TI)

Back Button PCM1737 Datasheet HTML 2Page - Burr-Brown (TI) PCM1737 Datasheet HTML 3Page - Burr-Brown (TI) PCM1737 Datasheet HTML 4Page - Burr-Brown (TI) PCM1737 Datasheet HTML 5Page - Burr-Brown (TI) PCM1737 Datasheet HTML 6Page - Burr-Brown (TI) PCM1737 Datasheet HTML 7Page - Burr-Brown (TI) PCM1737 Datasheet HTML 8Page - Burr-Brown (TI) PCM1737 Datasheet HTML 9Page - Burr-Brown (TI) PCM1737 Datasheet HTML 10Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
®
6
PCM1737
TYPICAL PERFORMANCE CURVES (Cont.)
All specifications at TA = +25°C, VDD = VCC = 5V, SYSCLK = 384fS (fS = 44.1kHz), and 24-bit input data, unless otherwise noted.
ANALOG DYNAMIC PERFORMANCE
Supply Voltage Characteristics
DIGITAL FILTER
De-Emphasis Error
DE-EMPHASIS FREQUENCY RESPONSE (f
S = 32kHz)
02468
10
12
14
Frequency (kHz)
0
–2
–4
–6
–8
–10
DE-EMPHASIS FREQUENCY RESPONSE (f
S = 48kHz)
02468
10
12
14
16
18
20
22
Frequency (kHz)
0
–2
–4
–6
–8
–10
DE-EMPHASIS FREQUENCY RESPONSE (f
S = 44.1kHz)
02468
10
12
14
16
18
20
Frequency (kHz)
0
–2
–4
–6
–8
–10
DE-EMPHASIS ERROR (f
S = 32kHz)
02468
10
12
14
Frequency (kHz)
0.5
0.3
0.1
–0.1
–0.3
–0.5
0.5
0.3
0.1
–0.1
–0.3
–0.5
0.5
0.3
0.1
–0.1
–0.3
–0.5
DE-EMPHASIS ERR0R (f
S = 48kHz)
02468
10
12
14
16
18
20
22
Frequency (kHz)
DE-EMPHASIS ERROR (f
S = 44.1kHz)
02468
10
12
14
16
18
20
Frequency (kHz)
DYNAMIC RANGE vs V
CC
(V
DD = 3.3V)
V
CC (V)
110
108
106
104
102
100
98
96
4.0
4.5
5.0
5.5
6.0
192kHz, 128f
S
44.1kHz, 384f
S
TOTAL HARMONIC DISTORTION + NOISE vs V
CC
(V
DD = 3.3V)
V
CC (V)
10
1
0.1
0.01
0.001
0.0001
4.0
4.5
5.0
5.5
6.0
44.1kHz, 384f
S
44.1kHz, 384f
S
192kHz, 128f
S
–60dB
0dB
192kHz, 128f
S


Similar Part No. - PCM1737

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1737 TI1-PCM1737 Datasheet
408Kb / 32P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1737E TI1-PCM1737E Datasheet
408Kb / 32P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1737E/2K TI1-PCM1737E/2K Datasheet
408Kb / 32P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1737EG4 TI1-PCM1737EG4 Datasheet
408Kb / 32P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1737 TI1-PCM1737_15 Datasheet
408Kb / 32P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - PCM1737

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1739 BURR-BROWN-PCM1739 Datasheet
140Kb / 16P
   24-Bit, 192kHz Sampling, Enhanced Multi-Level, Delta-Sigma, Audio DIGITAL-TO-ANALOG CONVERTER
PCM1604 BURR-BROWN-PCM1604 Datasheet
263Kb / 32P
   24-Bit, 192kHz Sampling,6-Channel, Enhanced Multi-Level, Delta-Sigma DIGITAL-TO-ANALOG CONVERTER
PCM1742 BURR-BROWN-PCM1742 Datasheet
322Kb / 20P
   24-Bit, 192kHz Sampling Enhanced Multilevel, Delta-Sigma, Audio DIGITAL-TO-ANALOG CONVERTER
PCM1754 BURR-BROWN-PCM1754 Datasheet
309Kb / 33P
   24-BIT, 192 kHz SAMPLING ENHANCED MULTI-LEVEL, DELTA-SIGMA, AUDIO DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
PCM1754-Q1 TI1-PCM1754-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   24-BIT 192-kHz SAMPLING ENHANCED MULTI-LEVEL DELTA-SIGMA AUDIO DIGITAL-TO-ANALOG CONVERTER
PCM1602 TI-PCM1602 Datasheet
453Kb / 29P
[Old version datasheet]   24-Bit, 192kHz Sampling, 6-Channel, Enhanced Multilevel, Delta-Sigma DIGITAL-TO-ANALOG CONVERTER
PCM1608 TI-PCM1608 Datasheet
455Kb / 29P
[Old version datasheet]   24-Bit, 192kHz Sampling, 8-Channel, Enhanced Multilevel, Delta-Sigma DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
PCM1748 BURR-BROWN-PCM1748 Datasheet
323Kb / 20P
   24-Bit, 96kHz Sampling Enhanced Multilevel, Delta-Sigma, Audio DIGITAL-TO-ANALOG CONVERTER
PCM1600 BURR-BROWN-PCM1600 Datasheet
253Kb / 28P
   24-Bit, 96kHz Sampling, 6-Channel, Enhanced Multi-Level, Delta-Sigma DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
PCM1742 TI-PCM1742_15 Datasheet
673Kb / 38P
[Old version datasheet]   24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma,Audio Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com