Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STS733 Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # STS733
Description  PNP Silicon Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

STS733 Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  STS733 Datasheet HTML 1Page - KODENSHI_AUK CORP. STS733 Datasheet HTML 2Page - KODENSHI_AUK CORP. STS733 Datasheet HTML 3Page - KODENSHI_AUK CORP. STS733 Datasheet HTML 4Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
KSD-T0A067-000
1
STS733
PNP Silicon Transistor
PIN Connection
E
B
C
TO-92
Description
• General small signal amplifier
Features
• Low collector saturation voltage :
VCE(sat)=-0.3V [IC=-20mA, IB=-2mA]
• Low output capacitance : Cob=2.8pF(Typ.)
• Complementary pair with STS5343
Ordering Information
Type NO.
Marking
Package Code
STS733
STS733
TO-92
Absolute maximum ratings
Characteristic
Symbol
Ratings
Unit
Collector-Base voltage
VCBO
-60
V
Collector-Emitter voltage
VCEO
-50
V
Emitter-base
VEBO
-5
V
Collector current
IC
-150
mA
Collector dissipation
PC
625
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
-55~150
°C
Electrical Characteristics
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Collector-Base breakdown voltage
BVCBO
IC=-100uA, IB=0
-60
-
-
V
Collector-Emitter breakdown voltage
BVCEO
IC=-1mA, IB=0
-50
-
-
V
Emitter-Base breakdown voltage
BVEBO
IC=-10uA, IB=0
-5
-
-
V
Collector cut-off current
ICBO
VCB=-25V, IE=0
-
-
-100
nA
Emitter cut-off current
IEBO
VEB=-3V, IC=0
-
-
-100
nA
DC current gain
hFE1
VCE=-6V, IC=-1mA
120
-
240
-
DC current gain
hFE2
VCE=-2.5V, IC=-100mA
60
-
-
-
Collector-Emitter saturation voltage
VCE(sat)
IC=-20mA, IB=-2mA
-
-0.18
-0.3
V
Base-Emitter on Voltage
VBE(on)
VCE=-6V, IC=-1mA
-0.5
-0.62
-0.8
V
Transition frequency
fT
VCE=-6V, IC=-10mA
50
180
-
MHz
Collector output capacitance
Cob
VCB=-10V, IE=0, f=1MHz
-
2.8
-
pF
Noise figure
NF
VCE=-6V, IC=-0.3mA,
f=1KHz, RS=10KΩ
-
6
20
dB
(Ta = 25℃)
(Ta = 25℃)


Similar Part No. - STS733

ManufacturerPart #DatasheetDescription
logo
AUK corp
STS733 AUK-STS733 Datasheet
262Kb / 4P
   PNP Silicon Transistor
More results

Similar Description - STS733

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BD234 STMICROELECTRONICS-BD234 Datasheet
62Kb / 4P
   SILICON PNP TRANSISTOR
logo
Hi-Sincerity Mocroelect...
HMPS6562 HSMC-HMPS6562 Datasheet
38Kb / 4P
   PNP SILICON TRANSISTOR
logo
AUK corp
SRA2201M AUK-SRA2201M Datasheet
52Kb / 3P
   PNP Silicon Transistor
SRA2201SF AUK-SRA2201SF Datasheet
51Kb / 3P
   PNP Silicon Transistor
SRA2202UF AUK-SRA2202UF Datasheet
193Kb / 3P
   PNP Silicon Transistor
SRA2204S AUK-SRA2204S Datasheet
52Kb / 3P
   PNP Silicon Transistor
SRA2206 AUK-SRA2206 Datasheet
49Kb / 3P
   PNP Silicon Transistor
SRA2206EF AUK-SRA2206EF Datasheet
44Kb / 3P
   PNP Silicon Transistor
SRA2206SF AUK-SRA2206SF Datasheet
44Kb / 3P
   PNP Silicon Transistor
STN2907 AUK-STN2907 Datasheet
226Kb / 4P
   PNP Silicon Transistor
STS8550 AUK-STS8550 Datasheet
96Kb / 3P
   PNP Silicon Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com