Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STS8550 Datasheet(PDF) 2 Page - KODENSHI_AUK CORP.

Part # STS8550
Description  PNP Silicon Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

STS8550 Datasheet(HTML) 2 Page - KODENSHI_AUK CORP.

  STS8550 Datasheet HTML 1Page - KODENSHI_AUK CORP. STS8550 Datasheet HTML 2Page - KODENSHI_AUK CORP. STS8550 Datasheet HTML 3Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
KST-9013-000
2
STS8550
Absolute maximum ratings
(Ta=25
°°°°C)
Characteristic
Symbol
Ratings
Unit
Collector-Base voltage
VCBO
-30
V
Collector-Emitter voltage
VCEO
-25
V
Emitter-Base voltage
VEBO
-6
V
Collector current
IC
-800
mA
Emitter current
IE
800
mA
Collector dissipation
PC
625
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
-55~150
°C
Electrical Characteristics
(Ta=25
°°°°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Collector-Base breakdown voltage
BV
CBO
I
C=-500µA, IE=0
-30
-
-
V
Collector-Emitter breakdown voltage
BV
CEO
I
C=-1mA, IB=0
-25
-
-
V
Collector cut-off current
I
CBO
V
CB=-15V, IE=0
-
-
-50
nA
DC current gain
h
FE
*
V
CE=-1V, IC=-50mA
85
-
300
-
Collector-Emitter saturation voltage
V
CE(sat)
I
C=-500mA, IB=-50mA
-
-
-0.5
V
Base-Emitter voltage
V
BE
V
CE=-1V, IC=-500mA
-
-
-1.2
V
Transition frequency
f
T
V
CE=-5V, IC=-10mA
-
120
-
MHz
Collector output capacitance
C
ob
V
CB=-10V, IE=0, f=1MHz
-
19
-
pF
* : h
FE Rank
/
B : 85~160, C : 120~200, D : 160~300


Similar Part No. - STS8550

ManufacturerPart #DatasheetDescription
logo
AUK corp
STS8550 AUK-STS8550 Datasheet
96Kb / 3P
   PNP Silicon Transistor
More results

Similar Description - STS8550

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BD234 STMICROELECTRONICS-BD234 Datasheet
62Kb / 4P
   SILICON PNP TRANSISTOR
logo
Hi-Sincerity Mocroelect...
HMPS6562 HSMC-HMPS6562 Datasheet
38Kb / 4P
   PNP SILICON TRANSISTOR
logo
AUK corp
SRA2201M AUK-SRA2201M Datasheet
52Kb / 3P
   PNP Silicon Transistor
SRA2201SF AUK-SRA2201SF Datasheet
51Kb / 3P
   PNP Silicon Transistor
SRA2202UF AUK-SRA2202UF Datasheet
193Kb / 3P
   PNP Silicon Transistor
SRA2204S AUK-SRA2204S Datasheet
52Kb / 3P
   PNP Silicon Transistor
SRA2206 AUK-SRA2206 Datasheet
49Kb / 3P
   PNP Silicon Transistor
SRA2206EF AUK-SRA2206EF Datasheet
44Kb / 3P
   PNP Silicon Transistor
SRA2206SF AUK-SRA2206SF Datasheet
44Kb / 3P
   PNP Silicon Transistor
STN2907 AUK-STN2907 Datasheet
226Kb / 4P
   PNP Silicon Transistor
STS8550 AUK-STS8550 Datasheet
96Kb / 3P
   PNP Silicon Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com