Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS0008A Datasheet(PDF) 1 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TS0008A
Description  SMD 5.0x7.0 Remote Control SAW OSCILLATOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TS0008A Datasheet(HTML) 1 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TS0008A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TS0008A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TS0008A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TS0008A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TS0008A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TS0008A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
FR-71S03-01
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
Approval Sheet For Product Specification
Issued Date: 2007 9. 14 (REV NO.: 1.0)
Product Name: SMD 5.0x7.0 Remote Control SAW OSCILLATOR
TST Parts No.: TS0008A
Customer Parts No.:
Checked by:
Asin Lin
Approval by:
Francis Chen
Date:
2007/9/14
Company:
Division:
Approved by :
Date:


Similar Part No. - TS0008A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TS0005A TAI-SAW-TS0005A Datasheet
375Kb / 7P
   SMD 5.0x7.0 LVPECL SAW OSCILLATOR
TS0007A TAI-SAW-TS0007A Datasheet
276Kb / 6P
   SMD 5.0x7.0 Remote Control SAW OSCILLATOR
More results

Similar Description - TS0008A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TS0007A TAI-SAW-TS0007A Datasheet
276Kb / 6P
   SMD 5.0x7.0 Remote Control SAW OSCILLATOR
TS0012A TAI-SAW-TS0012A Datasheet
376Kb / 7P
   SMD 5.0x7.0 LVPECL SAW OSCILLATOR
TS0005A TAI-SAW-TS0005A Datasheet
375Kb / 7P
   SMD 5.0x7.0 LVPECL SAW OSCILLATOR
TB0208A TAI-SAW-TB0208A Datasheet
371Kb / 6P
   SAW Filter 243 MHz SMD 5.0x7.0 mm
TB0484A TAI-SAW-TB0484A Datasheet
249Kb / 7P
   SAW Filter 169.2 MHz SMD 5.0X7.0 mm
TB0266A TAI-SAW-TB0266A Datasheet
351Kb / 8P
   SAW Filter 246 MHz SMD 5.0x7.0 mm
TB0217A TAI-SAW-TB0217A Datasheet
246Kb / 5P
   SAW Filter 140 MHz SMD 5.0x7.0 mm
TB0483A TAI-SAW-TB0483A Datasheet
250Kb / 7P
   SAW Filter 165.45 MHz SMD 5.0X7.0 mm
TB0485A TAI-SAW-TB0485A Datasheet
249Kb / 7P
   SAW Filter 173.075 MHz SMD 5.0X7.0 mm
TB0557A TAI-SAW-TB0557A Datasheet
242Kb / 7P
   SAW Filter 135.53 MHz SMD 5.0X7.0 mm
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com