Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TF0091A Datasheet(PDF) 1 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TF0091A
Description  Duplexer 782/751MHz 10MHz BW SMD 2.0횞1.6 mm
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TF0091A Datasheet(HTML) 1 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TF0091A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TF0091A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TF0091A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TF0091A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TF0091A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TF0091A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TF0091A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD. TF0091A Datasheet HTML 8Page - TAI-SAW TECHNOLOGY CO., LTD. TF0091A Datasheet HTML 9Page - TAI-SAW TECHNOLOGY CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
FR-71S03-02
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
Product Specifications Approval Sheet
Product Name: Duplexer 782/751MHz 10MHz BW SMD 2.0×1.6 mm
TST Parts No.: TF0091A
Customer Part No.:
Checked by:
Andy Yu
Approved by:
Bob Chau
Date:
2013, 11, 25
1.
Customer signed back is required before TST can proceed with sample build and receive orders.
2.
Orders received without customer signed back will be regarded as agreement on the specifications.
3.
Any specifications changes must be approved upon by both parties and a new revision of specifications
shall be released to reflect the changes
Customer signature required
Company:
Division:
Approved by :
Date:


Similar Part No. - TF0091A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TF0091A TAI-SAW-TF0091A Datasheet
7Mb / 8P
   Your Best Partner For Frequency Devices
More results

Similar Description - TF0091A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TF0090A TAI-SAW-TF0090A Datasheet
326Kb / 12P
   Duplexer 782/751MHz 10MHz BW SMD 2.0횞1.6 mm
TF0169B TAI-SAW-TF0169B Datasheet
578Kb / 13P
   SAW DPX 782 / 751MHz 10/10MHz BW Band13 SMD1.8X1.4 mm
TF0088A TAI-SAW-TF0088A Datasheet
324Kb / 13P
   Duplexer 1960/2140MHz 60MHz BW SMD 2.0횞1.6 mm
TA1694A TAI-SAW-TA1694A Datasheet
241Kb / 9P
   SAW Filter 751MHz 10MHz BW SMD 1.1X0.9 mm
TF0087A TAI-SAW-TF0087A Datasheet
431Kb / 13P
   Duplexer 1732.5/2132.5MHz 45MHz BW SMD 2.0횞1.6 mm
TF0089A TAI-SAW-TF0089A Datasheet
350Kb / 13P
   Duplexer 836.5/881.5MHz 25MHz BW SMD 2.0횞1.6 mm
TF0169A TAI-SAW-TF0169A Datasheet
669Kb / 14P
   SAW DPX 782/751MHz Band13 Un-balanced SMD1.8X1.4 mm (BW=10 MHz)
TA2062C TAI-SAW-TA2062C Datasheet
1Mb / 10P
   SAW Rx Filter 751MHz LTE Band 13 SMD 1109 (10MHz BW)
TA2062A TAI-SAW-TA2062A Datasheet
521Kb / 9P
   SAW Rx Filter 751MHz LTE Band 13 SMD 1109 (10MHz BW)
TA2062B TAI-SAW-TA2062B Datasheet
1Mb / 10P
   SAW Rx Filter 751MHz LTE Band 13 SMD 1109 (10MHz BW)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com