Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TF0067A Datasheet(PDF) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TF0067A
Description  SAW Duplexer 836.5/881.5MHz SMD 2.5횞2.0 mm
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TF0067A Datasheet(HTML) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TF0067A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TF0067A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TF0067A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TF0067A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TF0067A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TF0067A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TF0067A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD. TF0067A Datasheet HTML 8Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
3
TST DCC
Release document
C. Frequency Characteristics :


Similar Part No. - TF0067A

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
TF006 ALLEN-BRADLEY-TF006 Datasheet
11Mb / 114P
   IEC Contactor Specifications
2021
logo
Transko Electronics, In...
TF006000BV-IT TRANSKO-TF006000BV-IT Datasheet
1Mb / 3P
   IF Bandpass Filter
Rev. 0: Mar. 2023
logo
TAI-SAW TECHNOLOGY CO.,...
TF0060A TAI-SAW-TF0060A Datasheet
333Kb / 12P
   1880/1960MHz Band 2 Balanced Duplexer SMD 2.0X1.6 mm
TF0061A TAI-SAW-TF0061A Datasheet
315Kb / 11P
   2535/2655MHz Band 7 Balanced Duplexer SMD 2.0X1.6 mm
TF0065A TAI-SAW-TF0065A Datasheet
279Kb / 7P
   SAW Duplexer 1950/2140MHz SMD 2.5횞2.0 mm
More results

Similar Description - TF0067A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TF0066A TAI-SAW-TF0066A Datasheet
331Kb / 8P
   SAW Duplexer 836.5/881.5MHz SMD 2.5횞2.0 mm
logo
SIPAT Co,Ltd
SPD014A SIPAT-SPD014A Datasheet
819Kb / 9P
   SAW Duplexer 836.5/881.5MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TA0321A TAI-SAW-TA0321A Datasheet
423Kb / 12P
   SAW Filter 881.5MHz SMD 2.5횞2.0 mm
TF0089A TAI-SAW-TF0089A Datasheet
350Kb / 13P
   Duplexer 836.5/881.5MHz 25MHz BW SMD 2.0횞1.6 mm
TF0071A TAI-SAW-TF0071A Datasheet
605Kb / 7P
   Duplexer 836.5/881.5MHz 25MHz BW SMD 3.8횞3.8 mm
TF0072A TAI-SAW-TF0072A Datasheet
596Kb / 7P
   Duplexer 836.5/881.5MHz 25MHz BW SMD 3.8횞3.8 mm
TF0226AA0033 TAI-SAW-TF0226AA0033 Datasheet
1Mb / 12P
   SAW Duplexer 836.5/881.5MHz BW 25/25MHz
REV. NO.:1.0
TF0065A TAI-SAW-TF0065A Datasheet
279Kb / 7P
   SAW Duplexer 1950/2140MHz SMD 2.5횞2.0 mm
logo
List of Unclassifed Man...
856331 ETC2-856331 Datasheet
741Kb / 6P
   836.5/881.5 MHz SAW Duplexer
logo
RF Monolithics, Inc
SF1207D RFM-SF1207D Datasheet
796Kb / 7P
   836.5/881.5 MHz SAW Duplexer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com