Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WUA-5600 Datasheet(PDF) 3 Page - Level One

Part # WUA-5600
Description  150Mbps Wireless High Power Outdoor USB Network Adapter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LVL1 [Level One]
Direct Link  http://www.level1.com/
Logo LVL1 - Level One

WUA-5600 Datasheet(HTML) 3 Page - Level One

  WUA-5600 Datasheet HTML 1Page - Level One WUA-5600 Datasheet HTML 2Page - Level One WUA-5600 Datasheet HTML 3Page - Level One WUA-5600 Datasheet HTML 4Page - Level One  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
175 x 36 mm
Weight (g):
540g
Enclosure:
IP67 Weatherproof
Others
Operation Systems:
Windows 2000/XP/Vista/7/8
Diagram
Order Information
WUA-5600
Package Contents
Antenna
Mounting Kit
Quick Installation Guide
Resource CD (User Manual, Utility)
No liability or responsibility for any errors or omissions in the content.
Specifications are subject to change without notice.
www.level1.com
Page 3 of 4


Similar Part No. - WUA-5600

ManufacturerPart #DatasheetDescription
logo
Level One
WUA-5600 LVL1-WUA-5600_16 Datasheet
211Kb / 3P
   High Power Wireless USB Network Adapter, 150Mbps 802.11n, Outdoor
More results

Similar Description - WUA-5600

ManufacturerPart #DatasheetDescription
logo
Level One
WUA-5600 LVL1-WUA-5600_16 Datasheet
211Kb / 3P
   High Power Wireless USB Network Adapter, 150Mbps 802.11n, Outdoor
WUA-0614 LVL1-WUA-0614 Datasheet
413Kb / 5P
   150Mbps Wireless Nano USB Network Adapter
WUA-0624 LVL1-WUA-0624 Datasheet
368Kb / 5P
   150Mbps Wireless Nano USB Network Adapter 5dBi
WCS-0050 LVL1-WCS-0050 Datasheet
432Kb / 6P
   150Mbps Wireless Megapixel Network Camera
WUA-1610 LVL1-WUA-1610 Datasheet
423Kb / 5P
   300Mbps Wireless USB Network Adapter
WUA-0605 LVL1-WUA-0605 Datasheet
541Kb / 5P
   300Mbps Wireless USB Network Adapter
WAB-6120 LVL1-WAB-6120 Datasheet
406Kb / 3P
   150Mbps Wireless Outdoor PoE Access Point
logo
TP-Link Technologies Co...
TL-WR720N TP-LINK-TL-WR720N Datasheet
956Kb / 3P
   150Mbps Wireless N Router
TL-WR740N TP-LINK-TL-WR740N Datasheet
5Mb / 87P
   150Mbps Wireless N Router
TL-WR741ND TP-LINK-TL-WR741ND Datasheet
1Mb / 2P
   150Mbps Wireless N Router
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com