Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM1702U Datasheet(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # PCM1702U
Description  BiCMOS Advanced Sign Magnitude 20-Bit DIGITAL-TO-ANALOG CONVERTER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PCM1702U Datasheet(HTML) 6 Page - Burr-Brown (TI)

  PCM1702U Datasheet HTML 1Page - Burr-Brown (TI) PCM1702U Datasheet HTML 2Page - Burr-Brown (TI) PCM1702U Datasheet HTML 3Page - Burr-Brown (TI) PCM1702U Datasheet HTML 4Page - Burr-Brown (TI) PCM1702U Datasheet HTML 5Page - Burr-Brown (TI) PCM1702U Datasheet HTML 6Page - Burr-Brown (TI) PCM1702U Datasheet HTML 7Page - Burr-Brown (TI) PCM1702U Datasheet HTML 8Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
®
PCM1702
Level Linearity
Deviation from ideal versus actual signal level is sometimes
called “level linearity” in digital audio converter testing. See
the “–90dB Signal Spectrum” plot in the Typical Perfor-
mance Curves section for the power spectrum of a PCM1702
at a –90dB output level. (The “–90dB Signal” plot shows the
actual –90dB output of the DAC). The deviation from ideal
for PCM1702 at this signal level is typically less than
±0.3dB. For the “–110dB Signal” plot in the Typical Perfor-
mance Curves section, true 20-bit digital code is used to
generate a –110dB output signal.
This type of performance is possible only with the low-
noise, near-theoretical performance around bipolar zero of
the PCM1702 advanced sign magnitude.
A commonly tested digital audio parameter is the amount of
deviation from ideal of a 1kHz signal when its amplitude is
decreased form –60dB to –120dB. A digitally dithered input
signal is applied to reach effective output levels of
–120dB using only the available 16-bit code from a special
compact disk test input. See the “16-bit Level Linearity” plot
in the Typical Performance Curves section for the results of
a PCM1702 tested using this 16-bit dithered fade-to-noise
signal. Note the very small deviation from ideal as the signal
goes from –60dB to –100dB.
DC SPECIFICATION
Idle Channel SNR
Another appropriate specification for a digital audio con-
verter is idle channel signal-to-noise ratio (idle channel
SNR). This is the ratio of noise on the DAC output at bipolar
zero in relation to the full scale range of the DAC. To make
this measurement, the digital input is continuously fed the
code for bipolar zero, while the output of the DAC is band-
limited from 20Hz to 20kHz and an A-weighted filter is
applied. The idle channel SNR for the PCM1702 is typically
greater than 120dB, making it ideal for low-noise applica-
tions.
Monotonicity
Because of the unique advanced sign magnitude architecture
of the PCM1702, increasing values of digital input will
always result in increasing values of DAC output as the
signal moves away from bipolar zero in one-LSB steps (in
either direction). The “16-bit Monotonicity” plot in the
Typical Performance Curves section was generated using
16-bit digital code from a test compact disk. The test starts
with 10 periods of bipolar zero. Next are 10 periods of
alternating 1LSBs above and below zero, and then 10
periods of alternating 2LSBs above and below zero, and so
on until 10LSBs above and below zero are reached. The
signal pattern then begins again at bipolar zero.
With PCM1702, the low-noise steps are clearly defined and
increase in near-perfect proportion. This performance is
achieved without any external adjustments. By contrast,
sigma-delta (“Bit-stream”, “MASH”, or 1-bit DAC) archi-
tectures are too noisy to even see the first 3 or 4 bits change
(at 16 bits), other than by a change in the noise level.
Absolute Linearity
Even though absolute integral and differential linearity specs
are not given for the PCM1702, the extremely low THD+N
performance is typically indicative of 17-bit integral linearity
in the DAC. The relationship between THD+N and linearity,
however, is not such that an absolute linearity specification
for every individual output code can be guaranteed.
Offset, Gain, and Temperature Drift
Although the PCM1702 is primarily meant for use in dy-
namic applications, specifications are also given for more
traditional DC parameters such as gain error, bipolar zero
offset error, and temperature gain and offset drift.
DIGITAL INPUT
Timing Considerations
The PCM1702 accepts TTL compatible logic input levels.
The data format of the PCM1702 is binary two’s comple-
ment (BTC) with the most significant bit (MSB) being first
FIGURE 1. Production THD+N Test Setup.
Timing
Logic
Binary
Counter
Digital Code
(EPROM)
Parallel-to-Serial
Conversion
DUT
(PCM1702)
I to V
Converter
OPA627
Distortion
Analyzer
Programmable
Gain Amp
0dB to 60dB
Low-Pass Filter
40kHz 3rd Order
GIC Type
DATA
(Shiba Soku Model
725 or Equivalent)
Use 400Hz High-Pass
Filter and 30kHz
Low-Pass Filter
Meter Settings
Sampling Rate = 44.1kHz x 8(352.8kHz)
Output Frequency = 1002Hz
LE (Latch Enable)
CLOCK


Similar Part No. - PCM1702U

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1702U BURR-BROWN-PCM1702U Datasheet
272Kb / 13P
   BiCMOS Advanced Sign Magnitude 20-Bit DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
PCM1702U TI1-PCM1702U Datasheet
127Kb / 11P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1702U-2/2K TI1-PCM1702U-2/2K Datasheet
127Kb / 11P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1702U-2/2KE6 TI1-PCM1702U-2/2KE6 Datasheet
127Kb / 11P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
PCM1702U-J BURR-BROWN-PCM1702U-J Datasheet
272Kb / 13P
   BiCMOS Advanced Sign Magnitude 20-Bit DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - PCM1702U

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1702P BURR-BROWN-PCM1702P_07 Datasheet
272Kb / 13P
   BiCMOS Advanced Sign Magnitude 20-Bit DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
PCM1704U-2K TI-PCM1704U-2K Datasheet
558Kb / 13P
[Old version datasheet]   BiCMOS Sign-Magnitude DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
PCM1704 BURR-BROWN-PCM1704 Datasheet
229Kb / 9P
   24-Bit, 96kHz BiCMOS Sign-Magnitude DIGITAL-TO-ANALOG CONVERTER
PCM67P BURR-BROWN-PCM67P Datasheet
95Kb / 13P
   Advanced 1-Bit BiCMOS Dual 18-Bit DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DDC101U TI1-DDC101U Datasheet
265Kb / 29P
[Old version datasheet]   20-BIT ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
DDC101 BURR-BROWN-DDC101 Datasheet
346Kb / 27P
   20-BIT ANALOG-TO-DIGITAL CONVERTER
logo
API Technologies Corp
MN3396 APITECH-MN3396 Datasheet
573Kb / 3P
   20-Bit, Digital-to-Analog Converter
MN3395 APITECH-MN3395 Datasheet
707Kb / 5P
   20-Bit, Deglitched Digital-to-Analog Converter
logo
National Semiconductor ...
ADC12041 NSC-ADC12041 Datasheet
591Kb / 28P
   12-Bit Plus Sign 216 kHz Sampling Analog-to-Digital Converter
logo
Texas Instruments
AD7524M TI-AD7524M Datasheet
253Kb / 12P
[Old version datasheet]   Advanced LinCMOSE 8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com