Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFP-9431 Datasheet(PDF) 1 Page - Level One

Part # SFP-9431
Description  1.25G SMF BIDI SFP Transceiver 40km T1550/R1310nm
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LVL1 [Level One]
Direct Link  http://www.level1.com/
Logo LVL1 - Level One

SFP-9431 Datasheet(HTML) 1 Page - Level One

  SFP-9431 Datasheet HTML 1Page - Level One SFP-9431 Datasheet HTML 2Page - Level One SFP-9431 Datasheet HTML 3Page - Level One SFP-9431 Datasheet HTML 4Page - Level One  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SFP-9431 Version: 1
1.25G SMF BIDI SFP Transceiver, 40km,
T1550/R1310nm
The LevelOne SFP-9431 is a high performance, costeffective SFP transceiver. It provides up to 1.25 Gbps
bi-directional data transfer rate at distances up to 40km on a single fiber core. These bi-directional SFP
Transceivers allow data transfer in either direction through a single optical fiber by employing separate
wavelengths travelling in either direction.
The SFP-9431 transmits using a wavelength of 1550nm and receives using a wavelength of 1310nm.
When coupled with the LevelOne SFP-9421 transceiver which transmits at and receives at the opposite
rates (1550nm TX and 1310nm RX) you get bi-direction data communication on a single fiber core.
Key Features
- 1550nm DFB LD
- Multi Data Rate: 125M to 1.25Gbps, NRZ
- Single +3.3V Power Supply
- RoHS Compliant and Lead-free
- AC/AC Differential Electrical Interface
- Compliant with Multi-Source Agreement (MSA)Small Form Factor Pluggable (SFP)
- Single LC Connector
- Compliance with specifications for IEEE802.3z Gigabit Ethernet at 1.25Gbps
- Compliance with ANSI specifications for Fiber Channel applications at 1.06bps
- Eye Safety Designed to meet LASER Class 1 comply with EN60825-1
www.level1.com
Page 1 of 4


Similar Part No. - SFP-9431

ManufacturerPart #DatasheetDescription
logo
Level One
SFP-9431 LVL1-SFP-9431 Datasheet
1Mb / 4P
   L2 Managed Switch - 10 GE with 2 Combo SFP
SFP-9431 LVL1-SFP-9431 Datasheet
313Kb / 3P
   4 GE plus 1 GE SFP Switch
SFP-9431 LVL1-SFP-9431 Datasheet
1Mb / 4P
   20 GE PoE-Plus plus 4 GE PoE-Plus Combo SFP plus 4 10GE SFP-Plus L2-Plus Managed Switch, 185W
More results

Similar Description - SFP-9431

ManufacturerPart #DatasheetDescription
logo
Level One
SFP-9231 LVL1-SFP-9231 Datasheet
314Kb / 4P
   1.25G SMF BIDI SFP Transceiver 10km T1550/R1310nm
SFP-9331 LVL1-SFP-9331 Datasheet
327Kb / 4P
   1.25G SMF BIDI SFP Transceiver 20km T1550/R1310nm
SFP-7331 LVL1-SFP-7331 Datasheet
420Kb / 3P
   155M SMF BIDI SFP Transceiver, 20km,T1550/R1310nm
SFP-9421 LVL1-SFP-9421 Datasheet
309Kb / 4P
   1.25G SMF BIDI SFP Transceiver 40km T1310/R1550nm
SFP-4320 LVL1-SFP-4320 Datasheet
104Kb / 1P
   1.25G BIDI SMF SFP Transceiver
SFP-4310 LVL1-SFP-4310 Datasheet
104Kb / 1P
   1.25G BIDI SMF SFP Transceiver
SFP-4330 LVL1-SFP-4330 Datasheet
104Kb / 1P
   1.25G BIDI SMF SFP Transceiver
SFP-4350 LVL1-SFP-4350 Datasheet
104Kb / 1P
   1.25G BIDI SMF SFP Transceiver(40km, T1310 / R1550, -40 TO 85C)
SFP-9321 LVL1-SFP-9321 Datasheet
324Kb / 4P
   1.25G SMF BIDI SFP Transceiver 20km T1310/R1550nm
SFP-9221 LVL1-SFP-9221 Datasheet
308Kb / 4P
   1.25G SMF BIDI SFP Transceiver 10km T1310/R1550nm
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com