Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPT101P Datasheet(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPT101P
Description  MONOLITHIC PHOTODIODE AND SINGLE-SUPPLY TRANSIMPEDANCE AMPLIFIER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPT101P Datasheet(HTML) 5 Page - Burr-Brown (TI)

  OPT101P Datasheet HTML 1Page - Burr-Brown (TI) OPT101P Datasheet HTML 2Page - Burr-Brown (TI) OPT101P Datasheet HTML 3Page - Burr-Brown (TI) OPT101P Datasheet HTML 4Page - Burr-Brown (TI) OPT101P Datasheet HTML 5Page - Burr-Brown (TI) OPT101P Datasheet HTML 6Page - Burr-Brown (TI) OPT101P Datasheet HTML 7Page - Burr-Brown (TI) OPT101P Datasheet HTML 8Page - Burr-Brown (TI) OPT101P Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
®
OPT101
5
TYPICAL PERFORMANCE CURVES
At TA = +25°C, VS = +2.7V to +36V, λ = 650nm, internal 1MΩ feedback resistor, and RL = 10kΩ, unless otherwise noted.
VOLTAGE RESPONSIVITY vs RADIANT POWER
Radiant Power (µW)
0.01
0.1
10
100
1k
1
10
1
0.1
0.01
0.001
R F
=
1M
R F
=
100k
R F
=
10M
λ = 650nm
R F
=
50k
RESPONSE vs INCIDENT ANGLE
Incident Angle (°)
0
1.0
0.8
0.6
0.4
0.2
0
±20
±40
±60
±80
θ
Y
θ
X
1.0
0.8
0.6
0.4
0.2
0
θ
Y
θ
X
θ
Y
θ
X
SIP Package
Plastic
DIP Package
DARK V
OUT vs TEMPERATURE
Temperature (
°C)
0
10
20
30405060
70
8
7.8
7.6
7.4
7.2
7
VOLTAGE RESPONSIVITY vs IRRADIANCE
Irradiance (W/m2)
0.001
0.01
1
10
100
0.1
10
1
0.1
0.01
0.001
R F
=
1M
R F
=
100k
R F
=
10M
λ = 650nm
R F
=
50k
VOLTAGE RESPONSIVITY vs FREQUENCY
Frequency (Hz)
100
1k
10k
100k
10
1
0.1
0.01
0.001
R
F = 50kΩ, CEXT = 56pF
R
F = 10MΩ
R
F = 1MΩ
R
F = 100kΩ, CEXT = 33pF
NORMALIZED SPECTRAL RESPONSIVITY
Wavelength (nm)
200
300
400
500
600
700
800
900
1000 1100
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
Ultraviolet
70°C
25°C
Infrared
650nm
(0.45A/W)


Similar Part No. - OPT101P

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPT101P BURR-BROWN-OPT101P Datasheet
388Kb / 15P
   MONOLITHIC PHOTODIODE AND SINGLE-SUPPLY TRANSIMPEDANCE AMPLIFIER
logo
Texas Instruments
OPT101P TI-OPT101P Datasheet
384Kb / 15P
[Old version datasheet]   MONOLITHIC PHOTODIODE ANDSINGLE-SUPPLY TRANSIMPEDANCE AMPLIFIER
logo
Burr-Brown (TI)
OPT101P-J BURR-BROWN-OPT101P-J Datasheet
388Kb / 15P
   MONOLITHIC PHOTODIODE AND SINGLE-SUPPLY TRANSIMPEDANCE AMPLIFIER
logo
Texas Instruments
OPT101P-J TI-OPT101P-J Datasheet
384Kb / 15P
[Old version datasheet]   MONOLITHIC PHOTODIODE ANDSINGLE-SUPPLY TRANSIMPEDANCE AMPLIFIER
OPT101P-JG4 TI-OPT101P-JG4 Datasheet
384Kb / 15P
[Old version datasheet]   MONOLITHIC PHOTODIODE ANDSINGLE-SUPPLY TRANSIMPEDANCE AMPLIFIER
More results

Similar Description - OPT101P

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPT101 BURR-BROWN-OPT101_03 Datasheet
388Kb / 15P
   MONOLITHIC PHOTODIODE AND SINGLE-SUPPLY TRANSIMPEDANCE AMPLIFIER
logo
Texas Instruments
OPT101PG4 TI-OPT101PG4 Datasheet
384Kb / 15P
[Old version datasheet]   MONOLITHIC PHOTODIODE ANDSINGLE-SUPPLY TRANSIMPEDANCE AMPLIFIER
logo
Burr-Brown (TI)
OPT211 BURR-BROWN-OPT211 Datasheet
116Kb / 9P
   MONOLITHIC PHOTODIODE AND AMPLIFIER
logo
Roithner LaserTechnik G...
IQ800L ROITHNER-IQ800L Datasheet
180Kb / 3P
   Si ??photodiode with integrated transimpedance amplifier
logo
Analog Devices
ADN3000-06 AD-ADN3000-06 Datasheet
68Kb / 2P
   6.144 Gbps Transimpedance Amplifier with Integrated Photodiode
Rev. Sp0
ADN3000-06-50A-P2 AD-ADN3000-06-50A-P2 Datasheet
68Kb / 2P
   6.144 Gbps Transimpedance Amplifier with Integrated Photodiode
Rev. Sp0
logo
SIRENZA MICRODEVICES
SFT-0100 SIRENZA-SFT-0100 Datasheet
162Kb / 4P
   Transimpedance Amplifier
logo
Burr-Brown (TI)
OPT210 BURR-BROWN-OPT210 Datasheet
118Kb / 8P
   MONOLITHIC PHOTODIODE AND AMPLIFIER 300kHz Bandwidth at RF = 1MW
logo
ANADIGICS, Inc
ATA30013 ANADIGICS-ATA30013 Datasheet
133Kb / 4P
   TRANSIMPEDANCE AMPLIFIER
logo
Analog Devices
HMC6590 AD-HMC6590 Datasheet
563Kb / 7P
   Transimpedance Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com