Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA687U Datasheet(PDF) 8 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPA687U
Description  Wideband, Ultra-Low Noise, Voltage Feedback OPERATIONAL AMPLIFIER With Power Down
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA687U Datasheet(HTML) 8 Page - Burr-Brown (TI)

Back Button OPA687U Datasheet HTML 4Page - Burr-Brown (TI) OPA687U Datasheet HTML 5Page - Burr-Brown (TI) OPA687U Datasheet HTML 6Page - Burr-Brown (TI) OPA687U Datasheet HTML 7Page - Burr-Brown (TI) OPA687U Datasheet HTML 8Page - Burr-Brown (TI) OPA687U Datasheet HTML 9Page - Burr-Brown (TI) OPA687U Datasheet HTML 10Page - Burr-Brown (TI) OPA687U Datasheet HTML 11Page - Burr-Brown (TI) OPA687U Datasheet HTML 12Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
®
OPA687
APPLICATIONS INFORMATION
WIDEBAND, NON-INVERTING OPERATION
The OPA687 provides a unique combination of a very low
input voltage noise along with a very low distortion output
stage to give one of the highest dynamic range op amps
available. Its very high Gain Bandwidth Product (GBP) can
be used to either deliver high signal bandwidths at high
gains, or to deliver very low distortion signals at moderate
frequencies and lower gains. To achieve the full perfor-
mance of the OPA687, careful attention to PC board layout
and component selection is required as discussed in the
remaining sections of this data sheet.
Figure 1 shows the non-inverting gain of +20 circuit used as
the basis for most of the Typical Performance Curves. Most
of the curves were characterized using signal sources with
50
Ω driving impedance, and with measurement equipment
presenting a 50
Ω load impedance. In Figure 1, the 50Ω
shunt resistor at the VI terminal matches the source imped-
ance of the test generator, while the 50
Ω series resistor at the
VO terminal provides a matching resistor for the measure-
ment equipment load. Generally, data sheet voltage swing
specifications are at the output pin (VO in Figure 1), while
output power specifications are at the matched 50
Ω load.
The total 100
Ω load at the output, combined with the 790Ω
total feedback network load, presents the OPA687 with an
effective output load of 89
Ω for the circuit of Figure 1.
Voltage feedback op amps, unlike current feedback designs,
can use a wide range of resistor values to set their gain. The
circuit of Figure 1, and the specifications at other gains, use
an RG set to 39.2Ω and RF adjusted to get the desired gain.
Using this guideline will guarantee that the noise added at the
output due to Johnson noise of the resistors will not signifi-
cantly increase the total over that due to the 0.95nV/
√Hz input
voltage noise for the op amp itself. This RG is suggested as a
good starting point for design. Other values are certainly
acceptable if required by the design.
OPA687
+5V
–5V
–V
S
+V
S
50
V
O
V
I
50
+
0.1
µF
+
6.8
µF
6.8
µF
R
G
39.2
R
F
750
50
Ω Source
50
Ω Load
0.1
µF
FIGURE 1. Non-Inverting G = +20 Specifications and Test
Circuit.
WIDEBAND, INVERTING GAIN OPERATION
There can be significant benefits to operating the OPA687 as
an inverting amplifier. This is particularly true when a
matched input impedance is required. Figure 2 shows the
inverting gain circuit used as a starting point for the Typical
Performance Curves showing inverting mode performance.
OPA687
+5V
–5V
+V
S
–V
S
95.3
50
V
O
V
I
+
6.8
µF
0.1
µF
+
6.8
µF
0.1
µF
0.1
µF
R
F
2k
R
G
50
50
Ω Source
50
Ω Load
Driving this circuit from a 50
Ω source, and constraining the
gain resistor, RG, to equal 50Ω, will give both a signal
bandwidth and noise advantage. RG, in this case, is acting
as both the input termination resistor and the gain setting
resistor for the circuit. Although the signal gain for the
circuit of Figure 2 is double that for Figure 1, their noise
gains are equal when the 50
Ω source resistor is included.
This has the interesting effect of doubling the equivalent
GBP for the amplifier. This can be seen in comparing the
G = +12 and G = –20 small-signal frequency response
curves. Both show approximately 500MHz bandwidth with
3dB peaking, but the inverting configuration of Figure 2 is
giving 4.4dB higher signal gain. The noise gains are ap-
proximately equal in this case. If the signal source is
actually the low impedance output of another amplifier, RG
should be increased to be greater than the minimum value
allowed at the output of that amplifier and RF adjusted to
get the desired gain. It is critical for stable operation of the
OPA687 that this driving amplifier show a very low output
impedance through frequencies exceeding the expected
closed-loop bandwidth for the OPA687.
WIDEBAND, HIGH SENSITIVITY,
TRANSIMPEDANCE DESIGN
The high Gain Bandwidth Product (GBP) and low input voltage
and current noise for the OPA687 make it an ideal wideband
transimpedance amplifier for low to moderate transimpedance
gains. Very high transimpedance gains (> 100k
Ω) will benefit
from the low input noise current of a FET-input op amp such
as the OPA655. Unity gain stability in the op amp is NOT
FIGURE 2. Inverting G = –40 Specifications and Test
Circuit.


Similar Part No. - OPA687U

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA687U/2K5 TI1-OPA687U/2K5 Datasheet
301Kb / 17P
[Old version datasheet]   Voltage Feedback OPERATIONAL AMPLIFIER
More results

Similar Description - OPA687U

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA847IDRG4 TI-OPA847IDRG4 Datasheet
867Kb / 30P
[Old version datasheet]   Wideband, Ultra-Low Noise, Voltage-Feedback OPERATIONAL AMPLIFIER with Shutdown
OPA847IDBVTG4 TI1-OPA847IDBVTG4 Datasheet
884Kb / 30P
[Old version datasheet]   Wideband, Ultra-Low Noise, Voltage-Feedback OPERATIONAL AMPLIFIER with Shutdown
OPA846 TI-OPA846 Datasheet
390Kb / 21P
[Old version datasheet]   Wideband, Low-Noise, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA846-DIE TI1-OPA846-DIE Datasheet
68Kb / 5P
[Old version datasheet]   WIDEBAND, LOW-NOISE, VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA686 BURR-BROWN-OPA686 Datasheet
158Kb / 15P
   Wideband, Low Noise, Voltage Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA846 TI1-OPA846_15 Datasheet
866Kb / 29P
[Old version datasheet]   Wideband, Low-Noise, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA686 TI1-OPA686 Datasheet
170Kb / 16P
[Old version datasheet]   Wideband, Low Noise, Voltage Feedback OPERATIONAL AMPLIFIER
OPA2846 TI-OPA2846 Datasheet
360Kb / 24P
[Old version datasheet]   Dual, Wideband, Low-Noise, Voltage-Feedback Operational Amplifier
OPA2846 TI1-OPA2846_14 Datasheet
707Kb / 30P
[Old version datasheet]   Dual, Wideband, Low-Noise, Voltage-Feedback Operational Amplifier
logo
Burr-Brown (TI)
OPA2686 BURR-BROWN-OPA2686 Datasheet
171Kb / 18P
   Dual, Wideband, Low Noise, Voltage Feedback OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com