Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA682 Datasheet(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPA682
Description  Wideband, Fixed Gain BUFFER AMPLIFIER With Disable
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA682 Datasheet(HTML) 1 Page - Burr-Brown (TI)

  OPA682 Datasheet HTML 1Page - Burr-Brown (TI) OPA682 Datasheet HTML 2Page - Burr-Brown (TI) OPA682 Datasheet HTML 3Page - Burr-Brown (TI) OPA682 Datasheet HTML 4Page - Burr-Brown (TI) OPA682 Datasheet HTML 5Page - Burr-Brown (TI) OPA682 Datasheet HTML 6Page - Burr-Brown (TI) OPA682 Datasheet HTML 7Page - Burr-Brown (TI) OPA682 Datasheet HTML 8Page - Burr-Brown (TI) OPA682 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
nternational Airport Industrial Park • Mailing Address: PO Box 11400, Tucson, AZ 85734 • Street Address: 6730 S. Tucson Blvd., Tucson, AZ 85706 • Tel: (520) 746-1111
Twx: 910-952-1111 • Internet: http://www.burr-brown.com/ • Cable: BBRCORP • Telex: 066-6491 • FAX: (520) 889-1510 • Immediate Product Info: (800) 548-6132
Wideband, Fixed Gain
BUFFER AMPLIFIER With Disable
OPA682
®
FEATURES
q INTERNALLY FIXED GAIN: +2 OR
±1
q HIGH BANDWIDTH (G = +2): 240MHz
q LOW SUPPLY CURRENT: 6mA
q LOW DISABLED CURRENT: 320
µA
q HIGH OUTPUT CURRENT: 150mA
q OUTPUT VOLTAGE SWING:
±4.0V
q
±5V OR SINGLE +5V OPERATION
q SOT23-6 AVAILABLE
APPLICATIONS
q BROADBAND VIDEO LINE DRIVERS
q VIDEO MULTIPLEXERS
q MULTIPLE LINE VIDEO DA
q PORTABLE INSTRUMENTS
q ADC BUFFERS
q ACTIVE FILTERS
TM
DESCRIPTION
The OPA682 provides an easy to use, broadband fixed gain
buffer amplifier. Depending on the external connections, the
internal resistor network may be used to provide either a
fixed gain of +2 video buffer or a gain of +1 or –1 voltage
buffer. Operating on a very low 6mA supply current, the
OPA682 offers a slew rate and output power normally
associated with a much higher supply current. A new output
stage architecture delivers high output current with a mini-
mal headroom and crossover distortion. This gives excep-
tional single supply operation. Using a single +5V supply,
the OPA682 can deliver a 1V to 4V output swing with over
100mA drive current and 200MHz bandwidth. This combi-
nation of features makes the OPA682 an ideal RGB line
driver or single supply ADC input driver.
OPA682 RELATED PRODUCTS
SINGLES
DUALS
TRIPLES
Voltage Feedback
OPA680
OPA2680
OPA3680
Current Feedback
OPA681
OPA2681
OPA3681
Fixed Gain
OPA682
OPA2682
OPA3682
The OPA682’s low 6mA supply current is precisely trimmed
at 25
°C. This trim, along with low drift over temperature,
guarantees lower maximum supply current than competing
products that report only a room temperature nominal supply
current. System power may be further reduced by using the
optional disable control pin. Leaving this disable pin open, or
holding it high, gives normal operation. If pulled low, the
OPA682 supply current drops to less than 320
µA while the
output goes into a high impedance state. This feature may be
used for either power savings or for video MUX applications.
OPA682
OPA682
OPA682
©1999 Burr-Brown Corporation
PDS-1428C
Printed in U.S.A. September, 1999
Video
Out
75
75
RG-59
75
75
RG-59
75
75
RG-59
75
75
RG-59
75
1
2
3
4
8
7
6
5
DIS
OPA682
8-Pin DIP, SO-8
G = +2
240MHz, 4-Output Component Video D/A
+5V
–5V
Video
In


Similar Part No. - OPA682

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA682 TI1-OPA682 Datasheet
195Kb / 20P
[Old version datasheet]   Dual, Wideband, Fixed Gain BUFFER AMPLIFIER With Disable
OPA682 TI1-OPA682 Datasheet
217Kb / 22P
[Old version datasheet]   Dual Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable
OPA682 TI1-OPA682 Datasheet
377Kb / 22P
[Old version datasheet]   Dual Wideband, Current Feedback OPERATIONAL AMPLIFIER
OPA682 TI1-OPA682 Datasheet
226Kb / 21P
[Old version datasheet]   Wideband, Fixed Gain BUFFER AMPLIFIER
OPA682N TI1-OPA682N Datasheet
226Kb / 21P
[Old version datasheet]   Wideband, Fixed Gain BUFFER AMPLIFIER
More results

Similar Description - OPA682

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2682 BURR-BROWN-OPA2682 Datasheet
182Kb / 19P
   Dual, Wideband, Fixed Gain BUFFER AMPLIFIER With Disable
OPA3682 BURR-BROWN-OPA3682 Datasheet
234Kb / 19P
   Triple, Wideband, Fixed Gain BUFFER AMPLIFIER With Disable
OPA692 BURR-BROWN-OPA692 Datasheet
498Kb / 26P
   Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
logo
Texas Instruments
OPA2682 TI1-OPA2682 Datasheet
195Kb / 20P
[Old version datasheet]   Dual, Wideband, Fixed Gain BUFFER AMPLIFIER With Disable
OPA692IDBVTG4 TI-OPA692IDBVTG4 Datasheet
1Mb / 30P
[Old version datasheet]   Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
OPA3692IDBQT TI-OPA3692IDBQT Datasheet
1Mb / 27P
[Old version datasheet]   Triple, Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
OPA3692IDBQT TI1-OPA3692IDBQT Datasheet
911Kb / 26P
[Old version datasheet]   Triple, Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
logo
Burr-Brown (TI)
OPA693 BURR-BROWN-OPA693 Datasheet
522Kb / 25P
   Ultra-Wideband, Fixed Gain Video BUFFER AMPLIFIER with Disable
OPA3693 BURR-BROWN-OPA3693 Datasheet
942Kb / 29P
   Triple, Ultra-Wideband, Fixed-Gain, VIDEO BUFFER with Disable
OPA3693 BURR-BROWN-OPA3693_07 Datasheet
945Kb / 31P
   Triple, Ultra-Wideband, Fixed-Gain, VIDEO BUFFER with Disable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com