Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA680U Datasheet(PDF) 9 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPA680U
Description  Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable TM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA680U Datasheet(HTML) 9 Page - Burr-Brown (TI)

Back Button OPA680U Datasheet HTML 5Page - Burr-Brown (TI) OPA680U Datasheet HTML 6Page - Burr-Brown (TI) OPA680U Datasheet HTML 7Page - Burr-Brown (TI) OPA680U Datasheet HTML 8Page - Burr-Brown (TI) OPA680U Datasheet HTML 9Page - Burr-Brown (TI) OPA680U Datasheet HTML 10Page - Burr-Brown (TI) OPA680U Datasheet HTML 11Page - Burr-Brown (TI) OPA680U Datasheet HTML 12Page - Burr-Brown (TI) OPA680U Datasheet HTML 13Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
9
®
OPA680
TYPICAL PERFORMANCE CURVES: VS = +5V
At TA = +25°C, G = +2, RF = 402Ω, and RL = 100Ω, unless otherwise noted. See Figure 2.
70
60
50
40
30
20
10
0
RECOMMENDED R
S vs CAPACITIVE LOAD
Capacitive Load (pF)
1
10
100
Noise Gain = 2.6
2.9
2.8
2.7
2.6
2.5
2.4
2.3
2.2
2.1
SMALL-SIGNAL PULSE RESPONSE
Time (5ns/div)
G = +2
V
O = 0.5Vp-p
4.1
3.7
3.3
2.9
2.5
2.1
1.7
1.3
0.9
LARGE-SIGNAL PULSE RESPONSE
Time (5ns/div)
G = +2
V
O = 2Vp-p
6
3
0
–3
–6
–9
–12
–15
–18
–21
–24
SMALL-SIGNAL FREQUENCY RESPONSE
Frequency (MHz)
0.5
10
100
500
G = +5
G = +10
G = +2
G = +1
R
F = 25Ω
V
O = 0.5Vp-p
12
9
6
3
0
–3
–6
–9
–12
–15
–18
LARGE-SIGNAL FREQUENCY RESPONSE
Frequency (MHz)
0.5
10
100
500
V
O = 2Vp-p
V
O = 0.5Vp-p
V
O = 1Vp-p
V
O = 3Vp-p
12
9
6
3
0
–3
–6
–9
–12
–15
–18
FREQUENCY RESPONSE vs CAPACITIVE LOAD
Frequency (20MHz/div)
0
200MHz
100MHz
C
L = 22pF
C
L = 10pF
Signal Gain = +2
Noise Gain = 2.6
C
L = 47pF
C
L = 100pF
OPA680
402
402
58
714
714
714
V
I
+5V
0.1µF
V
O
R
S
C
L
0.1µF


Similar Part No. - OPA680U

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA680U BURR-BROWN-OPA680U Datasheet
59Kb / 4P
   EVALUATION FIXTURE
logo
Texas Instruments
OPA680U/2K5 TI1-OPA680U/2K5 Datasheet
248Kb / 22P
[Old version datasheet]   Wideband, Voltage Feedback OPERATIONAL AMPLIFIER
More results

Similar Description - OPA680U

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA690 TI-OPA690 Datasheet
410Kb / 22P
[Old version datasheet]   Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable
OPA690IDBVTG4 TI1-OPA690IDBVTG4 Datasheet
1Mb / 37P
[Old version datasheet]   Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
logo
Burr-Brown (TI)
OPA685 BURR-BROWN-OPA685 Datasheet
283Kb / 28P
   Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable TM
OPA2680 BURR-BROWN-OPA2680 Datasheet
204Kb / 21P
   Dual Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable
OPA3680 BURR-BROWN-OPA3680 Datasheet
225Kb / 21P
   Triple, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER With Disable
logo
Texas Instruments
OPA3690ID TI-OPA3690ID Datasheet
1Mb / 39P
[Old version datasheet]   Triple, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
logo
Burr-Brown (TI)
OPA2690 BURR-BROWN-OPA2690 Datasheet
487Kb / 30P
   Dual, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
logo
Texas Instruments
OPA2680 TI1-OPA2680 Datasheet
217Kb / 22P
[Old version datasheet]   Dual Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable
OPA2890 TI-OPA2890_08 Datasheet
815Kb / 35P
[Old version datasheet]   Low-Power, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
logo
Burr-Brown (TI)
OPA890 BURR-BROWN-OPA890 Datasheet
901Kb / 32P
   Low-Power, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com