Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA671 Datasheet(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPA671
Description  Wide Bandwidth, Fast Settling Difet OPERATIONAL AMPLIFIER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA671 Datasheet(HTML) 5 Page - Burr-Brown (TI)

  OPA671 Datasheet HTML 1Page - Burr-Brown (TI) OPA671 Datasheet HTML 2Page - Burr-Brown (TI) OPA671 Datasheet HTML 3Page - Burr-Brown (TI) OPA671 Datasheet HTML 4Page - Burr-Brown (TI) OPA671 Datasheet HTML 5Page - Burr-Brown (TI) OPA671 Datasheet HTML 6Page - Burr-Brown (TI) OPA671 Datasheet HTML 7Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
®
OPA671
TYPICAL PERFORMANCE CURVES (CONT)
T
A = +25°C, VS = ±15V unless otherwise noted.
POWER SUPPLY CURRENT vs TEMPERATURE
Temperature (°C)
16.0
15.5
14.5
14.0
15.0
–25
0
25
50
75
100
SHORT-CIRCUIT CURRENT
vs TEMPERATURE
Temperature (°C)
–25
0
25
50
75
100
120
110
90
80
I
SC
60
100
70
+
I
SC
INPUT BIAS CURRENT AND INPUT OFFSET CURRENT
vs JUNCTION TEMPERATURE
Junction Temperature (°C)
–25
0
25
50
100
125
1000
100
10
0
1
I
B
75
I
OS
TOTAL HARMONIC DISTORTION + NOISE
vs FREQUENCY
Frequency (Hz)
10
100
1k
10k
100k
0.001
0.0001
0.0004
G = 1
G = 10
R
L = 200Ω
Frequency (Hz)
100k
1M
10M
100M
30
20
10
MAX OUTPUT VOLTAGE SWING vs FREQUENCY
0


Similar Part No. - OPA671

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA678 BURR-BROWN-OPA678 Datasheet
279Kb / 14P
   Wideband Switched-Input OPERATIONAL AMPLIFIER
OPA678AP BURR-BROWN-OPA678AP Datasheet
279Kb / 14P
   Wideband Switched-Input OPERATIONAL AMPLIFIER
OPA678AU BURR-BROWN-OPA678AU Datasheet
279Kb / 14P
   Wideband Switched-Input OPERATIONAL AMPLIFIER
More results

Similar Description - OPA671

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9610 AD-AD9610 Datasheet
556Kb / 8P
   Wide Bandwidth, Fast Settling Operational Amplifier
logo
Burr-Brown (TI)
OPA606 BURR-BROWN-OPA606 Datasheet
132Kb / 9P
   Wide-Bandwidth Difet OPERATIONAL AMPLIFIER
OPA654 BURR-BROWN-OPA654 Datasheet
131Kb / 8P
   Wide Bandwidth, High Output Current Difet OPERATIONAL AMPLIFIER
logo
Analog Devices
AD9610 AD-AD9610_15 Datasheet
567Kb / 8P
   WIDE BANDWIDTH FAST SETTLING
logo
Intersil Corporation
HA-2540 INTERSIL-HA-2540_03 Datasheet
548Kb / 8P
   400MHz, Fast Settling Operational Amplifier
logo
Analog Devices
HOS-050 AD-HOS-050 Datasheet
1Mb / 6P
   Fast Settling Video Operational Amplifier
logo
Intersil Corporation
HA-2540 INTERSIL-HA-2540 Datasheet
518Kb / 7P
   400MHz, Fast Settling Operational Amplifier
September 1998
HA-5195 INTERSIL-HA-5195_04 Datasheet
318Kb / 9P
   150MHz, Fast Settling Operational Amplifier
logo
Fairchild Semiconductor
KH200 FAIRCHILD-KH200 Datasheet
361Kb / 5P
   Fast Settling, Wideband Operational Amplifier
logo
Maxim Integrated Produc...
MX3554 MAXIM-MX3554 Datasheet
241Kb / 6P
   Wideband Fast-Settling Operational Amplifier
Rev 1; 9/95
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com