Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA671 Datasheet(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPA671
Description  Wide Bandwidth, Fast Settling Difet OPERATIONAL AMPLIFIER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA671 Datasheet(HTML) 2 Page - Burr-Brown (TI)

  OPA671 Datasheet HTML 1Page - Burr-Brown (TI) OPA671 Datasheet HTML 2Page - Burr-Brown (TI) OPA671 Datasheet HTML 3Page - Burr-Brown (TI) OPA671 Datasheet HTML 4Page - Burr-Brown (TI) OPA671 Datasheet HTML 5Page - Burr-Brown (TI) OPA671 Datasheet HTML 6Page - Burr-Brown (TI) OPA671 Datasheet HTML 7Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
®
OPA671
PARAMETER
CONDITION
MIN
TYP
MAX
UNITS
OFFSET VOLTAGE
Input Offset Voltage
±0.5
±5mV
Average Drift
±10
µV/°C
Power Supply Rejection
VS = ±4.5 to ±16.5V
72
94
dB
INPUT BIAS CURRENT(1)
Input Bias Current
VCM = 0V
5
50
pA
Input Offset Current
VCM = 0V
2
pA
NOISE
Input Voltage Noise
Noise Density, f = 100Hz
24
nV/
√Hz
f = 1kHz
15
nV/
√Hz
f = 10kHz
12
nV/
√Hz
f = 100kHz
10
nV/
√Hz
Voltage Noise, BW = 10Hz to 1MHz
60
µVp-p
Input Bias Current Noise
Current Noise Density, f = 10Hz to 1MHz
2
fA/
√Hz
INPUT VOLTAGE RANGE
Common-Mode Input Range
±12
±13
V
Common-Mode Rejection
VCM = ±10V
74
92
dB
INPUT IMPEDANCE
Differential
1012 || 4.5
Ω || pF
Common-Mode
1012 || 6
Ω || pF
OPEN-LOOP GAIN
Open-Loop Voltage Gain
VO = ±10V, RL = 1kΩ
80
dB
VO = ±10V, RL = 200Ω
74
78
dB
FREQUENCY RESPONSE
Gain-Bandwidth Product
35
MHz
Slew Rate
G = –1, 10V Step
107
V/
µs
Settling Time
0.01%
G = –1, 10V Step
240
ns
0.1%
G = –1, 10V Step
150
ns
1%
G = –1, 10V Step
85
ns
Total Harmonic Distortion
G = 1, f = 100kHz
0.0006
%
VO = 3V, RL = 200Ω
OUTPUT
Voltage Output
RL = 200Ω±10.5
±11.5
V
Current Output
VO = ±10V
50
mA
Short Circuit Current
–90/+105
mA
Output Resistance, Open-Loop
DC
20
POWER SUPPLY
Specified Operating Voltage
±15
V
Operating Voltage Range
±4.5
±18
V
Quiescent Current
VS = ±15V
±14.8
±17
mA
TEMPERATURE RANGE
Specification
–25
+85
°C
Operating
–40
+100
°C
Storage
–40
+125
°C
Thermal Resistance,
θ
JA
Junction to Ambient
100
°C/W
NOTE: (1) Tested without warm-up at TJ = TA = 25°C.
SPECIFICATIONS
At T
A = +25°C, VS = ±15V, unless otherwise noted.
OPA671AP
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes
no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change
without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant
any BURR-BROWN product for use in life support devices and/or systems.


Similar Part No. - OPA671

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA678 BURR-BROWN-OPA678 Datasheet
279Kb / 14P
   Wideband Switched-Input OPERATIONAL AMPLIFIER
OPA678AP BURR-BROWN-OPA678AP Datasheet
279Kb / 14P
   Wideband Switched-Input OPERATIONAL AMPLIFIER
OPA678AU BURR-BROWN-OPA678AU Datasheet
279Kb / 14P
   Wideband Switched-Input OPERATIONAL AMPLIFIER
More results

Similar Description - OPA671

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9610 AD-AD9610 Datasheet
556Kb / 8P
   Wide Bandwidth, Fast Settling Operational Amplifier
logo
Burr-Brown (TI)
OPA606 BURR-BROWN-OPA606 Datasheet
132Kb / 9P
   Wide-Bandwidth Difet OPERATIONAL AMPLIFIER
OPA654 BURR-BROWN-OPA654 Datasheet
131Kb / 8P
   Wide Bandwidth, High Output Current Difet OPERATIONAL AMPLIFIER
logo
Analog Devices
AD9610 AD-AD9610_15 Datasheet
567Kb / 8P
   WIDE BANDWIDTH FAST SETTLING
logo
Intersil Corporation
HA-2540 INTERSIL-HA-2540_03 Datasheet
548Kb / 8P
   400MHz, Fast Settling Operational Amplifier
logo
Analog Devices
HOS-050 AD-HOS-050 Datasheet
1Mb / 6P
   Fast Settling Video Operational Amplifier
logo
Intersil Corporation
HA-2540 INTERSIL-HA-2540 Datasheet
518Kb / 7P
   400MHz, Fast Settling Operational Amplifier
September 1998
HA-5195 INTERSIL-HA-5195_04 Datasheet
318Kb / 9P
   150MHz, Fast Settling Operational Amplifier
logo
Fairchild Semiconductor
KH200 FAIRCHILD-KH200 Datasheet
361Kb / 5P
   Fast Settling, Wideband Operational Amplifier
logo
Maxim Integrated Produc...
MX3554 MAXIM-MX3554 Datasheet
241Kb / 6P
   Wideband Fast-Settling Operational Amplifier
Rev 1; 9/95
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com