Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA650UB Datasheet(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPA650UB
Description  Wideband, Low Power Voltage Feedback OPERATIONAL AMPLIFIER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA650UB Datasheet(HTML) 1 Page - Burr-Brown (TI)

  OPA650UB Datasheet HTML 1Page - Burr-Brown (TI) OPA650UB Datasheet HTML 2Page - Burr-Brown (TI) OPA650UB Datasheet HTML 3Page - Burr-Brown (TI) OPA650UB Datasheet HTML 4Page - Burr-Brown (TI) OPA650UB Datasheet HTML 5Page - Burr-Brown (TI) OPA650UB Datasheet HTML 6Page - Burr-Brown (TI) OPA650UB Datasheet HTML 7Page - Burr-Brown (TI) OPA650UB Datasheet HTML 8Page - Burr-Brown (TI) OPA650UB Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
®
OPA650
1
FEATURES
q LOW POWER: 50mW
q UNITY GAIN STABLE BANDWIDTH:
560MHz
q LOW HARMONICS: –77dBc at 5MHz
q FAST SETTLING TIME: 20ns to 0.01%
q LOW INPUT BIAS CURRENT: 5
µA
q DIFFERENTIAL GAIN/PHASE ERROR:
0.01%/0.03
°
q HIGH OUTPUT CURRENT: 85mA
DESCRIPTION
The OPA650 is a low power, wideband voltage feed-
back operational amplifier. It features a high band-
width of 560MHz as well as a 12-bit settling time of
only 20ns. The low distortion allows its use in commu-
nications applications, while the wide bandwidth and
true differential input stage make it suitable for use in
a variety of active filter applications. Its low distortion
gives exceptional performance for telecommunica-
tions, medical imaging and video applications.
The OPA650 is internally compensated for unity-gain
stability. This amplifier has a fully symmetrical differ-
ential input due to its “classical” operational amplifier
circuit architecture. Its unusual combination of speed,
accuracy and low power make it an outstanding choice
for many portable, multi-channel and other high speed
applications, where power is at a premium.
The OPA650 is also available in dual (OPA2650) and
quad (OPA4650) configurations.
Wideband, Low Power Voltage Feedback
OPERATIONAL AMPLIFIER
OPA650
®
APPLICATIONS
q HIGH RESOLUTION VIDEO
q BASEBAND AMPLIFIER
q CCD IMAGING AMPLIFIER
q ULTRASOUND SIGNAL PROCESSING
q ADC/DAC GAIN AMPLIFIER
q ACTIVE FILTERS
q HIGH SPEED INTEGRATORS
q DIFFERENTIAL AMPLIFIER
OPA650
OPA650
Current
Mirror
Output
Stage
C
C
Inverting
Input
Non-Inverting
Input
+V
S
Output
–V
S
International Airport Industrial Park • Mailing Address: PO Box 11400, Tucson, AZ 85734 • Street Address: 6730 S. Tucson Blvd., Tucson, AZ 85706 • Tel: (520) 746-1111 • Twx: 910-952-1111
Internet: http://www.burr-brown.com/ • FAXLine: (800) 548-6133 (US/Canada Only) • Cable: BBRCORP • Telex: 066-6491 • FAX: (520) 889-1510 • Immediate Product Info: (800) 548-6132
© 1994 Burr-Brown Corporation
PDS-1264F
Printed in U.S.A. March, 1998


Similar Part No. - OPA650UB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA650UB TI1-OPA650UB Datasheet
148Kb / 13P
[Old version datasheet]   Wideband, Low Power Voltage Feedback OPERATIONAL AMPLIFIER
More results

Similar Description - OPA650UB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA650 TI1-OPA650 Datasheet
148Kb / 13P
[Old version datasheet]   Wideband, Low Power Voltage Feedback OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA651 BURR-BROWN-OPA651 Datasheet
146Kb / 11P
   Wideband, Low Power Voltage Feedback OPERATIONAL AMPLIFIER
OPA2650 BURR-BROWN-OPA2650 Datasheet
215Kb / 12P
   Dual Wideband, Low Power Voltage Feedback OPERATIONAL AMPLIFIER
OPA4650 BURR-BROWN-OPA4650 Datasheet
235Kb / 13P
   Wideband, Low Power, Quad Voltage Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA4650 TI1-OPA4650 Datasheet
185Kb / 14P
[Old version datasheet]   Wideband, Low Power, Quad Voltage Feedback OPERATIONAL AMPLIFIER
OPA2650 TI1-OPA2650 Datasheet
169Kb / 13P
[Old version datasheet]   Dual Wideband, Low Power Voltage Feedback OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA640 BURR-BROWN-OPA640 Datasheet
190Kb / 13P
   Wideband Voltage Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA846 TI-OPA846 Datasheet
390Kb / 21P
[Old version datasheet]   Wideband, Low-Noise, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA846-DIE TI1-OPA846-DIE Datasheet
68Kb / 5P
[Old version datasheet]   WIDEBAND, LOW-NOISE, VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA641 BURR-BROWN-OPA641 Datasheet
106Kb / 13P
   Wideband Voltage Feedback OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com